Electronic Components Datasheet Search |
|
C931U472MZSDAA7317 Datasheet(PDF) 11 Page - Kemet Corporation |
|
C931U472MZSDAA7317 Datasheet(HTML) 11 Page - Kemet Corporation |
11 / 16 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1065_X1_440 VAC_Y2_300 VAC • 1/13/2017 11 Radial Leaded Ceramic Disc Capacitors Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade) Marking These capacitors shall be stamped or laser marked with KEMET's trademark, type designation, capacitor class, rated voltage, rated capacitance and capacitance tolerance codes. In addition, all devices are marked with the recognized approval mark and a date/lot code for traceability. Marking will be supplied either on one side or both sides of the encapsulated capacitor body. All marking shall be legible to allow for clear identification of the component. Marking appears in legible contrast. Illustrated below is an example of the marking format and content. (Two sided marking is limited to capacitors with body diameters ≤ 8.0 mm.) Single Sided UL approval mark VDE & ENEC approval marks IEC 60384-14 3rd (2005) Rated Capacitance (3 Numeric Characters) Capacitance Tolerance Code (1 Character) Capacitor Class and Rated Voltage KEMET ID Type Designation (2 Characters) Date/Lot Code (See Table Below) Double Sided Capacitor Class and Rated Voltage Front Back KEMET ID Type Designation (2 Characters) VDE & ENEC approval marks IEC 60384-14 3rd (2005) UL approval mark Date/Lot Code (See Table Below) Rated Capacitance (3 Numeric Characters) Capacitance Tolerance Code (1 Character) Date/Lot Code Explanation 6 C 6 1234 Last digit of year, e.g., 6 = 2016 Manufacturing Location Code Manufacturing Month: 1-9 = Jan - Sept A = October N = November D = December Last 4 digits of lot no. |
Similar Part No. - C931U472MZSDAA7317 |
|
Similar Description - C931U472MZSDAA7317 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |