Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C941U472MZSDAA7317 Datasheet(PDF) 8 Page - Kemet Corporation

Part # C941U472MZSDAA7317
Description  Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C941U472MZSDAA7317 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button C941U472MZSDAA7317 Datasheet HTML 4Page - Kemet Corporation C941U472MZSDAA7317 Datasheet HTML 5Page - Kemet Corporation C941U472MZSDAA7317 Datasheet HTML 6Page - Kemet Corporation C941U472MZSDAA7317 Datasheet HTML 7Page - Kemet Corporation C941U472MZSDAA7317 Datasheet HTML 8Page - Kemet Corporation C941U472MZSDAA7317 Datasheet HTML 9Page - Kemet Corporation C941U472MZSDAA7317 Datasheet HTML 10Page - Kemet Corporation C941U472MZSDAA7317 Datasheet HTML 11Page - Kemet Corporation C941U472MZSDAA7317 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1065_X1_440 VAC_Y2_300 VAC • 1/13/2017
8
Radial Leaded Ceramic Disc Capacitors
Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
Table 2 – Performance & Reliability: Test Methods and Conditions cont'd
Item
Specification
Test Method
High
Temperature
Life
Appearance
No visual defect
Impulse Voltage: Each individual capacitor is subjected to three 5
kv impulses prior to life testing.
PP
U
PR
U
Vp
0.9Vp
0.5Vp
tr
td
Time
td
(uS)
46
47
tr
(uS)
1.2
1.5
Cx
(uF)
0.01
0.1
Capacitors are placed in a circulating air oven for a period of
1,000 hours. The air in the oven is maintained at a temperature of
125°C ±2 throughout the test. The capacitors are subjected to AC
510 Vrms. Each hour the voltage is increased to 1,000 Vrms for
0.1 seconds.
Capacitance
Change
Y5P, Y5V and Y5U: Within ±20%
SL: Within ±3 or ±0.3 pF,
whichever is larger.
IR
3,000 MΩ minimum
SL: 1,000 MΩ minimum
Dielectric
Strength
No failures
Flame Test
The capacitor flame extinguishes as
follows:
Cycle
Time
1 ~ 4
30 seconds
maximum
5
60 seconds
maximum
The capacitor is exposed to a flame for 15 seconds and then
removed for 15 seconds. This test is repeated for 5 cycles.
76
Capacitor
Flame
38
127
20º
Gas Burner
(Unit:mm)
Active Flammability
The cheesecloth should not ignite.
The capacitors are individually wrapped in at least one, but not
more than two, complete layers of cheesecloth. They are then
subjected to 20 discharges. The interval between successive
discharges is 5 seconds. The VAC is maintained for 2 minutes
after the last discharge.
S1
Tr
Vac
S2
C1
L3
L4
C2
C3
CX
Ct
Vt
L1
F
R
Oscilloscope
L2
C
1, 2
1 μF ±10%
C
3
0.033 μF ±5% 10 kV
L
1-4
1.5 Mh ±20% 16A Rod core choke
Cx
Test capacitor
R
100±2%
V
AC
VR ±5%
Ct
3 μF ±5% 10 kV
V
R
Rated Voltage
F
Fuse, Rated 10A
Vt
Voltage applied to Ct
Vx
5kV
time
1
“Room Condition” is defined as follows: Temperature: 15 ~ 35°C/Humidity: 45 ~ 75%/Atmospheric Pressure: 86 ~ 106 kPa.


Similar Part No. - C941U472MZSDAA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C941U472MZVDBA7317 KEMET-C941U472MZVDBA7317_17 Datasheet
57Kb / 1P
   Ceramic, Safety, C900_Z, 4700 pF, 20%, Y5V, Lead Spacing = 10mm
More results

Similar Description - C941U472MZSDAA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C961U222MWWDAA7317 KEMET-C961U222MWWDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C931U101JVSDAA7317 KEMET-C931U101JVSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
C911U620JUSDAA7317 KEMET-C911U620JUSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 250 VAC (Industrial Grade)
C981U103MYVDAA7317 KEMET-C981U103MYVDAA7317 Datasheet
1Mb / 2P
   Safety Standard Recognized, 900 Series, Radial Disc, Encapsulated, X1 400 VAC / Y1 250 VAC (Industrial Grade)
C771U472MSWDAA7301 KEMET-C771U472MSWDAA7301 Datasheet
1Mb / 18P
   Safety Standard Recognized, C700, Encapsulated, KJN Type, X1 440/760 VAC/Y1 250/400/500 VAC (Industrial Grade)
10/25/2022
logo
Vishay Siliconix
VY2222M35Y5US63V7 VISHAY-VY2222M35Y5US63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2472M49Y5US63V7 VISHAY-VY2472M49Y5US63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2471K29Y5SS63V7 VISHAY-VY2471K29Y5SS63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2332M41Y5US6TV5 VISHAY-VY2332M41Y5US6TV5 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2222M35Y5US63V0 VISHAY-VY2222M35Y5US63V0 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com