Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C961U472MZSDAA7317 Datasheet(PDF) 10 Page - Kemet Corporation

Part # C961U472MZSDAA7317
Description  Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C961U472MZSDAA7317 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button C961U472MZSDAA7317 Datasheet HTML 6Page - Kemet Corporation C961U472MZSDAA7317 Datasheet HTML 7Page - Kemet Corporation C961U472MZSDAA7317 Datasheet HTML 8Page - Kemet Corporation C961U472MZSDAA7317 Datasheet HTML 9Page - Kemet Corporation C961U472MZSDAA7317 Datasheet HTML 10Page - Kemet Corporation C961U472MZSDAA7317 Datasheet HTML 11Page - Kemet Corporation C961U472MZSDAA7317 Datasheet HTML 12Page - Kemet Corporation C961U472MZSDAA7317 Datasheet HTML 13Page - Kemet Corporation C961U472MZSDAA7317 Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1065_X1_440 VAC_Y2_300 VAC • 1/13/2017 10
Radial Leaded Ceramic Disc Capacitors
Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
Soldering and Mounting Information
Soldering:
When soldering this product to a PCB/PWB, do not exceed the solder heat resistance specification of the capacitor.
Subjecting this product to excessive heating could reflow the solder joint between the lead and ceramic element and/or may
result in thermal shocks that can crack the ceramic element.
When soldering these capacitors with a soldering iron, it should be performed under the following conditions:
• Temperature of iron-tip: 400ºC maximum
• Soldering iron wattage: 50 W maximum
• Soldering time: 3.5 seconds maximum
Cleaning (ultrasonic cleaning):
To perform ultrasonic cleaning, observe the following conditions:
• Rinse bath capacity: Output of 20 watts per liter or less
• Rinsing time: 5 minute maximum
• Do not vibrate the PCB/PWB directly
• Excessive ultrasonic cleaning may lead to fatigue destruction of the lead wires
Construction
Detailed Cross Section
Epoxy Encapsulation
(0.4 mm Minimum Thickness,
Pigment = Blue/UL 94 V-0)
Lead Attach Solder
(Sn96.5/Ag3/Cu0.5)
Electrode
(Ag – Glass Frit)
Core Metal
Barrier Layer
Finish Layer
Steel
Cu
100% Sn
(3-7 µm)
Lead Wire
Dielectric
Material (BaTiO
3)
Lead Attach Solder
(Sn96.5/Ag3/Cu0.
Electrode
(Ag – Glass Frit)
Dielectric
Material
(BaTiO
3)


Similar Part No. - C961U472MZSDAA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C961U472MZWDBA7317 KEMET-C961U472MZWDBA7317 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_Z, 4700 pF, 20%, Y5U, Lead Spacing = 10mm
C961U472MZWDBA7317 KEMET-C961U472MZWDBA7317_17 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_Z, 4700 pF, 20%, Y5U, Lead Spacing = 10mm
More results

Similar Description - C961U472MZSDAA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C961U222MWWDAA7317 KEMET-C961U222MWWDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C931U101JVSDAA7317 KEMET-C931U101JVSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
C911U620JUSDAA7317 KEMET-C911U620JUSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 250 VAC (Industrial Grade)
C981U103MYVDAA7317 KEMET-C981U103MYVDAA7317 Datasheet
1Mb / 2P
   Safety Standard Recognized, 900 Series, Radial Disc, Encapsulated, X1 400 VAC / Y1 250 VAC (Industrial Grade)
C771U472MSWDAA7301 KEMET-C771U472MSWDAA7301 Datasheet
1Mb / 18P
   Safety Standard Recognized, C700, Encapsulated, KJN Type, X1 440/760 VAC/Y1 250/400/500 VAC (Industrial Grade)
10/25/2022
logo
Vishay Siliconix
VY2222M35Y5US63V7 VISHAY-VY2222M35Y5US63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2472M49Y5US63V7 VISHAY-VY2472M49Y5US63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2471K29Y5SS63V7 VISHAY-VY2471K29Y5SS63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2332M41Y5US6TV5 VISHAY-VY2332M41Y5US6TV5 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2222M35Y5US63V0 VISHAY-VY2222M35Y5US63V0 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com