Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1806X221ZANET Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF1806X221ZANET
Description  Surface Mount EMI Filters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF1806X221ZANET Datasheet(HTML) 2 Page - API Technologies Corp

  SF1806X221ZANET Datasheet HTML 1Page - API Technologies Corp SF1806X221ZANET Datasheet HTML 2Page - API Technologies Corp SF1806X221ZANET Datasheet HTML 3Page - API Technologies Corp SF1806X221ZANET Datasheet HTML 4Page - API Technologies Corp SF1806X221ZANET Datasheet HTML 5Page - API Technologies Corp SF1806X221ZANET Datasheet HTML 6Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
SM3
Surface Mount EMI Filters
Three Terminal Chips
Selection Guide
Bold Letter = High Current Applications
-* = Denotes Packaging Style. Replace with T for Tape and Reel or B for Bulk
† = Temperature Characteristic is +30/-80%
Rated Rated
IR
DC
Body Capacitance Capacitance Temp. Voltage Current (Megohms Resistance Operating
PartNumber Size (inpicofarad) Tolerance Charact. (VoltsDC) (AmpsDC) Min.) (ohmMax.) Temp.
SF0603C220SBNB-*
0603
22
+50/-20%
COG
50
0.3
10,000
0.3
-55/+125°C
SF0603C470SBNB-*
0603
47
+50/-20%
COG
50
0.3
10,000
0.3
-55/+125°C
SF0603C101SBNB-*
0603
100
+50/-20%
COG
50
0.3
10,000
0.3
-55/+125°C
SF0603C221SBNB-*
0603
220
+50/-20%
COG
50
0.3
10,000
0.3
-55/+125°C
SF0603X471SBNB-*
0603
470
+50/-20%
X7R
50
0.3
10,000
0.3
-55/+125°C
SF0603X102SBNB-*
0603
1,000
+50/-20%
X7R
50
0.3
10,000
0.3
-55/+125°C
SF0603X222SBNB-*
0603
2,200
+50/-20%
X7R
50
0.3
10,000
0.3
-55/+125°C
SF0603X223SANC-*
0603
22,000
+50/-20%
X7R
25
0.5
10,000
0.15
-55/+125°C
SF0603Y104MAND-* 0603 100,000
±20% Y5V† 25
1
1,000
0.08 -25/+85°C
SF0805C220SBNC-*
0805
22
+50/-20%
COG
50
0.4
10,000
0.3
-55/+125°C
SF0805C470SBNC-*
0805
47
+50/-20%
COG
50
0.4
10,000
0.3
-55/+125°C
SF0805C101SBNC-*
0805
100
+50/-20%
COG
50
0.4
10,000
0.3
-55/+125°C
SF0805C221SBNC-*
0805
220
+50/-20%
COG
50
0.4
10,000
0.3
-55/+125°C
SF0805X471SBNC-*
0805
470
+50/-20%
X7R
50
0.4
10,000
0.3
-55/+125°C
SF0805X102SBNC-*
0805
1,000
+50/-20%
X7R
50
0.4
10,000
0.3
-55/+125°C
SF0805X222SBNC-*
0805
2,200
+50/-20%
X7R
50
0.4
10,000
0.3
-55/+125°C
SF0805X223SBND-* 0805 22,000 +50/-20% X7R 50
1.0 10,000 0.08 -55/+125°C
SF1205C220SBNB-*
1205
22
+50/-20%
COG
50
0.3
10,000
0.3
-55/+125°C
SF1205C470SBNB-*
1205
47
+50/-20%
COG
50
0.3
10,000
0.3
-55/+125°C
SF1205C101SBNB-*
1205
100
+50/-20%
COG
50
0.3
10,000
0.3
-55/+125°C
SF1205C221SBNB-*
1205
220
+50/-20%
COG
50
0.3
10,000
0.3
-55/+125°C
SF1205X471SBNB-*
1205
470
+50/-20%
X7R
50
0.3
10,000
0.3
-55/+125°C
SF1205X102SBNB-*
1205
1,000
+50/-20%
X7R
50
0.3
10,000
0.3
-55/+125°C
SF1205X222SBNB-*
1205
2,200
+50/-20%
X7R
50
0.3
10,000
0.3
-55/+125°C
SF1205X223SBNB-*
1205
22,000
+50/-20%
X7R
50
0.3
10,000
0.3
-55/+125°C
SF1205X473SBND-* 1205 47,000 +50/-20% X7R 50
1.0
5,000
0.08 -55/+125°C
SF1806C220SDNB-*
1806
22
+50/-20%
COG
100
0.3
10,000
0.3
-55/+125°C
SF1806C470SDNB-*
1806
47
+50/-20%
COG
100
0.3
10,000
0.3
-55/+125°C
SF1806C101SDNB-*
1806
100
+50/-20%
COG
100
0.3
10,000
0.3
-55/+125°C
SF1806C221SDNB-*
1806
220
+50/-20%
COG
100
0.3
10,000
0.3
-55/+125°C
SF1806C471SDNB-*
1806
470
+50/-20%
COG
100
0.3
10,000
0.3
-55/+125°C
SF1806X102SDNB-*
1806
1,000
+50/-20%
X7R
100
0.3
10,000
0.3
-55/+125°C
SF1806X222SDNB-*
1806
2,200
+50/-20%
X7R
100
0.3
10,000
0.3
-55/+125°C
SF1806X103SDNB-*
1806
10,000
+50/-20%
X7R
100
0.3
10,000
0.3
-55/+125°C
SF1806X223SDNB-*
1806
22,000
+50/-20%
X7R
100
0.3
10,000
0.3
-55/+125°C
2AMPFILTER
SF1806Y224ZBNE-* 1806 220,000 +80/-20% Y5V† 50
2.0
1,000
0.04 -25/+85°C


Similar Part No. - SF1806X221ZANET

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF1806X222SDNB APITECH-SF1806X222SDNB Datasheet
2Mb / 21P
   Surface Mount EMI Filters
SF1806X223SDNB APITECH-SF1806X223SDNB Datasheet
2Mb / 21P
   Surface Mount EMI Filters
More results

Similar Description - SF1806X221ZANET

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
PSM1-101M-02B APITECH-PSM1-101M-02B Datasheet
2Mb / 21P
   Surface Mount EMI Filters
PSM1-402Z-10T0 APITECH-PSM1-402Z-10T0 Datasheet
2Mb / 21P
   Surface Mount EMI Filters
PSM1F-152M-10T0 APITECH-PSM1F-152M-10T0 Datasheet
2Mb / 21P
   Surface Mount EMI Filters
logo
Murata Manufacturing Co...
BLM11A471SGPT MURATA-BLM11A471SGPT Datasheet
178Kb / 4P
   SURFACE MOUNT EMI FILTERS CHIP FERRITE BEADS
logo
ECM Electronics Limited...
ECF45 ECM-ECF45 Datasheet
89Kb / 1P
   Surface Mount Crystal Filters
logo
Coilcraft lnc.
S3LP156L COILCRAFT-S3LP156L Datasheet
423Kb / 2P
   Surface Mount LC Filters
S3LP156LC COILCRAFT-S3LP156LC Datasheet
517Kb / 2P
   Surface Mount LC Filters
logo
Adam Technologies, Inc.
PLF3P4C ADAM-TECH-PLF3P4C Datasheet
163Kb / 1P
   EMI/RFI POWER LINE FILTERS PCB & CHASSIS MOUNT FILTERS
logo
API Technologies Corp
MSM APITECH-MSM Datasheet
123Kb / 1P
   Surface Mount Low Pass Filters
SSM-RSM APITECH-SSM-RSM Datasheet
189Kb / 2P
   Surface Mount Low Pass Filters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com