Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1206C221KDRACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1206C221KDRACTU
Description  Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 220 pF, /-10% Tol, 1000 V, X7R, 1206 (3216 metric)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C221KDRACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1206C221KDRACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 11/22/2016 - 353d6edb-8647-4763-a041-0fb701b5cab9
KEMET Part Number: C1206C221KDRACTU
(C1206C221KDRAC7800)
Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 220 pF, +/-10% Tol, 1000 V, X7R, 1206 (3216 metric)
Dimensions (mm)
Symbol
Dimension
Tolerance
L
3.2
+/-0.2
W
1.6
+/-0.2
T
1
+/-0.10
B
0.5
+/-0.25
Packaging Specifications
Package Kind: T&R
Package Size: 7 in/180 mm
Package Type: Plastic Tape
Package Quantity: 2500
General Information
Supplier: KEMET
Application: Standard Chip
Chip Size: 1206 (3216 metric)
Temperature Coefficient: X7R
Part Type Description: SMD, MLCC, High Voltage,
Temperature Stable
Termination Type: Tin (Sn)
Marked: No
RoHS: Yes
Specifications
Capacitance: 220 pF
Voltage: 1000 V
Tolerance: +/-10%
Temperature Range: -55/+125C
Dissipation Factor: 2.5%
Failure Rate: N/A
Aging Rate: 3% loss/decade hour
Insulation Resistance: 100 GOhm
Dielectric Strength: 1200 V
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
© 2006-2016 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1206C221KDRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C221KDRACAUTO KEMET-C1206C221KDRACAUTO Datasheet
71Kb / 1P
   SMD Auto X7R HV, Ceramic, 220 pF, 10%, 1,000 V, X7R, SMD, MLCC, High Voltage, Temperature Stable, Automotive Grade, 1206
More results

Similar Description - C1206C221KDRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C221KCRACTU KEMET-C1206C221KCRACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 220 pF, /-10% Tol, 500 V, X7R, 1206 (3216 metric)
C1206C221KGRACTU KEMET-C1206C221KGRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 220 pF, /-10% Tol, 2000 V, X7R, 1206 (3216 metric)
C1206C152KDRACTU KEMET-C1206C152KDRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 1500 pF, /-10% Tol, 1000 V, X7R, 1206 (3216 metric)
C1206C471KDRACTU KEMET-C1206C471KDRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 470 pF, /-10% Tol, 1000 V, X7R, 1206 (3216 metric)
C1206C472KDRACTU KEMET-C1206C472KDRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 4700 pF, /-10% Tol, 1000 V, X7R, 1206 (3216 metric)
C1206C102KBRACTU KEMET-C1206C102KBRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 1000 pF, /-10% Tol, 630 V, X7R, 1206 (3216 metric)
C1206C101KDRACTU KEMET-C1206C101KDRACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 100 pF, /-10% Tol, 1000 V, X7R, 1206 (3216 metric)
C1206C102KFRACTU KEMET-C1206C102KFRACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 1000 pF, /-10% Tol, 1500 V, X7R, 1206 (3216 metric)
C1206C102MGRACTU KEMET-C1206C102MGRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 1000 pF, /-20% Tol, 2000 V, X7R, 1206 (3216 metric)
C1206C102JGRACTU KEMET-C1206C102JGRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 1000 pF, /-5% Tol, 2000 V, X7R, 1206 (3216 metric)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com