Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSC31150GEC Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ZSC31150GEC
Description  Fast Automotive Sensor Signal Conditioner
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31150GEC Datasheet(HTML) 5 Page - Integrated Device Technology

  ZSC31150GEC Datasheet HTML 1Page - Integrated Device Technology ZSC31150GEC Datasheet HTML 2Page - Integrated Device Technology ZSC31150GEC Datasheet HTML 3Page - Integrated Device Technology ZSC31150GEC Datasheet HTML 4Page - Integrated Device Technology ZSC31150GEC Datasheet HTML 5Page - Integrated Device Technology ZSC31150GEC Datasheet HTML 6Page - Integrated Device Technology ZSC31150GEC Datasheet HTML 7Page - Integrated Device Technology ZSC31150GEC Datasheet HTML 8Page - Integrated Device Technology ZSC31150GEC Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
ZSC31150 Datasheet
© 2016 Integrated Device Technology, Inc.
5
December 6, 2016
1.
Electrical Characteristics
1.1 Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. The ZSC31150 might not function or be operable above the recommended operating
conditions. Stresses exceeding the absolute maximum ratings might also damage the device. In addition, extended exposure to stresses
above the recommended operating conditions might affect device reliability. IDT does not recommend designing to the “Absolute Maximum
Ratings.”
Parameters apply in operation temperature range and without time limitations.
Table 1.1 Absolute Maximum Ratings
No.
Parameter
Symbol
Conditions
Min
Max
Unit
1.1.1
Supply voltage [a]
VDDE
To VSSE.
-33
33
VDC
1.1.2
Potential at the AOUT pin [a]
VOUT
Relative to VSSE.
-33
33
VDC
1.1.3
Analog supply voltage [a]
VDDA
Relative to VSSA.
VDDE - VDDA < 0.35V
-0.3
6.5
VDC
1.1.4
Voltage at all analog and
digital IO pins
VA_IO
VD_IO
Relative to VSSA.
-0.3
VDDA + 0.3
VDC
1.1.5
Storage temperature
TSTG
-55
150
C
[a] Refer to the ZSC31150 Technical Note – High Voltage Protection for specification and detailed conditions for high voltage protection.
1.2 Operating Conditions
All voltages are related to VSSA. See important table notes at the end of the table.
Table 1.2 Operating Conditions
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.2.1
TQE ambient temperature range
for part numbers ZSC31150xExx[a]
TAMB_TQE
TQE
-40
150
C
TQA ambient temperature range
for part numbers
ZSC31150xAxx[b]
TAMB_TQA
TQA
-40
125
C
TQI ambient temperature range
for advanced performance[b]
TAMB_TQI
TQI
-25
85
C
1.2.2
Supply voltage
VDDE
4.5
5.0
5.5
VDC
1.2.3
Bridge resistance—Bridge Voltage
Mode[b], [c]
RBR_V
2
25
k
1.2.4
Bridge resistance—Bridge Current
Excitation Mode[b], [c]
RBR_C
See specification 1.2.6 for
IBR_MAX
10
k
1.2.5
Current reference resistor[b],[d]
RIBR
IBR = VDDA / (16 * RIBR)
0.07 * RBR
k
1.2.6
Maximum bridge current
IBR_MAX
2
mA


Similar Part No. - ZSC31150GEC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSC31150GEC ETC2-ZSC31150GEC Datasheet
776Kb / 26P
   Fast Automotive Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSC31150GEC RENESAS-ZSC31150GEC Datasheet
771Kb / 27P
   Fast Automotive Sensor Signal Conditioner
More results

Similar Description - ZSC31150GEC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSC31150 ETC2-ZSC31150 Datasheet
663Kb / 25P
   Fast Automotive Sensor Signal Conditioner
ZSC31150 ETC2-ZSC31150_12 Datasheet
776Kb / 26P
   Fast Automotive Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSC31150 RENESAS-ZSC31150 Datasheet
771Kb / 27P
   Fast Automotive Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31150 ZMD-ZMD31150 Datasheet
514Kb / 17P
   Fast Automotive Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31150FEG1 ETC2-ZSC31150FEG1 Datasheet
614Kb / 24P
   Fast Automotive Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31035 ZMD-ZMD31035 Datasheet
453Kb / 2P
   Automotive Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC4151 IDT-ZSSC4151 Datasheet
205Kb / 13P
   Automotive Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX1455 MAXIM-MAX1455 Datasheet
290Kb / 25P
   Low-Cost Automotive Sensor Signal Conditioner
Rev 1; 10/01
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com