Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSC31015EAC Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ZSC31015EAC
Description  Analog Output Sensor Signal Conditioner with Diagnostic Features
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31015EAC Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ZSC31015EAC Datasheet HTML 4Page - Integrated Device Technology ZSC31015EAC Datasheet HTML 5Page - Integrated Device Technology ZSC31015EAC Datasheet HTML 6Page - Integrated Device Technology ZSC31015EAC Datasheet HTML 7Page - Integrated Device Technology ZSC31015EAC Datasheet HTML 8Page - Integrated Device Technology ZSC31015EAC Datasheet HTML 9Page - Integrated Device Technology ZSC31015EAC Datasheet HTML 10Page - Integrated Device Technology ZSC31015EAC Datasheet HTML 11Page - Integrated Device Technology ZSC31015EAC Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
© 2016 Integrated Device Technology, Inc
8
November 14, 2016
ZSC31015 Datasheet
1.3.
Electrical Parameters
See important table notes at the end of the table. Note: For parameters marked with an asterisk, there is no
verification in mass production; the parameter is guaranteed by design and/or quality observation.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.3.1.
Supply/Regulation Characteristics
Supply Voltage
VDD
2.7
5.0
5.5
V
Supply Current (varies with
update rate and output mode)
IDD
At minimum update rate
0.25
mA
At maximum update rate
1.0
1.4
Temperature Coefficient
– PTAT
Source *
TCPTAT
20
100
ppm/K
Power Supply Rejection Ratio *
PSRR
60
dB
Power-On Reset Level
POR
1.4
2.6
V
1.3.2.
Parameters for Analog Front-End (AFE)
Leakage Current Pin VBP,VBN
IIN_LEAK
Sensor connection and short
check must be disabled.
10
nA
1.3.3.
Parameters for EEPROM
Number Write Cycles
nWRI_EEP
At 150
C
100
Cycles
At 85
C
100k
Cycles
Data Retention
tWRI_EEP
At 100
C
10
Years
1.3.4.
Parameters for A/D Converter
ADC Resolution
rADC
14
Bit
Integral Nonlinearity (INL)
1)
INLADC
Based on ideal slope
-4
+4
LSB
Differential Nonlinearity (DNL) *
DNLADC
-1
+1
LSB
1.3.5.
Parameters for Analog Output (DAC and Buffer)
Max. Output Current
IOUT
Max. current maintaining
accuracy
2.2
mA
Resolution
Res
Referenced to VDD
12
Bit
Absolute Error
EABS
DAC input to output
±0.2%
VDD
Differential Nonlinearity *
DNL
No missing codes
-0.9
+3.0
LSB12Bit
Upper Output Voltage Limit
VOUT
RL = 5 k
95%
VDD
Lower Output Voltage Limit
VOUT
With 5k
 pull down, 0 to1V
output
16.5mV
mV
Output Short Circuit
Protection Limit
ISC
Depends on operating conditions.
Short circuit protection must be
enabled via Diag_cfg
(EEPROM word [102:100]).
See section 2.4.2.
3
40
mA
Analog Output Noise
Peak-to-Peak
VNOISE,PP
Shorted input
5
±1LSB
mV


Similar Part No. - ZSC31015EAC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSC31015EAC RENESAS-ZSC31015EAC Datasheet
1Mb / 53P
   RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
More results

Similar Description - ZSC31015EAC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSC31015 RENESAS-ZSC31015 Datasheet
1Mb / 53P
   RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
logo
List of Unclassifed Man...
ZSC31015 ETC2-ZSC31015 Datasheet
1Mb / 53P
   RBicdLite Analog Output Sensor Signal Conditioner with Diagnostic Features
logo
Integrated Device Techn...
ZSC31010 IDT-ZSC31010 Datasheet
436Kb / 43P
   Analog Output Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC4151 RENESAS-ZSSC4151 Datasheet
641Kb / 14P
   Automotive Sensor Signal Conditioner with Analog Output
ZSSC4151C RENESAS-ZSSC4151C Datasheet
1Mb / 33P
   Automotive Sensor Signal Conditioner with Analog Output
March 25, 2020
ZSC31010 RENESAS-ZSC31010 Datasheet
575Kb / 44P
   RBicLiteTM Analog Output Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3154 IDT-ZSSC3154 Datasheet
341Kb / 28P
   Automotive Sensor Signal Conditioner with Dual Analog Output
logo
Renesas Technology Corp
ZSSC3154 RENESAS-ZSSC3154 Datasheet
654Kb / 29P
   Automotive Sensor Signal Conditioner with Dual Analog Output
logo
List of Unclassifed Man...
ZSSC3154 ETC2-ZSSC3154 Datasheet
1Mb / 24P
   Automotive Sensor Signal Conditioner with Dual Analog Output
logo
Zentrum Mikroelektronik...
ZSC31014 ZMD-ZSC31014 Datasheet
239Kb / 2P
   Digital Output Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com