Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSC31014EIB Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ZSC31014EIB
Description  Digital Output Sensor Signal Conditioner
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31014EIB Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ZSC31014EIB Datasheet HTML 6Page - Integrated Device Technology ZSC31014EIB Datasheet HTML 7Page - Integrated Device Technology ZSC31014EIB Datasheet HTML 8Page - Integrated Device Technology ZSC31014EIB Datasheet HTML 9Page - Integrated Device Technology ZSC31014EIB Datasheet HTML 10Page - Integrated Device Technology ZSC31014EIB Datasheet HTML 11Page - Integrated Device Technology ZSC31014EIB Datasheet HTML 12Page - Integrated Device Technology ZSC31014EIB Datasheet HTML 13Page - Integrated Device Technology ZSC31014EIB Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
ZSC31014 Datasheet
© 2016 Integrated Device Technology, Inc.
10
January 20, 2016
1.4.2.
Sleep Mode Current Consumption
Figure 1.3
Sleep Mode Current Consumption
1.5. Analog Input versus Output Resolution
The ZSC31014 has a fully differential chopper-stabilized preamplifier with 8 programmable gain settings through a
14-bit analog-to-digital converter (ADC). The resolution of the output depends on the input span (bridge
sensitivity) and the analog gain setting programmed. Analog gains available are 1.5, 3, 6, 12, 24, 48, 96, and
192.*
Table 1.4 gives the guaranteed minimum resolution for a given bridge sensitivity range for the eight analog gain
settings. At higher analog gain settings, there will be higher output resolution, but the ability of the ASIC to handle
large offsets decreases. This is expected because the offset is also amplified by the analog gain and can
therefore saturate the ADC input.
* For previous silicon revision A, the available analog gain settings are 1, 3, 5, 15, 24, 40, 72, and 120. See ZSC31014_AFE_Settings.xls for
table values for revision A.
Sleep IDD at Vdd = 5.5V with 3 Sigma
0.100
1.000
10.000
100.000
-50.000
0.000
50.000
100.000
150.000
Temperature (°C)
Sleep IDD at VDD = 5.5V with 3 Sigma


Similar Part No. - ZSC31014EIB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSC31014EIB RENESAS-ZSC31014EIB Datasheet
1Mb / 59P
   RBicilite??Digital Output Sensor Signal Conditioner
More results

Similar Description - ZSC31014EIB

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZSC31014 ZMD-ZSC31014 Datasheet
239Kb / 2P
   Digital Output Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSC31014 RENESAS-ZSC31014 Datasheet
1Mb / 59P
   RBicilite??Digital Output Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSC31010 IDT-ZSC31010 Datasheet
436Kb / 43P
   Analog Output Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSC31010 RENESAS-ZSC31010 Datasheet
575Kb / 44P
   RBicLiteTM Analog Output Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
   SENSOR SIGNAL CONDITIONER
logo
Renesas Technology Corp
ZSSC4151 RENESAS-ZSSC4151 Datasheet
641Kb / 14P
   Automotive Sensor Signal Conditioner with Analog Output
ZSSC4151C RENESAS-ZSSC4151C Datasheet
1Mb / 33P
   Automotive Sensor Signal Conditioner with Analog Output
March 25, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com