Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSC31050MCSV1P1 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ZSC31050MCSV1P1
Description  Advanced Differential Sensor Signal Conditioner
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31050MCSV1P1 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ZSC31050MCSV1P1 Datasheet HTML 5Page - Integrated Device Technology ZSC31050MCSV1P1 Datasheet HTML 6Page - Integrated Device Technology ZSC31050MCSV1P1 Datasheet HTML 7Page - Integrated Device Technology ZSC31050MCSV1P1 Datasheet HTML 8Page - Integrated Device Technology ZSC31050MCSV1P1 Datasheet HTML 9Page - Integrated Device Technology ZSC31050MCSV1P1 Datasheet HTML 10Page - Integrated Device Technology ZSC31050MCSV1P1 Datasheet HTML 11Page - Integrated Device Technology ZSC31050MCSV1P1 Datasheet HTML 12Page - Integrated Device Technology ZSC31050MCSV1P1 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
ZSC31050 Datasheet
© 2017 Integrated Device Technology, Inc.
9
February 13, 2017
1.4
Electrical Parameters
Unless otherwise noted, voltages are relative to VSS and analog-to-digital conversion = 2nd order, resolution = 13 bits, gain
210,
fclk2.25MHz.
Note: See important notes at the end of the table.
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.4.1
Supply/Regulation
1.4.1.1
Supply current
ISUPP
Without bridge and load current,
bias adjustment
 4, fCLK  2.4MHz
2.5
4
mA
1.4.1.2
Supply current for current
loop
ISUPP_CL
Without bridge current,
fCLK  1.2MHz,
bias [a] adjustment
 1
2.0
2.75
mA
1.4.1.3
Temperature coefficient
voltage reference *
TCREF
-200
±50
200
ppm/K
1.4.2
Analog Front End
1.4.2.1
Parasitic differential input
offset current *
IIN_OFF
Temperature range =
TAMB_TQI (-40 to 85C)
-2 to -10
2 to 10
nA
1.4.3
DAC and Analog Output (OUT Pin)
1.4.3.1
Output signal range [b]
VOUT_SR
Voltage Mode, RLOAD > 2KΩ
VDDAADV
Temperature range = TAMB_TQI
0.025
0.975
VDDA
1.4.3.2
Output DNL
DNLOUT
VDDAADV
Temperature range = TAMB_TQI
0.95
LSB
1.4.3.3
Output INL [c]
INLOUT
4
LSB
1.4.3.4
Output slew rate *
SROUT
Voltage Mode
Load capacitance < 20nF
Using conditions of 1.4.3.1
0.1
V/
s
1.4.3.5
Short circuit current *
IOUT_max
5
10
20
mA
1.4.3.6
Addressable output signal
range *
VOUT_ADR
2048 steps
0
1
VDDA
1.4.4
PWM Output (OUT Pin, IO1 Pin)
1.4.4.1
PWM high voltage
VPWM_H
Load resistance > 10k
0.9
VDDA
1.4.4.2
PWM low voltage
VPWM_L
Load resistance > 10k
0.1
VDDA
1.4.4.3
PWM output slew rate *
SRPWM
Load capacitance < 1nF
15
V/
s
1.4.5
Temperature Sensors (IR_TEMP Pin)
1.4.5.1
Sensitivity external diode /
resistor measurement
STTS_E
At rADC = 13 bits
75
210
µV/LSB


Similar Part No. - ZSC31050MCSV1P1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSC31050 ETC2-ZSC31050 Datasheet
730Kb / 32P
   Advanced Differential Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSC31050 RENESAS-ZSC31050 Datasheet
442Kb / 30P
   Advanced Differential Sensor Signal Conditioner
ZSC31050 RENESAS-ZSC31050 Datasheet
821Kb / 31P
   Advanced Differential Sensor Signal Conditioner
January 14, 2022
logo
List of Unclassifed Man...
ZSC31050FEB ETC2-ZSC31050FEB Datasheet
730Kb / 32P
   Advanced Differential Sensor Signal Conditioner
ZSC31050FEC ETC2-ZSC31050FEC Datasheet
730Kb / 32P
   Advanced Differential Sensor Signal Conditioner
More results

Similar Description - ZSC31050MCSV1P1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSC31050 ETC2-ZSC31050 Datasheet
730Kb / 32P
   Advanced Differential Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSC31050 RENESAS-ZSC31050 Datasheet
442Kb / 30P
   Advanced Differential Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31050D ZMD-ZMD31050D Datasheet
328Kb / 20P
   Advanced Differential Sensor Signal Conditioner
ZMD31050 ZMD-ZMD31050 Datasheet
431Kb / 20P
   Advanced Differential Sensor Signal Conditioner
ZMD31050 ZMD-ZMD31050_09 Datasheet
423Kb / 23P
   Advanced Differential Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSC31050 RENESAS-ZSC31050_V01 Datasheet
821Kb / 31P
   Advanced Differential Sensor Signal Conditioner
January 14, 2022
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
   SENSOR SIGNAL CONDITIONER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com