Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSC31015KIT Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ZSC31015KIT
Description  Analog Output Sensor Signal Conditioner with Diagnostic Features
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31015KIT Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ZSC31015KIT Datasheet HTML 6Page - Integrated Device Technology ZSC31015KIT Datasheet HTML 7Page - Integrated Device Technology ZSC31015KIT Datasheet HTML 8Page - Integrated Device Technology ZSC31015KIT Datasheet HTML 9Page - Integrated Device Technology ZSC31015KIT Datasheet HTML 10Page - Integrated Device Technology ZSC31015KIT Datasheet HTML 11Page - Integrated Device Technology ZSC31015KIT Datasheet HTML 12Page - Integrated Device Technology ZSC31015KIT Datasheet HTML 13Page - Integrated Device Technology ZSC31015KIT Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
© 2016 Integrated Device Technology, Inc
10
November 14, 2016
ZSC31015 Datasheet
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Overall Accuracy
– Digital
(only IC, without sensor bridge)
ACoutD
-25°C to 85°C
0.1%
%FSO
-50°C to 150°C
0.25%
Overall Accuracy
– Analog
3), 4)
(only IC, without sensor bridge)
ACoutA
-25°C to 85°C
0.25%
%FSO
-40°C to 125°C
0.35%
-50°C to 150°C
0.5%
1)
Note: This is
 4 LSBs for the 14-bit A-to-D conversion. This results in absolute accuracy to 12-bits on the A-to-D result. Non-linearity is typically better at
temperatures less than 125°C.
2)
When using a pull-down resistor as the load resistor, the power loss detection diagnostic for loss of VSS cannot be assured at RL=5kΩ; RL=10kΩ is
recommended for this configuration.
3)
Not included is the quantization noise of the DAC. The 12-bit DAC has a quantization noise of
 ½ LSB = 0.61mV (@ 5V VDD) = 0.0125%.
4)
Analog output range 2.5% to 95%
1.4.
Analog Inputs versus Output Resolution
The ZSC31015 has a fully differential chopper-stabilized pre-amplifier with four programmable gain settings. The
output of the pre-amplifier feeds into a 14-bit charge-balanced ADC. Span, offset, temperature, and non-linearity
correction are performed in the digital domain. Then the resulting corrected bridge value can be output in analog
form through a 12-bit DAC or as a 16-bit serial digital packet. The resolution of the output depends on the input
span (bridge sensitivity) and the analog gain setting programmed. Digital gains can vary from [0,32). Analog gains
available are 6, 24, 48, and 96.
Note: At higher analog gain settings, there will be higher output resolution, but the ability of the ZSC31015 to
handle large offsets decreases. This is expected because the offset is also amplified by the analog gain and can
therefore saturate the ADC input.
The following tables outline the guaranteed minimum resolution for a given bridge sensitivity range.
Table 1.1
ADC Resolution Characteristics for an Analog Gain of 6
Analog Gain 6
Input Span [mV/V]
Allowed Offset
(+/- % of Span)
1
Minimum Guaranteed
Resolution [Bits]
Min
Typ
Max
57.8
80.0
105.8
38%
12.4
50.6
70.0
92.6
53%
12.2
43.4
60.0
79.4
73%
12.0
36.1
50.0
66.1
101%
11.7
28.9
40.0
52.9
142%
11.4
21.7
30.0
39.7
212%
11.4
1)
In addition to Tco, Tcg.


Similar Part No. - ZSC31015KIT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSC31015KIT ETC2-ZSC31015KIT Datasheet
1Mb / 53P
   RBicdLite Analog Output Sensor Signal Conditioner with Diagnostic Features
logo
Renesas Technology Corp
ZSC31015KIT RENESAS-ZSC31015KIT Datasheet
1Mb / 53P
   RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
More results

Similar Description - ZSC31015KIT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSC31015 RENESAS-ZSC31015 Datasheet
1Mb / 53P
   RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
logo
List of Unclassifed Man...
ZSC31015 ETC2-ZSC31015 Datasheet
1Mb / 53P
   RBicdLite Analog Output Sensor Signal Conditioner with Diagnostic Features
logo
Integrated Device Techn...
ZSC31010 IDT-ZSC31010 Datasheet
436Kb / 43P
   Analog Output Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC4151 RENESAS-ZSSC4151 Datasheet
641Kb / 14P
   Automotive Sensor Signal Conditioner with Analog Output
ZSSC4151C RENESAS-ZSSC4151C Datasheet
1Mb / 33P
   Automotive Sensor Signal Conditioner with Analog Output
March 25, 2020
ZSC31010 RENESAS-ZSC31010 Datasheet
575Kb / 44P
   RBicLiteTM Analog Output Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3154 IDT-ZSSC3154 Datasheet
341Kb / 28P
   Automotive Sensor Signal Conditioner with Dual Analog Output
logo
Renesas Technology Corp
ZSSC3154 RENESAS-ZSSC3154 Datasheet
654Kb / 29P
   Automotive Sensor Signal Conditioner with Dual Analog Output
logo
List of Unclassifed Man...
ZSSC3154 ETC2-ZSSC3154 Datasheet
1Mb / 24P
   Automotive Sensor Signal Conditioner with Dual Analog Output
logo
Zentrum Mikroelektronik...
ZSC31014 ZMD-ZSC31014 Datasheet
239Kb / 2P
   Digital Output Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com