Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1455EVBK Datasheet(PDF) 7 Page - Integrated Device Technology

Part # F1455EVBK
Description  TX Digital VGA
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1455EVBK Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button F1455EVBK Datasheet HTML 3Page - Integrated Device Technology F1455EVBK Datasheet HTML 4Page - Integrated Device Technology F1455EVBK Datasheet HTML 5Page - Integrated Device Technology F1455EVBK Datasheet HTML 6Page - Integrated Device Technology F1455EVBK Datasheet HTML 7Page - Integrated Device Technology F1455EVBK Datasheet HTML 8Page - Integrated Device Technology F1455EVBK Datasheet HTML 9Page - Integrated Device Technology F1455EVBK Datasheet HTML 10Page - Integrated Device Technology F1455EVBK Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
F1455 Datasheet
© 2016 Integrated Device Technology, Inc
7
October 19, 2016
Electrical Characteristics - RF
See Typical Application Circuit. Unless otherwise stated, specifications apply when operated as a TX VGA, VCC = +5.0 V, FRF = 1.88 GHz,
TCASE = +25 °C, /STBY = High, ZS = ZL = 50 , maximum gain setting. Evaluation Kit trace and connector losses are de-embedded.
Table 5. Electrical Characteristics
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
RF Input Return Loss
RLRFIN
15
dB
RF Output Return Loss
RLRFOUT
13
dB
Gain - Max Gain Setting
GMAX
31.0 [a]
32.8
34.6
dB
Gain - Min Gain Setting
GMIN
Max attenuation
1.0
2.8
4.6
dB
Gain Flatness
GFLAT
FRF = 1800 MHz to 2200 MHz
0.7 [c]
dB
Noise Figure
NF
0 dB attenuation
3.9
dB
10 dB attenuation
6.8
20 dB attenuation
13.4
29.5 dB attenuation
22.6
Output Third Order Intercept Point
OIP3
0 dB attenuation
Pout = +7 dBm / tone
5 MHz tone separation
38.5
dBm
6 dB attenuation
Pin = -21 dBm / tone
5 MHz tone separation
38.3
10 dB attenuation
Pin = -21 dBm / tone
5 MHz tone separation
35
38
20 dB attenuation
Pin = -21 dBm / tone
5 MHz tone separation
33.6
29.5 dB attenuation
Pin = -21 dBm / tone
5 MHz tone separation
23
Output 1dB Compression Point
OP1dB
0 dB attenuation
23.4
dBm
0 dB attenuation,
TCASE = +105 °C
22.8
6 dB attenuation
21.5
23.3
a. Items in min/max columns in bold italics are Guaranteed by Test.
b. Items in min/max columns that are not bold/italics are Guaranteed by Design Characterization.
c. Includes a positive slope feature over the noted RF range to compensate for typical system roll-off.


Similar Part No. - F1455EVBK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1455EVBK RENESAS-F1455EVBK Datasheet
4Mb / 28P
   TX Digital VGA 1400 MHz to 2300 MHz
More results

Similar Description - F1455EVBK

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1456 IDT-F1456 Datasheet
5Mb / 28P
   TX Digital VGA
logo
Renesas Technology Corp
F1451 RENESAS-F1451 Datasheet
9Mb / 26P
   TX Digital VGA 450MHz to 1100MHz
F1455 RENESAS-F1455 Datasheet
4Mb / 28P
   TX Digital VGA 1400 MHz to 2300 MHz
F1456 RENESAS-F1456 Datasheet
9Mb / 30P
   TX Digital VGA 1500 MHz to 2950 MHz
Feb 16, 2022
logo
Integrated Device Techn...
F1451 IDT-F1451 Datasheet
7Mb / 28P
   TX Digital VGA 700 MHz to 1100 MHz
logo
United Monolithic Semic...
CHA4102-QEG UMS-CHA4102-QEG_15 Datasheet
758Kb / 16P
   S band Digital VGA
logo
STMicroelectronics
STV0672 STMICROELECTRONICS-STV0672 Datasheet
25Kb / 2P
   USB VGA Digital Camera Chipset
logo
Pixart Imaging Inc.
PAS6311LT PIXART-PAS6311LT Datasheet
506Kb / 18P
   CMOS VGA DIGITAL IMAGE SESNSOR
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6337 PIXART-PAS6337 Datasheet
557Kb / 18P
   CMOS VGA DIGITAL IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com