Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1455EVBK Datasheet(PDF) 10 Page - Integrated Device Technology

Part # F1455EVBK
Description  TX Digital VGA
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1455EVBK Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button F1455EVBK Datasheet HTML 6Page - Integrated Device Technology F1455EVBK Datasheet HTML 7Page - Integrated Device Technology F1455EVBK Datasheet HTML 8Page - Integrated Device Technology F1455EVBK Datasheet HTML 9Page - Integrated Device Technology F1455EVBK Datasheet HTML 10Page - Integrated Device Technology F1455EVBK Datasheet HTML 11Page - Integrated Device Technology F1455EVBK Datasheet HTML 12Page - Integrated Device Technology F1455EVBK Datasheet HTML 13Page - Integrated Device Technology F1455EVBK Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
F1455 Datasheet
© 2016 Integrated Device Technology, Inc
10
October 19, 2016
Typical Performance Characteristics
Figure 9. Gain vs. Freq [+25 °C, All States]
Figure 10. Gain vs. Atten over Temp and
Voltage [1.88 GHz]
Figure 11. Worse Case Attenuator Absolute
Accuracy vs. Freq [All parameters]
Figure 12. Attenuator Absolute Accuracy vs.
Atten over Temp and Voltage [1.88 GHz]
Figure 13. Worse Case Step Accuracy vs. Freq
[All parameters]
Figure 14. Step Accuracy vs. Atten over Temp
and Voltage [1.88 GHz]
0
5
10
15
20
25
30
35
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
Frequency (GHz)
0
5
10
15
20
25
30
35
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
Attenuation (dB)
-40 C / +4.75 V
-40 C / +5.00 V
-40 C / +5.25 V
+25 C / +4.75 V
+25 C / +5.00 V
+25 C / +5.25 V
+105 C / +4.75 V
+105 C / +5.00 V
+105 C / +5.25 V
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
Frequency (GHz)
Min
Max
The maximum and minimum values at any given
frequency is calculated over temperature,
voltage, and attenuation settings.
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
Attenuation (dB)
-40 C / +4.75 V
-40 C / +5.00 V
-40 C / +5.25 V
+25 C / +4.75 V
+25 C / +5.00 V
+25 C / +5.25 V
+105 C / +4.75 V
+105 C / +5.00 V
+105 C / +5.25 V
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
Frequency (GHz)
Min
Max
The maximum and minimum values at any given
frequency is calculated over temperature,
voltage, and attenuation settings.
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
Attenuation (dB)
-40 C / +4.75 V
-40 C / +5.00 V
-40 C / +5.25 V
+25 C / +4.75 V
+25 C / +5.00 V
+25 C / +5.25 V
+105 C / +4.75 V
+105 C / +5.00 V
+105 C / +5.25 V


Similar Part No. - F1455EVBK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1455EVBK RENESAS-F1455EVBK Datasheet
4Mb / 28P
   TX Digital VGA 1400 MHz to 2300 MHz
More results

Similar Description - F1455EVBK

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1456 IDT-F1456 Datasheet
5Mb / 28P
   TX Digital VGA
logo
Renesas Technology Corp
F1451 RENESAS-F1451 Datasheet
9Mb / 26P
   TX Digital VGA 450MHz to 1100MHz
F1455 RENESAS-F1455 Datasheet
4Mb / 28P
   TX Digital VGA 1400 MHz to 2300 MHz
F1456 RENESAS-F1456 Datasheet
9Mb / 30P
   TX Digital VGA 1500 MHz to 2950 MHz
Feb 16, 2022
logo
Integrated Device Techn...
F1451 IDT-F1451 Datasheet
7Mb / 28P
   TX Digital VGA 700 MHz to 1100 MHz
logo
United Monolithic Semic...
CHA4102-QEG UMS-CHA4102-QEG_15 Datasheet
758Kb / 16P
   S band Digital VGA
logo
STMicroelectronics
STV0672 STMICROELECTRONICS-STV0672 Datasheet
25Kb / 2P
   USB VGA Digital Camera Chipset
logo
Pixart Imaging Inc.
PAS6311LT PIXART-PAS6311LT Datasheet
506Kb / 18P
   CMOS VGA DIGITAL IMAGE SESNSOR
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6337 PIXART-PAS6337 Datasheet
557Kb / 18P
   CMOS VGA DIGITAL IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com