Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R0.5S-D Datasheet(PDF) 7 Page - Recom International Power

Part # R0.5S-D
Description  Approved for Medical Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R0.5S-D Datasheet(HTML) 7 Page - Recom International Power

  R0.5S-D Datasheet HTML 1Page - Recom International Power R0.5S-D Datasheet HTML 2Page - Recom International Power R0.5S-D Datasheet HTML 3Page - Recom International Power R0.5S-D Datasheet HTML 4Page - Recom International Power R0.5S-D Datasheet HTML 5Page - Recom International Power R0.5S-D Datasheet HTML 6Page - Recom International Power R0.5S-D Datasheet HTML 7Page - Recom International Power R0.5S-D Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Package Style and Pinning (mm)
12.75
6.70
7.00
2.54x3
8 PINS Single SMD Package
10.70
11.10
RECOM
R0.5S8-0505
1020
12
4
85
11.10
0.50
Footprint
2.54
1.20
1.80
12.0
3
6
7
15.24
6.70
7.00
2.54x4
10 PINS Dual SMD Package
10.70
11.10
RECOM
R0.5D10-0505
1020
12
4
8
5
11.10
0.50
Footprint
2.54
1.20
1.80
12.0
3
6
7
9
10
ECONOLINE
DC/DC-Converter
R0.5S_D
Series
Pin Connections
Pin #
Single
Dual
1
–Vin
–Vin
2
+Vin
+Vin
4
-Vout
Com.
5
+Vout
–Vout
7
NC
+Vout
3, 6, 8
NC
NC
9, 10
No Pin
NC
NC= No Connection
UNIT: mm
TOL.: ± 0.25 mm
REV: 0/2015
www.recom-power.com
E-22


Similar Part No. - R0.5S-D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R0.5S-0505 RECOM-R0.5S-0505 Datasheet
120Kb / 8P
   0.5 Watt SMD Isolated Single or Dual Output
R0.5S-0512 RECOM-R0.5S-0512 Datasheet
120Kb / 8P
   0.5 Watt SMD Isolated Single or Dual Output
R0.5S-0515 RECOM-R0.5S-0515 Datasheet
120Kb / 8P
   0.5 Watt SMD Isolated Single or Dual Output
R0.5S-1205 RECOM-R0.5S-1205 Datasheet
120Kb / 8P
   0.5 Watt SMD Isolated Single or Dual Output
R0.5S-1212 RECOM-R0.5S-1212 Datasheet
120Kb / 8P
   0.5 Watt SMD Isolated Single or Dual Output
More results

Similar Description - R0.5S-D

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
430E MKS-430E Datasheet
134Kb / 2P
   NEMA 4 housing approved for explosion proof applications
logo
Recom International Pow...
RXXP2XX RECOM-RXXP2XX Datasheet
127Kb / 4P
   EN-60601 for Medical Applications
RXXPXX-R RECOM-RXXPXX-R Datasheet
120Kb / 3P
   EN-60601 for Medical Applications
logo
TT Electronics.
PWP TTELEC-PWP Datasheet
2Mb / 3P
   Ideally suited for medical applications
logo
ETA-USA
MDL-SX-W5 ETA-USA-MDL-SX-W5 Datasheet
2Mb / 2P
   65W Medical 60601-1 3rd Edition approved
logo
Littelfuse
MG06200S-BN4MM LITTELFUSE-MG06200S-BN4MM Datasheet
1Mb / 5P
   Medical applications
MG12400D-BN2MM LITTELFUSE-MG12400D-BN2MM Datasheet
1Mb / 5P
   Medical applications
MG06150S-BN4MM LITTELFUSE-MG06150S-BN4MM Datasheet
1Mb / 5P
   Medical applications
logo
Abracon Corporation
ASTMHT ABRACON-ASTMHT Datasheet
5Mb / 14P
   High temperature applications for Industrial, medical
06.17.2016
logo
ULTRA LEVEL TECH CO., L...
RL0402D ULC-RL0402D Datasheet
460Kb / 3P
   AC-DC PFC MEDICAL & ITE APPROVED POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com