Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REC20-2412SZ Datasheet(PDF) 5 Page - Recom International Power

Part # REC20-2412SZ
Description  External ON/OFF control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC20-2412SZ Datasheet(HTML) 5 Page - Recom International Power

  REC20-2412SZ Datasheet HTML 1Page - Recom International Power REC20-2412SZ Datasheet HTML 2Page - Recom International Power REC20-2412SZ Datasheet HTML 3Page - Recom International Power REC20-2412SZ Datasheet HTML 4Page - Recom International Power REC20-2412SZ Datasheet HTML 5Page - Recom International Power REC20-2412SZ Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SAFETY AND CERTIFICATIONS
Certificate Type
Report / File Number
Standard
CB General Safety
E224736
IEC60950-1, 2nd Edition, 2013
UL General Safety
UL60950-1, 2nd Edition, 2014
EN General Safety
EN60950-1, 2nd Edition, 2013
CAN/CSA General Safety
C22.2 No. 60950-1-07, 2014
EMC Compliance
Condition
Standard / Criterion
EMI(3)
with external filter (see filter suggestions)
EN55022, Class A
EN55022, Class B
ESD
Air: ±8kV; Contact: 4kV
EN61000-4-2, Criteria B
Radiated Immunity
10V/m
EN61000-4-3, Criteria A
Fast Transient
±1kV
EN61000-4-4, Criteria B
Surge(4)
±1kV
EN61000-4-5, Criteria A
Conducted Immunity
10Vr.m.s
EN61000-4-6, Criteria A
Power Magnetic Field
50Hz 1A/m (r.m.s)
EN61000-4-8, Criteria A
DC/DC Converter
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
REC20-Z
Series
L1
C4
DC
DC
C1
C2
C3
+Vin
-Vin
+Vout
Com
-Vout
EMC Filtering - Suggestions for Class B
ECO-5
REV.: 2/2017
www.recom-power.com
Notes:
Note3: REC20-Z Series can meet EN55022 Class A without any external filter.
Note4: An external MOV is required if the module has to meet EN61000-4-5. The MOV suggest: NichTek SVI32-380
MODEL
C1
C2
L1
C3
C4
REC20-24xxS(D)Z
4.7µF/50V
4.7µF/50V
1.5mH
1000pF/2kV 1000pF/2kV
REC20-48xxS(D)Z
2.2µF/100V 2.2µF/100V
2.0mH
1000pF/2kV 1000pF/2kV
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
Base
Potting
nickel plated copper
FR4 PCB
silicone (UL94 V-0)
Package Dimension (LxWxH)
50.8 x 25.4 x 10.2mm
Package Weight
27g
continued on next page


Similar Part No. - REC20-2412SZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC20-2412SZ RECOM-REC20-2412SZ Datasheet
317Kb / 6P
   20 Watt Single and Dual Output
More results

Similar Description - REC20-2412SZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC30-Z RECOM-REC30-Z Datasheet
343Kb / 6P
   External ON/OFF control
logo
Maxim Integrated Produc...
MAX8989EVKIT MAXIM-MAX8989EVKIT Datasheet
812Kb / 6P
   Simple Logic On/Off Control
Rev 0; 1/11
logo
TOKO, Inc
TK15402 TOKO-TK15402 Datasheet
63Kb / 8P
   Active High ON/OFF Control
logo
SynQor Worldwide Headqu...
BQ55120QEX50 SYNQOR-BQ55120QEX50 Datasheet
1Mb / 14P
   On/Off control referenced to input side
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
Torex Semiconductor
XC6204 TOREX-XC6204_1 Datasheet
3Mb / 47P
   High Sprred LDO Regulators Output ON-OFF Control
logo
New Japan Radio
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
Zilog, Inc.
IXD1209 ZILOG-IXD1209 Datasheet
1Mb / 27P
   High Speed LDO Regulator with ON/OFF Control
logo
Torex Semiconductor
XC6901 TOREX-XC6901 Datasheet
510Kb / 28P
   200mA Negative Voltage Regulator with ON/OFF Control
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com