Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REC20-4805DZ Datasheet(PDF) 6 Page - Recom International Power

Part # REC20-4805DZ
Description  External ON/OFF control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC20-4805DZ Datasheet(HTML) 6 Page - Recom International Power

  REC20-4805DZ Datasheet HTML 1Page - Recom International Power REC20-4805DZ Datasheet HTML 2Page - Recom International Power REC20-4805DZ Datasheet HTML 3Page - Recom International Power REC20-4805DZ Datasheet HTML 4Page - Recom International Power REC20-4805DZ Datasheet HTML 5Page - Recom International Power REC20-4805DZ Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PACKAGING INFORMATION
Packaging Dimension (LxWxH)
Tube
520.0 x 54.5 x 21.0mm
Packaging Quantity
18pcs
Storage Temperature Range
-55°C to +125°C
REC20-Z
Series
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
DC/DC Converter
ECO-6
REV.: 2/2017
www.recom-power.com
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
Dimension Drawing (mm)
20.32
Bottom View
15.24
15.24
1
5
6
3
2
4
50.8
2.54
Ø1.0
Top View
Ø1.3 +0.15/-0
2.54
Pin Connections
Pin # Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
Trim
Com
5
-Vout
-Vout
6
Remote On/Off
Tolerance: xx.x=
±0.5mm
xx.xx= ±0.35mm
Pin dimension:
±0.05mm
Recommended Footprint Details


Similar Part No. - REC20-4805DZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC20-4805DZ RECOM-REC20-4805DZ Datasheet
317Kb / 6P
   20 Watt Single and Dual Output
More results

Similar Description - REC20-4805DZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC30-Z RECOM-REC30-Z Datasheet
343Kb / 6P
   External ON/OFF control
logo
Maxim Integrated Produc...
MAX8989EVKIT MAXIM-MAX8989EVKIT Datasheet
812Kb / 6P
   Simple Logic On/Off Control
Rev 0; 1/11
logo
TOKO, Inc
TK15402 TOKO-TK15402 Datasheet
63Kb / 8P
   Active High ON/OFF Control
logo
SynQor Worldwide Headqu...
BQ55120QEX50 SYNQOR-BQ55120QEX50 Datasheet
1Mb / 14P
   On/Off control referenced to input side
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
Torex Semiconductor
XC6204 TOREX-XC6204_1 Datasheet
3Mb / 47P
   High Sprred LDO Regulators Output ON-OFF Control
logo
New Japan Radio
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
Zilog, Inc.
IXD1209 ZILOG-IXD1209 Datasheet
1Mb / 27P
   High Speed LDO Regulator with ON/OFF Control
logo
Torex Semiconductor
XC6901 TOREX-XC6901 Datasheet
510Kb / 28P
   200mA Negative Voltage Regulator with ON/OFF Control
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com