Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA-100FD-103-2252 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # MA-100FD-103-2252
Description  Biomedical Chip Thermistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MA-100FD-103-2252 Datasheet(HTML) 1 Page - Amphenol Corporation

  MA-100FD-103-2252 Datasheet HTML 1Page - Amphenol Corporation MA-100FD-103-2252 Datasheet HTML 2Page - Amphenol Corporation MA-100FD-103-2252 Datasheet HTML 3Page - Amphenol Corporation MA-100FD-103-2252 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Biomedical Chip
Thermistors
NTC Type MA
Applications
A complete line of standard sub-assemblies is available.
Continuous research and development efforts within
Thermometrics have resulted not only in these field
proven designs, but in the development of our Unitherm
Thermochip Thermistor, designed exclusively for
biomedical applications in the range of 32°F to 122°F
(0°C to 50°C) .
Although low in cost , these highly stable,
precision thermochips provide the reliability, tight
interchangeable tolerances, geometries, and fast
response times that are often required. Thermometrics
employs experienced applications engineers who
welcome inquiries, whether for assistance, or to help
with your design requirements concerning new and
existing applications.
Our Biomedical Chip Thermistor assemblies are
designed for use in applications involving both
intermittent and continuous patient temperature
monitoring. Repeatability and fast response are
essential not only for the intermittent temperature
requirements associated with oral and rectal fever
measurements, but also with the continuous monitoring
often necessary during induced-hypothermia and
general anesthesia, or when employed in the care of
infants and premature babies. Intensive care units
along with recovery rooms have also adopted patient
temperature as part of their vital sign monitoring
procedures. Temperature monitoring for skin surface,
tympanic, esophageal, foley catheters and biofeedback
applications has also improved due to the high stability
and tight interchangeable tolerances designed into
each Thermometrics’ Biomedical assembly.
Amphenol
Advanced Sensors


Similar Part No. - MA-100FD-103-2252

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MA-100002 APITECH-MA-100002 Datasheet
335Kb / 6P
   X-Band 4 x QTRM Plank Product Capability
More results

Similar Description - MA-100FD-103-2252

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMFX30F102 ETC2-CMFX30F102 Datasheet
759Kb / 6P
   Chip NTC Thermistors
CMFB35Z103JNT ETC2-CMFB35Z103JNT Datasheet
759Kb / 6P
   Chip NTC Thermistors
logo
TDK Electronics
NTCG164QH105JT1 TDK-NTCG164QH105JT1 Datasheet
114Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG103NH681JT1 TDK-NTCG103NH681JT1 Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG104LH154JTDS TDK-NTCG104LH154JTDS Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG164BH222JTDS TDK-NTCG164BH222JTDS Datasheet
114Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG203JH472JT1 TDK-NTCG203JH472JT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG203SH223JT1 TDK-NTCG203SH223JT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG103JH103HT1 TDK-NTCG103JH103HT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG064BF473FTBX TDK-NTCG064BF473FTBX Datasheet
111Kb / 2P
   Chip NTC Thermistors (Sensor)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com