Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL-40 Datasheet(PDF) 4 Page - Amphenol Corporation

Part # CL-40
Description  UL Approval (UL 1434 File# E82830)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CL-40 Datasheet(HTML) 4 Page - Amphenol Corporation

  CL-40 Datasheet HTML 1Page - Amphenol Corporation CL-40 Datasheet HTML 2Page - Amphenol Corporation CL-40 Datasheet HTML 3Page - Amphenol Corporation CL-40 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Selection Criteria for Thermometrics CL-Products
1.
I max - Thermometrics CLs are rated for maximum steady state current. The maximum steady current is mainly determined
by the acceptable life of the final products for which the thermistor becomes a component. The differential equation Pdt
= HdT + δ(T – TA)dt reduces to Power = I2R = δ(T – TA). An example in the case of a 100 watt power supply with an efficiency
rating of 80%, 100% load is calculated to be 125 watts. The maximum input current is calculated from the minimum
supply voltage. For a standard 120V supply, this could be rated as low at 110V. Therefore, input current would be
calculated by 125 watts/110 V = 1.14 Amps. Selection of the CL should have an I max rating of at least 1.14 Amps.
2.
The second step of selection of the CL is to understand the desired maximum inrush current allowable. This is generally
specificed by the components in line of the CL, such as the diode bridge. In the case of the diode bridge rated at 200 Amps,
one would should select a CL that would limit max surge current to 50% of the rating, therefore limit surge to a maximum
of 100 Amps. The listed maximum current flow is rated at 25°C, so derating is required if the ambient temperture is greater
than 25°C.
3.
The next selection of criteria for the CL is to understand the bulk Capacitance of the device to be protected. On power, the
bulk capacitance of the device appears as a short to the system. The designer needs to understand the bulk capacitance
at the RMS voltage rating of the system. Assuming the input capacitance is approximately 500 μFds, the selection of the
CL needs to be able to absorb input energy.
Using the above criteria, the selection of the CL provides multiple solutions. One would opt for the smallest size CL to achieve
the required protection. The selection criteria is as follows:
1. I max >1.14 Amps
2. Max allowable Inrush current 100 Amps
3. Bulk Capacitance listed as 500 μfd
4. Choose smallest physical size that will allow protection for the device.
Criteria indicates that either the CL-150 or CL-160 would be suitable for the application. In the case of the CL-150 less heat is
dissipated allowing the operating resistance to drop but at a higher temperature. This increases efficiency of the system but
may lead to shorter component life.
AAS-920-325D-03/2014
www.amphenol-sensors.com
© 2014 Amphenol Corporation. All Rights Reserved. Specifications are subject to change without notice.
Other company names and product names used in this document are the registered trademarks or
trademarks of their respective owners.
Amphenol
Advanced Sensors


Similar Part No. - CL-40

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
CL-40 AMPHENOL-CL-40 Datasheet
68Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
CL-40 ETC-CL-40 Datasheet
439Kb / 4P
   NTC Inrush Current Limiter
10/2022
More results

Similar Description - CL-40

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
D2UB05 LEIDITECH-D2UB05 Datasheet
1Mb / 3P
   UL recognition, file #E230084
logo
Vishay Siliconix
VS-HFA90NH40PBF VISHAY-VS-HFA90NH40PBF Datasheet
152Kb / 7P
   UL approved file E222165
Revision: 19-Mar-15
logo
Nell Semiconductor Co.,...
MTP500 NELLSEMI-MTP500 Datasheet
375Kb / 3P
   UL recognition file number E320098
MTPT150 NELLSEMI-MTPT150 Datasheet
501Kb / 5P
   UL recognition file number E320098
logo
Allied Components Inter...
AEE14-3888-A ALLIED-AEE14-3888-A Datasheet
1Mb / 2P
   Meets UL Class B 130C UL File number E349541
logo
SUN HOLD ELECTRIC INC
RAS-0310AL1 SUNHOLD-RAS-0310AL1 Datasheet
1Mb / 4P
   UL,CUL & TUV safety approval.
logo
Allied Components Inter...
AEW15-3889-A ALLIED-AEW15-3889-A Datasheet
2Mb / 3P
   EW15 Transformer, Meet UL Class B 130C UL File number E349541
AETD39-3644 ALLIED-AETD39-3644_18 Datasheet
885Kb / 2P
   UL Class B 130 Insulation System File
AEFD153-4204 ALLIED-AEFD153-4204 Datasheet
1Mb / 2P
   Built to meet UL Class B 130 File Number E349541
AEFD153-4211 ALLIED-AEFD153-4211 Datasheet
1Mb / 2P
   Built to meet UL Class B 130 File Number E349541
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com