Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSP60BT103M Datasheet(PDF) 1 Page - Amphenol Corporation

Part # CSP60BT103M
Description  Thermometrics Laboratory NTC Temperature Standards
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CSP60BT103M Datasheet(HTML) 1 Page - Amphenol Corporation

  CSP60BT103M Datasheet HTML 1Page - Amphenol Corporation CSP60BT103M Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type CSP
Thermometrics
Laboratory NTC
Temperature
Standards
The Type CSP Temperature Standards are
ultrastable probe thermistors which have been
calibrated to an accuracy of 0.01°C. The standard
unit has a thin, conformal coating of silicone
rubber over the entire unit; this makes it suitable
for immersion in a water bath. They are also
available with stainless steel sensor housings, or
they can be encapsulated into various sheaths.
See assemblies depicted in the figure.
Applications
All units can be supplied with calibrations over
different temperature ranges, with longer leads;
and with various coatings.
Data
Two types of CSP Thermoprobes are stocked for
quick delivery:
• The CSP60BA252M, with a nominal resistance
of 2500 ohms @25°C, is furnishedwith
calibration over the range of 0° to 50°C.
• The CSP60BT103M has a nominal resistance
of 10K ohms @25°C and is furnished with
calibration over the range of 0° to 100°C.
The calibration table normally furnished with
the CSP60BA252M provides data every 0.25°C
between 0° and 50°C. The table furnished with
the CSP60BT103M provides data every 0.5°C over
the range of 0° to 100°C. Both units are furnished
with interpolation equations which are accurate
to 0.01°C. Tables with calibration data furnished
every 0.01, 0.05 or 0.1°C are also available.
Amphenol
Advanced Sensors


Similar Part No. - CSP60BT103M

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CSP RALTRON-CSP Datasheet
55Kb / 3P
   CLOCK OSCILLATOR, PECL, 3.3 VDC or 2.5VDC
logo
M-System Co.,Ltd.
CSP MSYSTEM-CSP Datasheet
110Kb / 4P
   Final Control Elements
logo
Mean Well Enterprises C...
CSP-3000 MEANWELL-CSP-3000 Datasheet
1Mb / 10P
   3000W Power Supply with Single Output
CSP-3000-120 MEANWELL-CSP-3000-120 Datasheet
1Mb / 10P
   3000W Power Supply with Single Output
CSP-3000-250 MEANWELL-CSP-3000-250 Datasheet
1Mb / 10P
   3000W Power Supply with Single Output
More results

Similar Description - CSP60BT103M

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AAS-920-614A AMPHENOL-AAS-920-614A Datasheet
67Kb / 4P
   Thermometrics Precision, Ultrastable NTC Temperature Standards
logo
General Semiconductor
03006-111.3K-123-G100 GE-03006-111.3K-123-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
03006-5818-97-G100 GE-03006-5818-97-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
03006-29.1K-97-G100 GE-03006-29.1K-97-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
03006-11.7K-98-G100 GE-03006-11.7K-98-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
03006-269.8K-138-G100 GE-03006-269.8K-138-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
03006-535K-145-G100 GE-03006-535K-145-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
DKA2022 GE-DKA2022 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
logo
List of Unclassifed Man...
DKF104N5 ETC2-DKF104N5 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
logo
General Semiconductor
03006-17.53K-98-G100 GE-03006-17.53K-98-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com