Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRD620CT Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRD620CT
Description  Switch-mode Power Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRD620CT Datasheet(HTML) 2 Page - ON Semiconductor

  MBRD620CT Datasheet HTML 1Page - ON Semiconductor MBRD620CT Datasheet HTML 2Page - ON Semiconductor MBRD620CT Datasheet HTML 3Page - ON Semiconductor MBRD620CT Datasheet HTML 4Page - ON Semiconductor MBRD620CT Datasheet HTML 5Page - ON Semiconductor MBRD620CT Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBRD620CT, NRVBD620VCT, SBRV620CT Series
www.onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
MBRD/NRVBD/SBRV
Unit
620CT
630CT
640CT
650CT
660CT
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
50
60
V
Average Rectified Forward Current
TC = 130°C (Rated VR)
Per Diode
Per Device
IF(AV)
3
6
A
Peak Repetitive Forward Current,
TC = 130°C (Rated VR, Square Wave, 20 kHz)
Per Diode
IFRM
6
A
Nonrepetitive Peak Surge Current − (Surge applied at rated load
conditions halfwave, single phase, 60 Hz)
IFSM
75
A
Peak Repetitive Reverse Surge Current (2
ms, 1 kHz)
IRRM
1
A
Operating Junction Temperature (Note 1)
TJ
−65 to +175
°C
Storage Temperature
Tstg
−65 to +175
°C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/
ms
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ < 1/RqJA.
THERMAL CHARACTERISTICS PER DIODE
Characteristic
Symbol
Value
Unit
Maximum Thermal Resistance, Junction−to−Case
RqJC
6
°C/W
Maximum Thermal Resistance, Junction−to−Ambient (Note 2)
RqJA
80
°C/W
2. Rating applies when surface mounted on the minimum pad size recommended.
ELECTRICAL CHARACTERISTICS PER DIODE
Characteristic
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (Note 3)
iF = 3 Amps, TC = 25°C
iF = 3 Amps, TC = 125°C
iF = 6 Amps, TC = 25°C
iF = 6 Amps, TC = 125°C
VF
0.7
0.65
0.9
0.85
V
Maximum Instantaneous Reverse Current (Note 3)
(Rated dc Voltage, TC = 25°C)
(Rated dc Voltage, TC = 125°C)
iR
0.1
15
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.


Similar Part No. - MBRD620CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRD620CT MOTOROLA-MBRD620CT Datasheet
96Kb / 4P
   SWITCHMODE??Power Rectifirers DPAK Surface Mount Package
logo
ON Semiconductor
MBRD620CT ONSEMI-MBRD620CT Datasheet
65Kb / 6P
   SWITCHMODE Power Rectifiers
August, 2004 ??Rev. 4
MBRD620CT ONSEMI-MBRD620CT Datasheet
103Kb / 6P
   SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
logo
Frontier Electronics.
MBRD620CT FRONTIER-MBRD620CT Datasheet
124Kb / 2P
   6A DUAL SCHOTTKY BARRIER RECTIFIERS
logo
ON Semiconductor
MBRD620CT ONSEMI-MBRD620CT Datasheet
207Kb / 7P
   Switch-mode Power Rectifiers DPAK-3 Surface Mount Package
August, 2020 - Rev. 15
More results

Similar Description - MBRD620CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR1635 ONSEMI-MBR1635_14 Datasheet
68Kb / 5P
   Switch Mode Power Rectifiers
April, 2014 ??Rev. 12
MBR1045MFS ONSEMI-MBR1045MFS Datasheet
82Kb / 5P
   Switch Mode Power Rectifiers
August, 2014 ??Rev. 1
MUR1510G ONSEMI-MUR1510G_14 Datasheet
141Kb / 8P
   Switch-mode Power Rectifiers
February, 2014 ??Rev. 10
MBR8H100MFS ONSEMI-MBR8H100MFS Datasheet
67Kb / 4P
   Switch Mode Power Rectifiers
August, 2015 ??Rev. 2
MBR30H100MFS ONSEMI-MBR30H100MFS Datasheet
91Kb / 5P
   Switch-mode Power Rectifiers
March, 2015 ??Rev. 2
MUR3020PTG ONSEMI-MUR3020PTG Datasheet
205Kb / 8P
   Switch-mode Power Rectifiers
January, 2012 - Rev. 10
NHPV08S600G ONSEMI-NHPV08S600G_14 Datasheet
66Kb / 4P
   Switch Mode Power Rectifiers
April, 2014 ??Rev. 3
MUR805G ONSEMI-MUR805G_14 Datasheet
143Kb / 8P
   Switch-mode Power Rectifiers
February, 2014 ??Rev. 13
MBR2045MFS ONSEMI-MBR2045MFS Datasheet
62Kb / 5P
   Switch Mode Power Rectifiers
March, 2014 ??Rev. 1
MBRB30H30CT-1G ONSEMI-MBRB30H30CT-1G_15 Datasheet
101Kb / 7P
   Switch-mode Power Rectifiers
January, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com