Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRVTSAF345T3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NRVTSAF345T3G
Description  Trench-based Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVTSAF345T3G Datasheet(HTML) 2 Page - ON Semiconductor

  NRVTSAF345T3G Datasheet HTML 1Page - ON Semiconductor NRVTSAF345T3G Datasheet HTML 2Page - ON Semiconductor NRVTSAF345T3G Datasheet HTML 3Page - ON Semiconductor NRVTSAF345T3G Datasheet HTML 4Page - ON Semiconductor NRVTSAF345T3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NTSAF345, NRVTSAF345
www.onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
45
V
Average Rectified Forward Current
(TL = 112°C)
IO
3.0
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20 kHz) TL = 103°C
IFRM
6.0
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz)
IFSM
100
A
Storage Temperature Range
Tstg
−65 to +150
°C
Operating Junction Temperature (Note 1)
TJ
−65 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ < 1/RqJA.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction−to−Lead (Note 2)
YJCL
25
°C/W
Thermal Resistance, Junction−to−Ambient (Note 2)
RqJA
90
°C/W
2. 1 inch square pad size (1
× 0.5 inch) for each lead on FR4 board.
ELECTRICAL CHARACTERISTICS
Rating
Symbol
Typ
Max
Unit
Instantaneous Forward Voltage (Note 3)
(IF = 3 A, TJ = 25°C)
(IF = 3 A, TJ = 125°C)
VF
0.482
0.4
0.63
0.55
V
Instantaneous Reverse Current (Note 3)
(Rated dc Voltage, TJ = 25°C)
(Rated dc Voltage, TJ = 125°C)
IR
1.75
1.45
7.5
3
mA
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Pulse Test: Pulse Width
≤ 380 ms, Duty Cycle ≤ 2.0%.


Similar Part No. - NRVTSAF345T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVTSAF360 ONSEMI-NRVTSAF360 Datasheet
59Kb / 5P
   Trench-based Schottky Rectifier
November, 2016 ??Rev. 1
NRVTSAF360T3G ONSEMI-NRVTSAF360T3G Datasheet
59Kb / 5P
   Trench-based Schottky Rectifier
November, 2016 ??Rev. 1
More results

Similar Description - NRVTSAF345T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTSAF345 ONSEMI-NTSAF345 Datasheet
62Kb / 5P
   Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NTSAF545 ONSEMI-NTSAF545_16 Datasheet
55Kb / 5P
   Trench-based Schottky Rectifier
November, 2016 ??Rev. 2
NTSAF545 ONSEMI-NTSAF545 Datasheet
61Kb / 5P
   Trench-based Schottky Rectifier
January, 2015 ??Rev. 1
NRTSAF360 ONSEMI-NRTSAF360 Datasheet
59Kb / 5P
   Trench-based Schottky Rectifier
November, 2016 ??Rev. 1
NRTS1260PFS ONSEMI-NRTS1260PFS Datasheet
214Kb / 6P
   Schottky Barrier Rectifier, Trench-based
February, 2020 - Rev. 0
NRTS15100PFS ONSEMI-NRTS15100PFS Datasheet
201Kb / 7P
   Schottky Barrier Rectifier, Trench-based
January, 2020 ??Rev. 0
NRTS8100PFS ONSEMI-NRTS8100PFS Datasheet
214Kb / 6P
   Schottky Barrier Rectifier, Trench-based
August, 2020 ??Rev. 1
NRTS10100PFS ONSEMI-NRTS10100PFS Datasheet
214Kb / 6P
   Schottky Barrier Rectifier, Trench-based
February, 2020 ??Rev. 0
NRVTSS3100E ONSEMI-NRVTSS3100E Datasheet
66Kb / 5P
   Low Leakage Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NRVTSS5100E ONSEMI-NRVTSS5100E_16 Datasheet
72Kb / 6P
   Low Leakage Trench-based Schottky Rectifier
November, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com