Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRAF2H100 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBRAF2H100
Description  Surface Mount Schottky Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRAF2H100 Datasheet(HTML) 1 Page - ON Semiconductor

  MBRAF2H100 Datasheet HTML 1Page - ON Semiconductor MBRAF2H100 Datasheet HTML 2Page - ON Semiconductor MBRAF2H100 Datasheet HTML 3Page - ON Semiconductor MBRAF2H100 Datasheet HTML 4Page - ON Semiconductor MBRAF2H100 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2014
December, 2014 − Rev. 3
1
Publication Order Number:
MBRAF2H100/D
MBRAF2H100
Surface Mount
Schottky Power Rectifier
This device employs the Schottky Barrier principle in a large area
metal−to−silicon power diode. State−of−the−art geometry features
epitaxial construction with oxide passivation and metal overlay
contact. Ideally suited for low voltage, high frequency rectification, or
as free wheeling and polarity protection diodes in surface mount
applications where compact size and weight are critical to the system.
Features
Low Profile Package for Space Constrained Applications
Rectangular Package for Automated Handling
Highly Stable Oxide Passivated Junction
150°C Operating Junction Temperature
Guard−Ring for Stress Protection
These are Pb−Free and Halide−Free Devices
Mechanical Charactersistics
Case: Epoxy, Molded, Epoxy Meets UL 94, V−0
Weight: 95 mg (approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Cathode Polarity Band
Device Meets MSL 1 Requirements
ESD Ratings: Machine Model = C
ESD Ratings: Human Body Model = 3B
Device
Package
Shipping
ORDERING INFORMATION
SMA−FL
CASE 403AA
STYLE 6
SCHOTTKY BARRIER
RECTIFIER
2.0 AMPERE
100 VOLTS
www.onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
MBRAF2H100T3G
SMA−FL
(Pb−Free)
5000 / Tape & Reel
RAA
= Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
MARKING DIAGRAM
RAA
AYWW
G


Similar Part No. - MBRAF2H100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRAF2H100 ONSEMI-MBRAF2H100 Datasheet
64Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2014 ??Rev. 2
MBRAF2H100G ONSEMI-MBRAF2H100G Datasheet
104Kb / 5P
   Surface Mount Schottky Power Rectifier
July, 2012 ??Rev. 0
MBRAF2H100T3G ONSEMI-MBRAF2H100T3G Datasheet
104Kb / 5P
   Surface Mount Schottky Power Rectifier
July, 2012 ??Rev. 0
MBRAF2H100T3G ONSEMI-MBRAF2H100T3G Datasheet
64Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2014 ??Rev. 2
More results

Similar Description - MBRAF2H100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com