Electronic Components Datasheet Search |
|
C927U472JZVDBA7317 Datasheet(PDF) 7 Page - Kemet Corporation |
|
C927U472JZVDBA7317 Datasheet(HTML) 7 Page - Kemet Corporation |
7 / 16 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1065_X1_440 VAC_Y2_300 VAC • 1/13/2017 7 Radial Leaded Ceramic Disc Capacitors Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade) Table 2 – Performance & Reliability: Test Methods and Conditions cont'd Item Specification Test Method Solderability Lead wire should have a uniform coating of solder in the axial direction and over 3/4 of its circumference. The lead wire of the capacitor is dipped into molten solder for 5±0.5 seconds. The depth of immersion is up to 1.5 mm (+5/−0 mm) from the root of lead wires. Solder Temperature: Lead free solder (Sn-3Ag – 0.5Cu) 245°C ±5°C. Soldering Effect (Non-Preheat) Appearance No visual defect As shown in the figure below, the lead wires are immersed in molten solder up to 1.5 mm (+5/−0 mm) from the end of the epoxy meniscus (root of lead wire). Duration/Solder Temperature: 3.5±0.5 seconds/350°C ±10°C or 10±1 seconds/260°C ±5°C Molten Solder 1.5 to 2.0 mm Capacitor Thermal Screen Pre-treatment: Capacitor is stored at 85°C ±2°C for 1 hour and then placed at room condition1 for 24 ±2 hours before initial measurements. Post-treatment: Capacitor is stored for 1 to 2 hours at room condition1. IR 1,000 MΩ Dielectric Strength Per item 1 Capacitance Y5P, Y5U and Y5V: Within ±10% SL: Within ±2.5% or ±0.25 pF, whichever is larger. Soldering Effect (Preheat) Appearance No visual defect Capacitor is stored at 120°C +0/−5°C for 60 +0/−5 seconds. Then, as shown in the figure below, the lead wires are immersed in molten solder up to 1.5 mm (+5/-0mm) from the end of the epoxy meniscus (root of lead wire). Duration/Solder Temperature: 7.5 +0/−1 seconds/260°C ±5°C Molten Solder 1.5 to 2.0 mm Capacitor Thermal Screen Pre-treatment: Capacitor is stored at 85°C ±2°C for 1 hour and then placed at room condition1 for 24 ±2 hours before initial measurements. Post-treatment: Capacitor is stored for 1 to 2 hours at room condition1. IR 1,000 MΩ Dielectric Strength Per item 1 Capacitance Y5P, Y5U and Y5V: Within ±10% SL: Within ±2.5% or ±0.25 pF, whichever is larger. Biased Humidity Appearance No visual defect Steady State Humidity: Load Humidity: Capacitance Temperature Characteristics Capacitance Change Y5P Within ±10% Y5U Within ±20% Y5V Within ±30% SL Within ±2.5% or ±0.25 pF, whichever is larger. 90 to 95% humidity at 40°C ±2°C for 500 ±12 hours. Post Treatment: Capacitor is stored for 1 to 2 hours at room condition1. 90 to 95% humidity at 40°C ±2°C for 500 ±12 hours with full rated voltage applied. Post Treatment: Capacitor is stored for 1 to 2 hours at room condition1. DF Y5P and Y5U: 5.0% maximum Y5V: 7.5% maximum Q SL: Less than 30 pF: Q ≥ 100 + 10 × C/3 More than 30 pF: Q ≥ 200 C = Nominal capacitance IR Y5P, Y5V and Y5U: 3,000 MΩ minimum SL: 1,000 MΩ minimum Dielectric Strength No failures 1 “Room Condition” is defined as follows: Temperature: 15 ~ 35°C/Humidity: 45 ~ 75%/Atmospheric Pressure: 86 ~ 106 kPa. |
Similar Part No. - C927U472JZVDBA7317 |
|
Similar Description - C927U472JZVDBA7317 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |