Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC25BS5001ML Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC25BS5001ML
Description  PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits (For Low Frequency range)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC25BS5001ML Datasheet(HTML) 5 Page - Torex Semiconductor

  XC25BS5001ML Datasheet HTML 1Page - Torex Semiconductor XC25BS5001ML Datasheet HTML 2Page - Torex Semiconductor XC25BS5001ML Datasheet HTML 3Page - Torex Semiconductor XC25BS5001ML Datasheet HTML 4Page - Torex Semiconductor XC25BS5001ML Datasheet HTML 5Page - Torex Semiconductor XC25BS5001ML Datasheet HTML 6Page - Torex Semiconductor XC25BS5001ML Datasheet HTML 7Page - Torex Semiconductor XC25BS5001ML Datasheet HTML 8Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
XC25BS5
Series
99
1
SYMBOL
fCLKin
N/M
fQ0
Q1
MIN.
52.0000
-
13.312
TYP.
-
256.000
-
GND
MAX.
78.0000
-
19.968
UNITS
kHz
-
MHz
-
PARAMETER
Input Frequency
Multiplier/Divider Ratio
PLL Output Frequency
Q1 Output Frequency
PARAMETER
Input Current "Low"
Output Voltage "High"
Output Voltage "Low"
Supply Current 1
Supply Current 2
CE "High" Voltage
CE "Low" Voltage
CE Pull down Resistance 1
CE Pull down Resistance 2
Supply Voltage
Input Voltage "High"
Input Voltage "Low"
Input Current "High"
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
2.97
0.5
2.7
-
2.7
CE=0.3V
VDD=2.97V,IOL=8mA
CE=3.3V
CE=0V
80.0
50.0
20.0
2.5
1.5
VCK=3.3V
VCK=0V
VDD=2.97V,IOH= - 8mA
0.45
-
-
-
-
-
-
0.4
4.0
2.0
5.0
-
-
-
-
-
- 3.0
2.5
-
3.3
-
-
-
-
-
3.0
3.63
-
0.6
Rp1
IDD2
VCEH
VCEL
CE=3.3V
Rp2
IDD1
IIH
IIL
VOH
VOL
VDD
VIH
VIL
μA
mA
V
V
V
V
V
V
V
μA
μA
fCLKin=78kHz, Multiplier/Divider Ratio=256, Ta=25
°C, No Load
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
fCLKin=78KHz, Multiplier/Divider Ratio=256, Ta=25
OC, CL=15pF
*2 R&D guarantee
PLL Output Jitter
Tj
1σ *2
-
20
-
ps
Output Start Time
Ton
*2
-
-
20
ms
5.0
-
ns
Duty Ratio
DUTY
40
50
60
Output Fall Time
TTHL
VDD=3.3V(20% to 80%)*2
-
Output Rise Time
TTLH
VDD=3.3V(20% to 80%)*2
-
5.0
-
ns
■ Frequency Configuration : Example 2
GElectrical Characteristics (AC)
GElectrical Characteristics (DC)
01S_15XC25BS5 02.09.12 11:37 ページ 99


Similar Part No. - XC25BS5001ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS5001ML TOREX-XC25BS5001ML Datasheet
477Kb / 10P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits(For Low Frequency Range)
More results

Similar Description - XC25BS5001ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS5_002 TOREX-XC25BS5_002 Datasheet
477Kb / 10P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits(For Low Frequency Range)
XC25BS5 TOREX-XC25BS5_12 Datasheet
305Kb / 12P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7 TOREX-XC25BS7 Datasheet
289Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7 TOREX-XC25BS7_1 Datasheet
307Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8 TOREX-XC25BS8 Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8 TOREX-XC25BS8_1 Datasheet
597Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS6 TOREX-XC25BS6_1 Datasheet
181Kb / 5P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
XC25BS6 TOREX-XC25BS6 Datasheet
57Kb / 4P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
   Low skew, low jitter, PLL clock buffer with divider or multiplier
logo
Torex Semiconductor
XC2173 TOREX-XC2173 Datasheet
160Kb / 8P
   ICs for use with Crystal Oscillators (PLL built-in)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com