Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X3C35F1-03S Datasheet(PDF) 7 Page - Anaren Microwave

Part # X3C35F1-03S
Description  Tight Amplitude Balance
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

X3C35F1-03S Datasheet(HTML) 7 Page - Anaren Microwave

Back Button X3C35F1-03S Datasheet HTML 3Page - Anaren Microwave X3C35F1-03S Datasheet HTML 4Page - Anaren Microwave X3C35F1-03S Datasheet HTML 5Page - Anaren Microwave X3C35F1-03S Datasheet HTML 6Page - Anaren Microwave X3C35F1-03S Datasheet HTML 7Page - Anaren Microwave X3C35F1-03S Datasheet HTML 8Page - Anaren Microwave X3C35F1-03S Datasheet HTML 9Page - Anaren Microwave X3C35F1-03S Datasheet HTML 10Page - Anaren Microwave X3C35F1-03S Datasheet HTML 11Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
`
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model X3C35F1-03S
Rev C
PRELIMINARY
Notes on RF Testing and Circuit Layout
The X3C35F1-03S Surface Mount Couplers require the use of a test fixture for verification of RF performance. This
test fixture is designed to evaluate the coupler in the same environment that is recommended for installation.
Enclosed inside the test fixture, is a circuit board that is fabricated using the recommended footprint. The part being
tested is placed into the test fixture and pressure is applied to the top of the device using a pneumatic piston. A four
port Vector Network Analyzer is connected to the fixture and is used to measure the S-parameters of the part. Worst
case values for each parameter are found and compared to the specification. These worst case values are reported to
the test equipment operator along with a Pass or Fail flag. See the illustrations below.
2dB, 3 dB and 5dB
Test Board
Test Board
In Fixture
Test Station
Test Board


Similar Part No. - X3C35F1-03S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
X3C35F1-03S NXP-X3C35F1-03S Datasheet
466Kb / 13P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 11/2018
More results

Similar Description - X3C35F1-03S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C20F1-02S ANAREN-X3C20F1-02S Datasheet
868Kb / 18P
   Tight Amplitude Balance
X3C25P1-02S ANAREN-X3C25P1-02S Datasheet
957Kb / 18P
   Tight Amplitude Balance
X3C19F1-03S ANAREN-X3C19F1-03S Datasheet
1Mb / 18P
   Tight Amplitude Balance
XC0900L-03 ANAREN-XC0900L-03 Datasheet
600Kb / 24P
   Tight Amplitude Balance
XMC0204F1-03G ANAREN-XMC0204F1-03G Datasheet
1Mb / 17P
   Tight Amplitude Balance
X3C07F1-02S ANAREN-X3C07F1-02S Datasheet
864Kb / 18P
   Tight Amplitude Balance
XMC0812F1-03G ANAREN-XMC0812F1-03G Datasheet
990Kb / 17P
   Tight Amplitude Balance
XMC0102F1-03G ANAREN-XMC0102F1-03G Datasheet
249Kb / 2P
   Tight Amplitude Balance
X3C20F1-05S ANAREN-X3C20F1-05S Datasheet
211Kb / 2P
   Tight Amplitude Balance
X3C07F1-03S ANAREN-X3C07F1-03S Datasheet
1Mb / 18P
   Tight Amplitude Balance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com