Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC0450L-03 Datasheet(PDF) 4 Page - Anaren Microwave

Part # XC0450L-03
Description  High Power
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XC0450L-03 Datasheet(HTML) 4 Page - Anaren Microwave

  XC0450L-03 Datasheet HTML 1Page - Anaren Microwave XC0450L-03 Datasheet HTML 2Page - Anaren Microwave XC0450L-03 Datasheet HTML 3Page - Anaren Microwave XC0450L-03 Datasheet HTML 4Page - Anaren Microwave XC0450L-03 Datasheet HTML 5Page - Anaren Microwave XC0450L-03 Datasheet HTML 6Page - Anaren Microwave XC0450L-03 Datasheet HTML 7Page - Anaren Microwave XC0450L-03 Datasheet HTML 8Page - Anaren Microwave XC0450L-03 Datasheet HTML 9Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Model XC0450L-03
Rev E
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
Typical Performance (-55°C, 25°C and 95°C): 410-480 MHz


Similar Part No. - XC0450L-03

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC0450L-03P ANAREN-XC0450L-03P Datasheet
619Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC0450L-03P ANAREN-XC0450L-03P Datasheet
571Kb / 22P
   20 dB Directional Coupler
XC0450L-03S ANAREN-XC0450L-03S Datasheet
619Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC0450L-03S ANAREN-XC0450L-03S Datasheet
571Kb / 22P
   20 dB Directional Coupler
More results

Similar Description - XC0450L-03

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCO600-20IO1 IXYS-MCO600-20IO1 Datasheet
202Kb / 4P
   High Power Single High Power Single
logo
Ningbo Foryard Optoelec...
FYLP-3W-UYS FORYARD-FYLP-3W-UYS Datasheet
127Kb / 3P
   HIGH POWER
FYLP-3W-UYB FORYARD-FYLP-3W-UYB Datasheet
122Kb / 3P
   HIGH POWER
FYLP-3W-UBB FORYARD-FYLP-3W-UBB Datasheet
121Kb / 3P
   HIGH POWER
FYLP-1W-UBB FORYARD-FYLP-1W-UBB Datasheet
122Kb / 3P
   HIGH POWER
FYLP-3W-UPGL FORYARD-FYLP-3W-UPGL Datasheet
119Kb / 3P
   HIGH POWER
FYLP-3W-UWWS FORYARD-FYLP-3W-UWWS Datasheet
127Kb / 3P
   HIGH POWER
logo
A-BRIGHT Inc
AL-00-1B000C80 A-BRIGHT-AL-00-1B000C80_15 Datasheet
289Kb / 6P
   High Power
AL-00-2OR1CT A-BRIGHT-AL-00-2OR1CT_15 Datasheet
293Kb / 6P
   High Power
AL-00-1OR00CAC A-BRIGHT-AL-00-1OR00CAC Datasheet
289Kb / 6P
   High Power
AL-00-1UY10CAE A-BRIGHT-AL-00-1UY10CAE Datasheet
290Kb / 6P
   High Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com