Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9210B093KL Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC9210B093KL
Description  Synchronous Step-Down DC / DC Controller ICs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9210B093KL Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC9210B093KL Datasheet HTML 5Page - Torex Semiconductor XC9210B093KL Datasheet HTML 6Page - Torex Semiconductor XC9210B093KL Datasheet HTML 7Page - Torex Semiconductor XC9210B093KL Datasheet HTML 8Page - Torex Semiconductor XC9210B093KL Datasheet HTML 9Page - Torex Semiconductor XC9210B093KL Datasheet HTML 10Page - Torex Semiconductor XC9210B093KL Datasheet HTML 11Page - Torex Semiconductor XC9210B093KL Datasheet HTML 12Page - Torex Semiconductor XC9210B093KL Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
NOTES ON USE
1. Checking for Intermittent Oscillation
2. PWM/PFM Automatic Switching
3. Ratings
Use the XC9210 series and peripheral components within the limits of their ratings.
4. Reverse Current
5. Switching Method of Operational Mode / Control
9
* The light load condition mentioned above means that the load current when the coil current being discontinuous at non-synchronous operation. The heavy
load condition means that the load current when the coil current being continuous at non-synchronous operation. The DC/DC simulation on the TOREX
website is useful to determine whether the coil current is non-synchronous or synchronous under your operating conditions. After the simulation, please test
with the actual device.
Non-Synchronous, PFM / PWM Automatic Switching Control
OPERATIONAL MODE / CONTROL
Synchronous, PWM Control
Non-Synchronous, PWM Control
Non-Synchronous, PFM / PWM Automatic Switching Control
'L'
'H'
'L'
'H'
'L'
MODE
'H'
'H'
'L'
PWM
XC9210 Series
Synchronous Step-Down DC / DC Controller ICs
The XC9210 series is subject to intermittent oscillation in the proximity of the maximum duty if the step-down ratio is low (e.g., from 4.2 V to 3.3 V) or a
heavy load is applied where the duty ratio becomes high. Check waveforms at EXT under your operating conditions. A remedy for this problem is to
raise the inductance of coil L or increase the load capacitance CL and use OS-CON for the load capacitance CL. When using OS-CON for the load
capacitance and setting output voltage low, the series could produce an abnormal oscillation. In such case, please test with the actual device.
If PWM/PFM automatic switching control is selected and the step-down ratio is high (e.g., from 10 V to 1.0 V), the control mode remains in PFM setting
over the whole load range, since the duty ratio under continuous-duty condition is smaller than the PFM duty ratio of the XC9210 series. The output
voltage's ripple voltage becomes substantially high under heavy load conditions, with the XC9210 series appearing to be producing an abnormal
oscillation. If this operation becomes a concern, set pins PWM1 and PWM2 to High to set the control mode to PWM setting. For use under the above-
mentioned condition, measured data of PWM/PFM automatic switching control shown on the data sheets are available up to IOUT = 100 mA.
Reverse current is produced under the
conditions of synchronous operation and light
load (current flows from the output to the input ).
If this reverse current becomes a concern,
operate under synchronous rectification during
heavy load conditions, or move input
capacitance CIN closer to the IC to reduce the
reverse current to the power supply.
0mA
ILmax
Coil Current WhenNon-Synchronous
(DiscontinuousMode)
IL
0mA
ILmax
ILmin
Coil Current WhenSynchronous
Reverse
Current
ILmax
ILmin
IL
Coil Current with no reverse current
Comparison among non-synchronous operation (left), synchronous operation (center) and the coil current on a like-for-like
basis. Synchronous of the current IL< 0mA becomes reverse current.
To prevent the reverse current, operate in the condition of ILmin > 0mA (right).
Lx
EX T 1
EX T 2
IC
VOUT
CIN
VIN
GND
Reverse Current
L
CL
Semiconductor Ltd.


Similar Part No. - XC9210B093KL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9210B093KL TOREX-XC9210B093KL Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
More results

Similar Description - XC9210B093KL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
XC9303B093KR-G TOREX-XC9303B093KR-G Datasheet
695Kb / 20P
   High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
XC9303 TOREX-XC9303_1 Datasheet
908Kb / 20P
   High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
XC9503 TOREX-XC9503 Datasheet
398Kb / 30P
   2ch Step-down DC/DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Torex Semiconductor
XC9213 TOREX-XC9213 Datasheet
61Kb / 5P
   Driver Transistor Built-In Synchronous Step-Down DC/DC Controller Ics
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
   2ch. Step-Down / Inverting DC/DC Controller ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com