Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP10.242 Datasheet(PDF) 11 Page - PULS GmbH

Part # CP10.242
Description  SINGLE PHASE INPUT
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.242 Datasheet(HTML) 11 Page - PULS GmbH

Back Button CP10.242 Datasheet HTML 7Page - PULS GmbH CP10.242 Datasheet HTML 8Page - PULS GmbH CP10.242 Datasheet HTML 9Page - PULS GmbH CP10.242 Datasheet HTML 10Page - PULS GmbH CP10.242 Datasheet HTML 11Page - PULS GmbH CP10.242 Datasheet HTML 12Page - PULS GmbH CP10.242 Datasheet HTML 13Page - PULS GmbH CP10.242 Datasheet HTML 14Page - PULS GmbH CP10.242 Datasheet HTML 15Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
CP10.241, CP10.242, CP10.241-S1
CP-Series
24V, 10A, SINGLE PHASE INPUT
10. LIFETIME EXPECTANCY AND MTBF
AC 100V
AC 120V
AC 230V
Lifetime expectancy*)
128 000h
141 000h*)
176 000h*)
at 24V, 5A and 40°C
61 000h
75 000h
120 000h
at 24V, 10A and 40°C
47 000h
59 000h
101 000h
at 24V, 12A and 40°C
363 000h*)
399 000h*)
499 000h*)
at 24V, 5A and 25°C
173 000h*)
211 000h*)
338 000h*)
at 24V, 10A and 25°C
132 000h*)
166 000h*)
286 000h*)
at 24V, 12A and 25°C
MTBF**) SN 29500, IEC 61709
550 000h
560 000h
661 000h
at 24V, 10A and 40°C
1 003 000h
1 017 000h
1 176 000h
at 24V, 10A and 25°C
MTBF**) MIL HDBK 217F
188 000h
188 000h
213 000h
at 24V, 10A and 40°C;
Ground Benign GB40
252 000h
252 000h
290 000h
at 24V, 10A and 25°C;
Ground Benign GB25
40 000h
40 000h
47 000h
at 24V, 10A and 40°C;
Ground Fixed GF40
51 000h
51 000h
61 000h
at 24V, 10A and 25°C;
Ground Fixed GF25
*)
The Lifetime expectancy shown in the table indicates the minimum operating hours (service life) and is determined by the lifetime
expectancy of the built-in electrolytic capacitors. Lifetime expectancy is specified in operational hours and is calculated according to the
capacitor’s manufacturer specification. The manufacturer of the electrolytic capacitors only guarantees a maximum life of up to 15 years
(131 400h). Any number exceeding this value is a calculated theoretical lifetime which can be used to compare devices.
**) MTBF stands for Mean Time Between Failure, which is calculated according to statistical device failures, and indicates reliability of a
device. It is the statistical representation of the likelihood of a unit to fail and does not necessarily represent the life of a product.
The MTBF figure is a statistical representation of the likelihood of a device to fail. A MTBF figure of e.g. 1 000 000h means that
statistically one unit will fail every 100 hours if 10 000 units are installed in the field. However, it cannot be determined if the failed unit
has been running for 50 000h or only for 100h.
11. FUNCTIONAL DIAGRAM
Fig. 11-1 Functional diagram
+
+
-
-
Output
Over-
Voltage
PFC
Converter
Protection
Output
Voltage
Regulator
Power
Converter
Output
Filter
Output
Voltage
11/27
Monitor
Output
Power
Manager
Temper-
ature
Shut-
down
Input Fuse
Input Filter
Input Rectifier
Inrush Current Limiter
V
OUT
L
N
DC-ok
Contact
DC-ok
LED
DC-ok
Relay
-
Feb. 2016 / Rev. 1.3 DS-CP10.241-EN
All parameters are specified at 24V, 10A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - CP10.242

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP10.242 PULS-CP10.242 Datasheet
954Kb / 30P
   24V, 10A, 240W, SINGLE PHASE INPUT
CP10.242 PULS-CP10.242 Datasheet
955Kb / 30P
   24V, 10A, 240W, SINGLE PHASE INPUT
CP10.242-R2 PULS-CP10.242-R2 Datasheet
893Kb / 31P
   24V, 10A, 240W, SINGLE PHASE
CP10.242-S1 PULS-CP10.242-S1 Datasheet
954Kb / 30P
   24V, 10A, 240W, SINGLE PHASE INPUT
More results

Similar Description - CP10.242

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CS3.241 PULS-CS3.241 Datasheet
611Kb / 24P
   SINGLE PHASE INPUT
CS5.244 PULS-CS5.244 Datasheet
607Kb / 23P
   SINGLE PHASE INPUT
ML50.100 PULS-ML50.100 Datasheet
637Kb / 20P
   SINGLE PHASE INPUT
ML30.241 PULS-ML30.241 Datasheet
528Kb / 23P
   SINGLE PHASE INPUT
QS40.484 PULS-QS40.484 Datasheet
754Kb / 28P
   SINGLE PHASE INPUT
CP10.121 PULS-CP10.121 Datasheet
724Kb / 26P
   SINGLE PHASE INPUT
CP10.361 PULS-CP10.361 Datasheet
743Kb / 27P
   SINGLE PHASE INPUT
CPS20.241 PULS-CPS20.241 Datasheet
718Kb / 26P
   SINGLE PHASE INPUT
CS5.243 PULS-CS5.243 Datasheet
622Kb / 24P
   SINGLE PHASE INPUT
CS10.241 PULS-CS10.241 Datasheet
668Kb / 26P
   SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com