Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP10.242 Datasheet(PDF) 7 Page - PULS GmbH

Part # CP10.242
Description  SINGLE PHASE INPUT
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.242 Datasheet(HTML) 7 Page - PULS GmbH

Back Button CP10.242 Datasheet HTML 3Page - PULS GmbH CP10.242 Datasheet HTML 4Page - PULS GmbH CP10.242 Datasheet HTML 5Page - PULS GmbH CP10.242 Datasheet HTML 6Page - PULS GmbH CP10.242 Datasheet HTML 7Page - PULS GmbH CP10.242 Datasheet HTML 8Page - PULS GmbH CP10.242 Datasheet HTML 9Page - PULS GmbH CP10.242 Datasheet HTML 10Page - PULS GmbH CP10.242 Datasheet HTML 11Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
CP10.241, CP10.242, CP10.241-S1
CP-Series
24V, 10A, SINGLE PHASE INPUT
6. OUTPUT
Output voltage
nom.
24V
Adjustment range
min.
24-28V
guaranteed
max.
30.0V****)
at clockwise end position of potentiometer
Factory settings
typ.
24.1V
±0.2%, at full load and cold unit
Line regulation
max.
10mV
85-300Vac
Load regulation
max.
50mV
static value, 0A
10A; see Fig. 6-1
Ripple and noise voltage
max.
50mVpp
20Hz to 20MHz, 50Ohm
Output current
nom.
10A
at 24V, ambient temperature <60°C, see Fig. 6-1
nom.
12A*)
at 24V, ambient temperature <45°C, see Fig. 15-1
nom.
7.5A
at 24V and 70°C ambient temperature, see Fig. 15-1
nom.
8.6A
at 28V, ambient temperature <60°C, see Fig. 6-1
nom.
10.3A*)
at 28V, ambient temperature <45°C, see Fig. 15-1
nom.
6.45A
at 28V and 70°C ambient temperature, see Fig. 15-1
typ.
30A
up to at least 12ms*****), output voltage stays above
20V, see Fig. 6-2 and Fig. 23-3, This peak current is
available once every five seconds (hardware
controlled).
Output power
nom.
240W
continuously available
nom.
288W*)
Power Boost *)
Overload behaviour
cont. current
output voltage > 13Vdc, see Fig. 6-1
HiccupPLUS mode**)
output voltage < 13Vdc, see Fig. 6-1
Short-circuit current
min.
12.5A***)
load impedance 45mOhm, see Fig. 6-3
max.
15.5A***)
load impedance 45mOhm, see Fig. 6-3
max.
5A
average (R.M.S.) current, load impedance 50mOhm,
see Fig. 6-3
min.
28A
up to 12ms, load impedance 45mOhm, see Fig. 6-2
typ.
30.5A
up to 12ms, load impedance 45mOhm, see Fig. 6-2
Output capacitance
typ.
4 400μF
included inside the power supply
*)
Power Boost
This power/ current is continuously allowed up to an ambient temperature of 45°C.
Above 45°C, do not use this power/ current longer than a duty cycle of 10% and/ or not longer than 1 minute every 10 minutes.
**)
HiccupPLUS Mode
At heavy overloads (when output voltage falls below 13V), the power supply delivers continuous output current for 2s. After this, the
output is switched off for approx. 18s before a new start attempt is automatically performed. This cycle is repeated as long as the
overload exists. If the overload has been cleared, the device will operate normally. See Fig. 6-3
***)
Discharge current of output capacitors is not included.
****)
This is the maximum output voltage which can occur at the clockwise end position of the potentiometer due to tolerances. It is not a
guaranteed value which can be achieved. The typical value is about 28.5V.
*****) Reduced pulse length for AC 100V mains.
Feb. 2016 / Rev. 1.3 DS-CP10.241-EN
All parameters are specified at 24V, 10A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
7/27


Similar Part No. - CP10.242

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP10.242 PULS-CP10.242 Datasheet
954Kb / 30P
   24V, 10A, 240W, SINGLE PHASE INPUT
CP10.242 PULS-CP10.242 Datasheet
955Kb / 30P
   24V, 10A, 240W, SINGLE PHASE INPUT
CP10.242-R2 PULS-CP10.242-R2 Datasheet
893Kb / 31P
   24V, 10A, 240W, SINGLE PHASE
CP10.242-S1 PULS-CP10.242-S1 Datasheet
954Kb / 30P
   24V, 10A, 240W, SINGLE PHASE INPUT
More results

Similar Description - CP10.242

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CS3.241 PULS-CS3.241 Datasheet
611Kb / 24P
   SINGLE PHASE INPUT
CS5.244 PULS-CS5.244 Datasheet
607Kb / 23P
   SINGLE PHASE INPUT
ML50.100 PULS-ML50.100 Datasheet
637Kb / 20P
   SINGLE PHASE INPUT
ML30.241 PULS-ML30.241 Datasheet
528Kb / 23P
   SINGLE PHASE INPUT
QS40.484 PULS-QS40.484 Datasheet
754Kb / 28P
   SINGLE PHASE INPUT
CP10.121 PULS-CP10.121 Datasheet
724Kb / 26P
   SINGLE PHASE INPUT
CP10.361 PULS-CP10.361 Datasheet
743Kb / 27P
   SINGLE PHASE INPUT
CPS20.241 PULS-CPS20.241 Datasheet
718Kb / 26P
   SINGLE PHASE INPUT
CS5.243 PULS-CS5.243 Datasheet
622Kb / 24P
   SINGLE PHASE INPUT
CS10.241 PULS-CS10.241 Datasheet
668Kb / 26P
   SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com