Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPS20.241 Datasheet(PDF) 7 Page - PULS GmbH

Part # CPS20.241
Description  SINGLE PHASE INPUT
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CPS20.241 Datasheet(HTML) 7 Page - PULS GmbH

Back Button CPS20.241 Datasheet HTML 3Page - PULS GmbH CPS20.241 Datasheet HTML 4Page - PULS GmbH CPS20.241 Datasheet HTML 5Page - PULS GmbH CPS20.241 Datasheet HTML 6Page - PULS GmbH CPS20.241 Datasheet HTML 7Page - PULS GmbH CPS20.241 Datasheet HTML 8Page - PULS GmbH CPS20.241 Datasheet HTML 9Page - PULS GmbH CPS20.241 Datasheet HTML 10Page - PULS GmbH CPS20.241 Datasheet HTML 11Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
CPS20.241, CPS20.241-C1
C-Series
24V, 20A, SINGLE PHASE INPUT
Fig. 6-1 Output voltage vs. output current,
typ.
Fig. 6-2 Output voltage in “parallel use”
mode, typ.
Output Voltage (Single Use, typ.)
0
025
4
8
12
28V
16
20
24
40A
15
5
10
20
30
35
Adjustment
Range
Output Current
Continuous
current
Factory
setting
Hiccup
mode
Output Voltage (Parallel Use, typ.)
22V
08
16
23V
24V
25V
29V
26V
27V
28V
24A
20
12
4
Adjustment
Range
Factory
setting
Output Current
Fig. 6-3 Short-circuit on output, HiccupPLUS mode, typ.
Fig. 6-4 Dynamic overcurrent capability, typ.
Output
Current
7/26
0
42A
18s
18s
18s
2s
2s
2s
t
Short -circuit
Normal
operation
Normal
operation
Output Voltage (dynamic behavior, < 15ms)
0
4
8
12
28V
16
20
24
0
100A
40
20
60
80
10
30
50
70
90
Adjustment
Range
Output Current
Apr. 2014 / Rev. 1.6 DS-CPS20.241-EN
All parameters are specified at 24V, 20A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - CPS20.241

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
CPS20.241 REDLION-CPS20.241 Datasheet
718Kb / 26P
   POWER SUPPLY
logo
PULS GmbH
CPS20.241-60 PULS-CPS20.241-60 Datasheet
653Kb / 22P
   DC/DC CONVERTER
logo
Red Lion Controls. Inc
CPS20.241-C1 REDLION-CPS20.241-C1 Datasheet
718Kb / 26P
   POWER SUPPLY
logo
PULS GmbH
CPS20.241-D1 PULS-CPS20.241-D1 Datasheet
678Kb / 25P
   DC/DC CONVERTER
More results

Similar Description - CPS20.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CS3.241 PULS-CS3.241 Datasheet
611Kb / 24P
   SINGLE PHASE INPUT
CS5.244 PULS-CS5.244 Datasheet
607Kb / 23P
   SINGLE PHASE INPUT
ML50.100 PULS-ML50.100 Datasheet
637Kb / 20P
   SINGLE PHASE INPUT
ML30.241 PULS-ML30.241 Datasheet
528Kb / 23P
   SINGLE PHASE INPUT
QS40.484 PULS-QS40.484 Datasheet
754Kb / 28P
   SINGLE PHASE INPUT
CP10.121 PULS-CP10.121 Datasheet
724Kb / 26P
   SINGLE PHASE INPUT
CP10.361 PULS-CP10.361 Datasheet
743Kb / 27P
   SINGLE PHASE INPUT
CS5.243 PULS-CS5.243 Datasheet
622Kb / 24P
   SINGLE PHASE INPUT
CS10.241 PULS-CS10.241 Datasheet
668Kb / 26P
   SINGLE PHASE INPUT
CP10.241 PULS-CP10.241 Datasheet
772Kb / 27P
   SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com