Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPS20.241-60 Datasheet(PDF) 7 Page - PULS GmbH

Part # CPS20.241-60
Description  DC/DC CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CPS20.241-60 Datasheet(HTML) 7 Page - PULS GmbH

Back Button CPS20.241-60 Datasheet HTML 3Page - PULS GmbH CPS20.241-60 Datasheet HTML 4Page - PULS GmbH CPS20.241-60 Datasheet HTML 5Page - PULS GmbH CPS20.241-60 Datasheet HTML 6Page - PULS GmbH CPS20.241-60 Datasheet HTML 7Page - PULS GmbH CPS20.241-60 Datasheet HTML 8Page - PULS GmbH CPS20.241-60 Datasheet HTML 9Page - PULS GmbH CPS20.241-60 Datasheet HTML 10Page - PULS GmbH CPS20.241-60 Datasheet HTML 11Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
CPS20.241-60
C-Series
24V, 400W, DC/DC CONVERTER
7. HOLD-UP TIME
The internal capacitor, which supplies the energy for the hold-up time is isolated by a diode to the input voltage. A
short on the input line does not discharge the internal hold-up capacitor.
Hold-up Time
typ.
80ms
at 8.2A, see Fig. 7-1
min.
64ms
at 8.2A, see Fig. 7-1
typ.
35ms
at 16.3A, see Fig. 7-1
min.
28ms
at 16.3A, see Fig. 7-1
Fig. 7-1 Hold-up time vs. input voltage
Fig. 7-2 Shut-down behavior, definitions
0
20
40
60
100ms
70
90
110
130
150Vdc
Input Voltage
80
Hold-up Time
at 16.3A, typ.
at 8.2A, min.
at 8.2A, typ.
at 16.3A, min.
- 5%
Hold-up Time
Output
Voltage
Input
Voltage
8. DC-OK RELAY CONTACT
This feature monitors the output voltage, which is produced by the DC/DC converter itself. It is independent of a back-
fed voltage from a unit connected in parallel to the DC/DC converter output.
Contact closes
As soon as the output voltage reaches 22V.
Contact opens
As soon as the output voltage falls below 22V.
Short dips will be extended to a signal length of 100ms. Dips shorter than 1ms will be ignored.
Contact ratings
max.
60Vdc 0.3A, 30Vdc 1A, 30Vac 0.5A
resistive load
min.
1mA at 5Vdc
min. permissible load
Isolation voltage
See dielectric strength table in section 18.
Fig. 8-1 DC-ok relay contact behavior
100ms
22V
<
1ms
open
open
closed
closed
>
1ms
Aug. 2016 / Rev. 1.0 DS-CPS20.241-60-EN
All parameters are specified at 24.5V, 16.3A, 110Vdc, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
7/22


Similar Part No. - CPS20.241-60

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
CPS20.241-C1 REDLION-CPS20.241-C1 Datasheet
718Kb / 26P
   POWER SUPPLY
logo
PULS GmbH
CPS20.241-C1 PULS-CPS20.241-C1 Datasheet
718Kb / 26P
   SINGLE PHASE INPUT
CPS20.241-D1 PULS-CPS20.241-D1 Datasheet
678Kb / 25P
   DC/DC CONVERTER
More results

Similar Description - CPS20.241-60

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com