Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPS20.241-D1 Datasheet(PDF) 6 Page - PULS GmbH

Part # CPS20.241-D1
Description  DC/DC CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CPS20.241-D1 Datasheet(HTML) 6 Page - PULS GmbH

Back Button CPS20.241-D1 Datasheet HTML 2Page - PULS GmbH CPS20.241-D1 Datasheet HTML 3Page - PULS GmbH CPS20.241-D1 Datasheet HTML 4Page - PULS GmbH CPS20.241-D1 Datasheet HTML 5Page - PULS GmbH CPS20.241-D1 Datasheet HTML 6Page - PULS GmbH CPS20.241-D1 Datasheet HTML 7Page - PULS GmbH CPS20.241-D1 Datasheet HTML 8Page - PULS GmbH CPS20.241-D1 Datasheet HTML 9Page - PULS GmbH CPS20.241-D1 Datasheet HTML 10Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
CPS20.241-D1
C-Series
24V, 20A, DC/DC CONVERTER
6. OUTPUT
Output voltage
nom.
24V
Adjustment range
min.
24-28V
guaranteed
max.
30V****)
at clockwise end position of potentiometer
Factory settings
typ.
24.1V
±0.2%, at full load, cold unit, in “single use” mode
typ.
24.1V
±0.2%, at full load, cold unit, in “parallel use” mode
typ.
25.1V
at no load, cold unit, in “parallel use” mode
Line regulation
max.
10mV
88-370Vdc
Load regulation
max.
100mV
in “single use” mode: static value, 0A
20A;
see Fig. 6-1
typ.
1000mV
in “parallel use” mode: static value, 0A
20A,
see Fig. 6-2
Ripple and noise voltage
max.
70mVpp
20Hz to 20MHz, 50Ohm
Output current
nom.
20A
at 24V, ambient temperature <60°C, see Fig. 6-1
nom.
24A*)
at 24V, ambient temperature <45°C, see Fig. 6-1
nom.
17.1A
at 28V, ambient temperature <60°C, see Fig. 6-1
nom.
20.6A*)
at 28V, ambient temperature <45°C, see Fig. 6-1
typ.
80A
up to 15ms, output voltage stays above 20V, see Fig.
6-4. This peak current is available once every five
seconds. See chapter 22.1 for more peak current
measurements.
Output power
nom.
480W
continuously available
nom.
576W*)
Power Boost®*)
Overload behaviour
cont. current
output voltage > 13Vdc, see Fig. 6-1
HiccupPLUS mode**)
output voltage < 13Vdc, see Fig. 6-1
Short-circuit current
min.
35A***)
load impedance <10mOhm, see Fig. 6-3
max.
45A***)
load impedance <10mOhm, see Fig. 6-3
max.
15A***)
average (R.M.S.) current, load impedance 50mOhm,
see Fig. 6-3
min.
70A
< 15ms, load impedance <10mOhm, see Fig. 6-4
typ.
100A
< 15ms, load impedance <10mOhm, see Fig. 6-4
Output capacitance
typ.
7 000μF
included inside the DC/DC converter
*)
Power Boost
This power/ current is continuously allowed up to an ambient temperature of 45°C.
Above 45°C, do not use this power/ current longer than a duty cycle of 10% and/ or not longer than 1 minute every 10 minutes.
**)
HiccupPLUS Mode
At heavy overloads (when output voltage falls below 13V), the DC/DC converter delivers continuous output current for 2s. After this,
the output is switched off for approx. 18s before a new start attempt is automatically performed. This cycle is repeated as long as the
overload exists. If the overload has been cleared, the device will operate normally. See Fig. 6-3.
***)
Discharge current of output capacitors is not included.
****)
This is the maximum output voltage which can occur at the clockwise end position of the potentiometer due to tolerances. It is not
guaranteed value which can be achieved. The typical value is about 28.5V (in “single use” mode).
Apr. 2014 / Rev. 1.3 DS-CPS20.241-D1-EN
All parameters are specified at 24V, 20A, 300Vdc, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
6/25


Similar Part No. - CPS20.241-D1

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CPS20.241-60 PULS-CPS20.241-60 Datasheet
653Kb / 22P
   DC/DC CONVERTER
logo
Red Lion Controls. Inc
CPS20.241-C1 REDLION-CPS20.241-C1 Datasheet
718Kb / 26P
   POWER SUPPLY
logo
PULS GmbH
CPS20.241-C1 PULS-CPS20.241-C1 Datasheet
718Kb / 26P
   SINGLE PHASE INPUT
More results

Similar Description - CPS20.241-D1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com