Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPS20.481-D1 Datasheet(PDF) 2 Page - PULS GmbH

Part # CPS20.481-D1
Description  DC/DC CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CPS20.481-D1 Datasheet(HTML) 2 Page - PULS GmbH

  CPS20.481-D1 Datasheet HTML 1Page - PULS GmbH CPS20.481-D1 Datasheet HTML 2Page - PULS GmbH CPS20.481-D1 Datasheet HTML 3Page - PULS GmbH CPS20.481-D1 Datasheet HTML 4Page - PULS GmbH CPS20.481-D1 Datasheet HTML 5Page - PULS GmbH CPS20.481-D1 Datasheet HTML 6Page - PULS GmbH CPS20.481-D1 Datasheet HTML 7Page - PULS GmbH CPS20.481-D1 Datasheet HTML 8Page - PULS GmbH CPS20.481-D1 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
CPS20.481-D1
C-Series
48V, 10A, DC/DC CONVERTER
INDEX
Page
Page
1.
Intended Use .......................................................3
2.
Installation Requirements...................................3
3.
AC-Input...............................................................4
4.
DC-Input...............................................................4
5.
Input Inrush Current ...........................................5
6.
Output .................................................................6
7.
Hold-up Time.......................................................8
8.
DC-OK Relay Contact ..........................................8
9.
Efficiency and Power Losses................................9
10. Lifetime Expectancy and MTBF.........................10
11. Functional Diagram...........................................10
12. Terminals and Wiring........................................11
13. Front Side and User Elements...........................12
14. EMC....................................................................13
15. Environment ......................................................14
16. Protection Features ...........................................15
17. Safety Features ..................................................15
18. Dielectric Strength ............................................16
19. Approvals...........................................................17
20. Physical Dimensions and Weight ..................... 18
21. Accessories ........................................................ 19
21.1. ZM2.WALL - Wall Mounting Bracket.......19
21.2. ZM13.SIDE - Side Mounting Bracket........19
21.3. Redundancy Modules ...............................20
22. Application Notes............................................. 21
22.1. Peak Current Capability ...........................21
22.2. Back-feeding Loads ..................................21
22.3. External Input Protection.........................22
22.4. Output Circuit Breakers............................22
22.5. Parallel Use to Increase Output Power....23
22.6. Parallel Use for Redundancy ....................23
22.7. Series Operation .......................................24
22.8. Inductive and Capacitive Loads................24
22.9. Charging of Batteries ...............................25
22.10. Use in a Tightly Sealed Enclosure ............25
22.11. Mounting Orientations ............................26
The information presented in this document is believed to be accurate and reliable and may change without notice.
No part of this document may be reproduced or utilized in any form without permission in writing from the publisher.
TERMINOLOGY AND ABREVIATIONS
PE and
symbol
PE is the abbreviation for Protective Earth and has the same meaning as the symbol
.
Earth, Ground
This document uses the term “earth” which is the same as the U.S. term “ground”.
T.b.d.
To be defined, value or description will follow later.
DC 300V
A figure displayed with the AC or DC before the value represents a nominal voltage with
standard tolerances (usually ±15%) included.
E.g.: DC 12V describes a 12V battery disregarding whether it is full (13.7V) or flat (10V)
300Vdc
A figure with the unit (Vdc) at the end is a momentary figure without any additional
tolerances included.
may
A key word indicating flexibility of choice with no implied preference.
shall
A key word indicating a mandatory requirement.
should
A key word indicating flexibility of choice with a strongly preferred implementation.
Apr. 2014 / Rev. 1.3 DS-CPS20.481-D1-EN
All parameters are specified at 48V, 10A, 300Vdc, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
2/26


Similar Part No. - CPS20.481-D1

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
CPS20.481 REDLION-CPS20.481 Datasheet
669Kb / 26P
   POWER SUPPLY
logo
PULS GmbH
CPS20.481 PULS-CPS20.481 Datasheet
669Kb / 26P
   48V, 10A, SINGLE PHASE INPUT
More results

Similar Description - CPS20.481-D1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com