Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML15.241 Datasheet(PDF) 8 Page - PULS GmbH

Part # ML15.241
Description  24V, 0.63A, SINGLE PHASE INPUT
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML15.241 Datasheet(HTML) 8 Page - PULS GmbH

Back Button ML15.241 Datasheet HTML 4Page - PULS GmbH ML15.241 Datasheet HTML 5Page - PULS GmbH ML15.241 Datasheet HTML 6Page - PULS GmbH ML15.241 Datasheet HTML 7Page - PULS GmbH ML15.241 Datasheet HTML 8Page - PULS GmbH ML15.241 Datasheet HTML 9Page - PULS GmbH ML15.241 Datasheet HTML 10Page - PULS GmbH ML15.241 Datasheet HTML 11Page - PULS GmbH ML15.241 Datasheet HTML 12Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ML15.241
MiniLine-2
24V, 0.63A, SINGLE PHASE INPUT
8. EFFICIENCY AND POWER LOSSES
AC 100V
AC 120V
AC 230V
Efficiency
typ.
85.0%
86.1%
85.1%
at 24V, 0.63A (full load)
Power losses
typ.
0.5W
0.55W
0.75W
at 0A
typ.
1.5W
1.4W
1. 8W
at 24V, 0.315A (half load)
typ.
2.7W
2.5W
2.7W
at 24V, 0.63A (full load)
Fig. 8-1
Efficiency vs. output current at 24V,
typ.
Fig. 8-2
Losses vs. output current at 24V,
typ.
Efficiency
0.1
74
76
78
80
82
84
86
72
88%
0.7A
0.3
0.4
0.6
Output Current
0.2
0.5
a) 100Vac
b) 120Vac
c) 230Vac
a
b
c
Power Losses
00.1
0.7A
0
0.5
1.5
2.0
3W
2.5
0.2
0.3
0.4
Output Current
0.5
0.6
a) 100Vac
b) 120Vac
c) 230Vac
1.0
b
c
a
Fig. 8-3
Efficiency vs. input voltage at 24V,
0.63A, typ.
Fig. 8-4
Losses vs. input voltage at 24V,
0.63A, typ.
Efficiency
85
120
155
190
225 260Vac
82
83
84
85
86
87
88%
Input Voltage
Power Losses
1.75
2.25
2.50
2.75
3W
85
120
155
190
225 260Vac
2.00
Input Voltage
Mar. 2013 / Rev. 2.1 DS-ML15.241-EN
All parameters are specified at 24V, 0.63A, 230Vac input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
8/23


Similar Part No. - ML15.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
ML15.051 PULS-ML15.051 Datasheet
465Kb / 22P
   5V, 3A, SINGLE PHASE INPUT
ML15.121 PULS-ML15.121 Datasheet
534Kb / 23P
   12V, 1.3A, SINGLE PHASE INPUT
More results

Similar Description - ML15.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
QS3.241 PULS-QS3.241 Datasheet
793Kb / 25P
   24V, 3.4A, SINGLE PHASE INPUT
CP10.241-M1 PULS-CP10.241-M1 Datasheet
704Kb / 27P
   24V, 10A, SINGLE PHASE INPUT
CP20.241-R1 PULS-CP20.241-R1 Datasheet
827Kb / 30P
   24V, 20A, SINGLE PHASE INPUT
PIC480.241C PULS-PIC480.241C Datasheet
555Kb / 21P
   24V, 20A, SINGLE PHASE INPUT
CS10.243 PULS-CS10.243 Datasheet
682Kb / 25P
   24V, 10A, SINGLE PHASE INPUT
PIC240.241D PULS-PIC240.241D Datasheet
549Kb / 21P
   24V, 10A, SINGLE PHASE INPUT
PIC240.241C PULS-PIC240.241C Datasheet
507Kb / 21P
   24V, 10A, SINGLE PHASE INPUT
ML60.242 PULS-ML60.242 Datasheet
657Kb / 23P
   24V, 2.5A, SINGLE PHASE INPUT
QS40.244 PULS-QS40.244 Datasheet
855Kb / 28P
   24V, 40A, SINGLE PHASE INPUT
QS40.241 PULS-QS40.241 Datasheet
827Kb / 28P
   24V, 40A, SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com