Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1305M25QDWQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1305M25QDWQ1
Description  High-Precision, Reinforced Isolated Delta-Sigma Modulators
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1305M25QDWQ1 Datasheet(HTML) 5 Page - Texas Instruments

  AMC1305M25QDWQ1 Datasheet HTML 1Page - Texas Instruments AMC1305M25QDWQ1 Datasheet HTML 2Page - Texas Instruments AMC1305M25QDWQ1 Datasheet HTML 3Page - Texas Instruments AMC1305M25QDWQ1 Datasheet HTML 4Page - Texas Instruments AMC1305M25QDWQ1 Datasheet HTML 5Page - Texas Instruments AMC1305M25QDWQ1 Datasheet HTML 6Page - Texas Instruments AMC1305M25QDWQ1 Datasheet HTML 7Page - Texas Instruments AMC1305M25QDWQ1 Datasheet HTML 8Page - Texas Instruments AMC1305M25QDWQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
AMC1305L25-Q1, AMC1305M05-Q1, AMC1305M25-Q1
www.ti.com
SBAS797 – FEBRUARY 2017
Product Folder Links: AMC1305L25-Q1 AMC1305M05-Q1 AMC1305M25-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Apply creepage and clearance requirements according to the specific equipment isolation standards of an application. Care must be
taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of the isolator on the printed
circuit board (PCB) do not reduce this distance. Creepage and clearance on a PCB become equal in certain cases. Techniques such as
inserting grooves or ribs on the PCB are used to help increase these specifications.
(2)
This coupler is suitable for safe electrical insulation only within the safety ratings. Compliance with the safety ratings shall be ensured by
means of suitable protective circuits.
(3)
Testing is carried out in air or oil to determine the intrinsic surge immunity of the isolation barrier.
(4)
Apparent charge is electrical discharge caused by a partial discharge (pd).
(5)
All pins on each side of the barrier are tied together, creating a two-pin device.
7.6 Insulation Specifications
PARAMETER
TEST CONDITIONS
VALUE
UNIT
GENERAL
CLR
Minimum air gap (clearance)(1)
Shortest pin-to-pin distance through air
≥ 8
mm
CPG
Minimum external tracking (creepage)(1)
Shortest pin-to-pin distance across the package
surface
≥ 8
mm
DTI
Distance through insulation
Minimum internal gap (internal clearance) of the
double insulation (2 × 0.0135 mm)
0.027
mm
CTI
Comparative tracking index
DIN EN 60112 (VDE 0303-11); IEC 60112
≥ 600
V
Material group
According to IEC 60664-1
I
Overvoltage category per IEC 60664-1
Rated mains voltage
≤ 300 VRMS
I-IV
Rated mains voltage
≤ 600 VRMS
I-III
Rated mains voltage
≤ 1000 VRMS
I-II
DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12(2)
VIORM
Maximum repetitive peak isolation
voltage
At ac voltage (bipolar or unipolar)
1414
VPK
VIOWM
Maximum-rated isolation working
voltage
At ac voltage (sine wave)
1000
VRMS
At dc voltage
1500
VDC
VIOTM
Maximum transient isolation voltage
VTEST = VIOTM, t = 60 s (qualification test)
7000
VPK
VTEST = 1.2 x VIOTM, t = 1 s (100% production
test)
8400
VIOSM
Maximum surge isolation voltage(3)
Test method per IEC 60065, 1.2/50-μs
waveform, VTEST = 1.6 x VIOSM = 10000 VPK
(qualification)
6250
VPK
qpd
Apparent charge(4)
Method a, after input/output safety test subgroup
2 / 3, Vini = VIOTM, tini = 60 s, Vpd(m) = 1.2 x VIORM
= 1697 VPK, tm = 10 s
≤ 5
pC
Method a, after environmental tests subgroup 1,
Vini = VIOTM, tini = 60 s, Vpd(m) = 1.6 x VIORM =
2263 VPK, tm = 10 s
≤ 5
pC
Method b1, at routine test (100% production) and
preconditioning (type test), Vini = VIOTM, tini = 1 s,
Vpd(m) = 1.875 x VIORM = 2652 VPK, tm = 1 s
≤ 5
pC
CIO
Barrier capacitance, input to output(5)
VIO = 0.5 VPP at 1 MHz
1.2
pF
RIO
Insulation resistance, input to output(5)
VIO = 500 V at TS = 150°C
> 109
Pollution degree
2
Climatic category
40/125/21
UL1577
VISO
Withstand isolation voltage
VTEST = VISO = 5000 VRMS or 7000 VDC, t = 60 s
(qualification test), VTEST = 1.2 x VISO = 6000
VRMS, t = 1 s (100% production test)
5000
VRMS


Similar Part No. - AMC1305M25QDWQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1305M25 TI1-AMC1305M25 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1305M25DW TI1-AMC1305M25DW Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1305M25DWR TI1-AMC1305M25DWR Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
More results

Similar Description - AMC1305M25QDWQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05_017 TI1-AMC1306E05_017 Datasheet
689Kb / 38P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1303E0510 TI1-AMC1303E0510 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
AMC1106E05 TI1-AMC1106E05 Datasheet
1Mb / 38P
[Old version datasheet]   Small, High-Precision, Basic Isolated Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com