Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8775 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8775
Description  Quad-Channel, 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converter with Adaptive Power Management
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8775 Datasheet(HTML) 1 Page - Texas Instruments

  DAC8775 Datasheet HTML 1Page - Texas Instruments DAC8775 Datasheet HTML 2Page - Texas Instruments DAC8775 Datasheet HTML 3Page - Texas Instruments DAC8775 Datasheet HTML 4Page - Texas Instruments DAC8775 Datasheet HTML 5Page - Texas Instruments DAC8775 Datasheet HTML 6Page - Texas Instruments DAC8775 Datasheet HTML 7Page - Texas Instruments DAC8775 Datasheet HTML 8Page - Texas Instruments DAC8775 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 81 page
background image
SCLK
SDO
SDIN
DVDD
REFOUT
REFIN
LP_X
IOUT_X
IRANGE
IENABLE
LDAC
DAC Input
Register
DAC
IAmp
VSENSEP_X
VENABLE
CCOMP_X
User
Calibration
Register
Slew Rate
Control
Internal
Reference
X
Buck/Boost Converters
Watchdog
Timer
Alarm
PVDD_X
LN_X
VPOS_IN_X
AGND1
AVDD
VAmp
Feedback
CHANNEL - A
CHANNEL - B
CHANNEL - C
CHANNEL - D
VNEG_IN_X
PVSS_X
DVDD_EN
Amp
Power On
Reset
VSENSEN_x
Current
Source
CLR
SYNC
RESET
ALARM
AGND_X
AGND2 AGND3
VOUT_X
HART_IN_x
DVDD
LDO
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DAC8775
SLVSBY7 – FEBRUARY 2017
DAC8775 Quad-Channel, 16-Bit Programmable Current Output and Voltage Output
Digital-to-Analog Converter with Adaptive Power Management
1
1 Features
1
Output Current:
0 mA to 24 mA; 3.5 mA to 23.5 mA; 0 mA to
20 mA; 4 mA to 20 mA; ±24 mA
Output Voltage (with/without 20% over-range):
0 V to 5 V; 0 V to 10 V; ±5 V; ±10 V
0 V to 6 V; 0 V to 12 V; ±6 V; ±12 V
Adaptive Power Management
Single Wide Power Supply Pin (12 V – 36 V )
±0.1% FSR Total Unadjusted Error (TUE)
DNL: ±1 LSB Max
Internal 5-V Reference (10 ppm/°C max)
Internal 5-V Digital Power Supply Output
CRC/Frame Error Check, Watchdog Timer
Thermal Alarm, Open/Short Circuit for System
Reliability
Safe Actions on Alarm Condition
Auto Learn Load Detection
Wide Temperature Range: –40°C to +125°C
2 Applications
4-mA to 20-mA Current Loops
Analog Output Modules
Programmable Logic Controllers (PLCs)
Building Automation
Sensor Transmitters
Process Control
3 Description
The DAC8775 is a quad-channel precision, fully
integrated, 16-bit, digital-to-analog converter (DAC)
with adaptive power management, and is designed to
meet
the
requirements
of
industrial
control
applications.
The
adaptive
power
management
circuit,
when
enabled,
minimizes
the
power
dissipation of the chip. When programmed as a
current output, the supply voltage on the current
output driver is regulated between 4.5 V and 32 V
based on continuous feedback of voltage on the
current output pin via an integrated buck/boost
converter. When programmed as a voltage output,
this circuit generates a programmable supply voltage
for the voltage output stage (±15 V). DAC8775 also
contains an LDO to generate the digital supply (5 V)
from a single power supply pin.
DAC8775 is also implemented with a Highway
Addressable Remote Transducer (HART) Signal
Interface to superimpose an external HART signal on
the current output. The slew rate of the current output
DAC is register programmable. The device can
operate with a single external power supply of +12 V
to +36 V using the integrated buck/boost converters
or with external power supplies when the buck/boost
converters are disabled.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DAC8775
VQFN (72)
10.00 mm x 10.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Block Diagram


Similar Part No. - DAC8775

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8771 TI1-DAC8771 Datasheet
4Mb / 77P
[Old version datasheet]   Single-Channel,16-Bit Voltage and Current Output Digital-to-Analog Converter with Adaptive Power Management
DAC8771RGZR TI1-DAC8771RGZR Datasheet
4Mb / 77P
[Old version datasheet]   Single-Channel,16-Bit Voltage and Current Output Digital-to-Analog Converter with Adaptive Power Management
DAC8771RGZT TI1-DAC8771RGZT Datasheet
4Mb / 77P
[Old version datasheet]   Single-Channel,16-Bit Voltage and Current Output Digital-to-Analog Converter with Adaptive Power Management
More results

Similar Description - DAC8775

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8771 TI1-DAC8771 Datasheet
4Mb / 77P
[Old version datasheet]   Single-Channel,16-Bit Voltage and Current Output Digital-to-Analog Converter with Adaptive Power Management
logo
Burr-Brown (TI)
DAC7634 BURR-BROWN-DAC7634 Datasheet
554Kb / 27P
   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI1-DAC7664_15 Datasheet
1Mb / 32P
[Old version datasheet]   16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7744 TI1-DAC7744_14 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7644 TI1-DAC7644_08 Datasheet
552Kb / 25P
[Old version datasheet]   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7644 BURR-BROWN-DAC7644 Datasheet
349Kb / 21P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7634 TI1-DAC7634_08 Datasheet
757Kb / 31P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com