Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDC316 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DDC316
Description  16-Channel, Current-Input Analog-to-Digital Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DDC316 Datasheet(HTML) 1 Page - Texas Instruments

  DDC316 Datasheet HTML 1Page - Texas Instruments DDC316 Datasheet HTML 2Page - Texas Instruments DDC316 Datasheet HTML 3Page - Texas Instruments DDC316 Datasheet HTML 4Page - Texas Instruments DDC316 Datasheet HTML 5Page - Texas Instruments DDC316 Datasheet HTML 6Page - Texas Instruments DDC316 Datasheet HTML 7Page - Texas Instruments DDC316 Datasheet HTML 8Page - Texas Instruments DDC316 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
Control
CLK
CONV
DIN_CFG
RESET
DDC316
ADCs
AGND
DGND
AVDD
DVDD
VREF
ItoV
IN1
IN2
IN3
IN4
IN16
ItoV
Serial
Interface
DVALID
DIN
DCLK
DOUT1
DOUT2
DOUT3
DOUT4
ItoV
ItoV
ItoV
DDC316
www.ti.com......................................................................................................................................................... SBAS370A – MARCH 2008 – REVISED APRIL 2009
16-Channel, Current-Input
Analog-to-Digital Converter
2
• SINGLE-CHIP SOLUTION TO MEASURE 16
The DDC316 is a 16-bit, 16-channel, current-input
LOW-LEVEL CURRENTS
analog-to-digital converter (ADC). It combines both
current-to-voltage
and
analog-to-digital
(A/D)
• INTEGRATING I-TO-V CONVERSION
conversion so that 16 separate low-level current
FRONT-END
output devices (such as photodiodes) can be directly
• PROGRAMMABLE FULL-SCALE : 3pC to 12pC
connected to its inputs and digitized.
• ADJUSTABLE SPEED:
For each of the 16 inputs, the DDC316 provides a
Data Rate Up To 100kSPS
dual-switched integrator front-end. This configuration
Integration Time Down To 10
µs
allows for continuous current integration: while one
integrator is being digitized by the on-chip ADC, the
• ANALOG SUPPLY: +5V
other is integrating the input current. Adjustable
• DIGITAL SUPPLY: +3.3V
integration times range from 10
µs to 1ms.
The DDC316 provides a serial interface of the output
data, either multiplexed onto a single data output pin
• CT SCANNER DAS
or parallel on four output pins. The output mode can
• PHOTODIODE SENSORS
be selected based on the available integration time.
• X-RAY DETECTION SYSTEMS
The DDC316 uses a +5V analog supply and a +3.3V
Protected by US Patent #5841310
digital supply. Operating over the temperature range
of 0°C to +70°C, the DDC316 is offered in a BGA-64
package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DDC316

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC316 TI-DDC316 Datasheet
391Kb / 24P
[Old version datasheet]   16-Channel, Current-Input Analog-to-Digital Converter
DDC316 TI1-DDC316 Datasheet
979Kb / 34P
[Old version datasheet]   32-Channel, Current-Input Analog-to-Digital Converter
DDC316 TI1-DDC316 Datasheet
1Mb / 36P
[Old version datasheet]   32-Channel, Current-Input Analog-to-Digital Converter
DDC316CGXGR TI-DDC316CGXGR Datasheet
391Kb / 24P
[Old version datasheet]   16-Channel, Current-Input Analog-to-Digital Converter
DDC316CGXGT TI-DDC316CGXGT Datasheet
391Kb / 24P
[Old version datasheet]   16-Channel, Current-Input Analog-to-Digital Converter
More results

Similar Description - DDC316

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC316 TI-DDC316 Datasheet
391Kb / 24P
[Old version datasheet]   16-Channel, Current-Input Analog-to-Digital Converter
logo
Burr-Brown (TI)
DDC232 BURR-BROWN-DDC232 Datasheet
303Kb / 28P
   32-Channel, Current-Input Analog-to-Digital Converter
logo
Texas Instruments
DDC1128 TI1-DDC1128 Datasheet
657Kb / 9P
[Old version datasheet]   128-Channel, Current-Input Analog-to-Digital Converter
DDC2256A TI1-DDC2256A Datasheet
170Kb / 7P
[Old version datasheet]   256-Channel, Current-Input Analog-To-Digital Converter
DDC232 TI1-DDC232_17 Datasheet
977Kb / 34P
[Old version datasheet]   32-Channel, Current-Input Analog-to-Digital Converter
DDC264 TI1-DDC264 Datasheet
482Kb / 26P
[Old version datasheet]   64-Channel, Current-Input Analog-to-Digital Converter
DDC232 TI1-DDC232_15 Datasheet
979Kb / 34P
[Old version datasheet]   32-Channel, Current-Input Analog-to-Digital Converter
DDC232 TI1-DDC232_V01 Datasheet
1Mb / 36P
[Old version datasheet]   32-Channel, Current-Input Analog-to-Digital Converter
DDC3256 TI1-DDC3256 Datasheet
614Kb / 9P
[Old version datasheet]   DDC3256 256-Channel, Current-Input Analog-To-Digital Converter
JUNE 2023
ADS1158 TI1-ADS1158_14 Datasheet
1Mb / 53P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com