Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9251US24-2.7 Datasheet(PDF) 6 Page - Xicor Inc.

Part # X9251US24-2.7
Description  Quad Digitally-Controlled (XDCP) Potentiometer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9251US24-2.7 Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X9251US24-2.7 Datasheet HTML 2Page - Xicor Inc. X9251US24-2.7 Datasheet HTML 3Page - Xicor Inc. X9251US24-2.7 Datasheet HTML 4Page - Xicor Inc. X9251US24-2.7 Datasheet HTML 5Page - Xicor Inc. X9251US24-2.7 Datasheet HTML 6Page - Xicor Inc. X9251US24-2.7 Datasheet HTML 7Page - Xicor Inc. X9251US24-2.7 Datasheet HTML 8Page - Xicor Inc. X9251US24-2.7 Datasheet HTML 9Page - Xicor Inc. X9251US24-2.7 Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
X9251
Characteristics subject to change without notice.
6 of 25
REV 1.3.3 2/10/04
www.xicor.com
PRINCIPLES OF OPERATION
The X9251 is an integrated circuit incorporating four
DCPs and their associated registers and counters, and
a serial interface providing direct communication
between a host and the potentiometers.
DCP Description
Each DCP is implemented with a combination of
resistor elements and CMOS switches. The physical
ends of each DCP are equivalent to the fixed terminals
of a mechanical potentiometer (RH and RL pins). The
RW pin is an intermediate node, equivalent to the
wiper terminal of a mechanical potentiometer.
The position of the wiper terminal within the DCP is
controlled by an 8-bit volatile Wiper Counter Register
(WCR).
Power Up and Down Recommendations.
There are no restrictions on the power-up or power-
down conditions of VCC and the voltages applied to the
potentiometer pins provided that VCC is always more
positive than or equal to VH, VL, and VW, i.e., VCC ≥ VH,
VL, VW. The VCC ramp rate specification is always in
effect.
Figure 1. Detailed Potentiometer Block Diagram
SERIAL DATA PATH
FROM INTERFACE
CIRCUITRY
DR#0
SERIAL
BUS
INPUT
PARALLEL
BUS
INPUT
COUNTER
REGISTER
INC/DEC
LOGIC
UP/DN
CLK
MODIFIED SCK
UP/DN
8
8
COUNTER
IF WCR = 00[H] then RW is closet to RL
IF WCR = FF[H] then RW is closet to RH
WIPER
(WCR#)
#: 0, 1, 2, or 3
One of Four Potentiometers
DR#2
DR#1
DR#3
- - -
DECODE
DCP
CORE
RW
RH
RL


Similar Part No. - X9251US24-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9251US24-2.7 INTERSIL-X9251US24-2.7 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
More results

Similar Description - X9251US24-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com