Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C937U472JZSDDA7317 Datasheet(PDF) 3 Page - Kemet Corporation

Part # C937U472JZSDDA7317
Description  Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C937U472JZSDDA7317 Datasheet(HTML) 3 Page - Kemet Corporation

  C937U472JZSDDA7317 Datasheet HTML 1Page - Kemet Corporation C937U472JZSDDA7317 Datasheet HTML 2Page - Kemet Corporation C937U472JZSDDA7317 Datasheet HTML 3Page - Kemet Corporation C937U472JZSDDA7317 Datasheet HTML 4Page - Kemet Corporation C937U472JZSDDA7317 Datasheet HTML 5Page - Kemet Corporation C937U472JZSDDA7317 Datasheet HTML 6Page - Kemet Corporation C937U472JZSDDA7317 Datasheet HTML 7Page - Kemet Corporation C937U472JZSDDA7317 Datasheet HTML 8Page - Kemet Corporation C937U472JZSDDA7317 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1065_X1_440 VAC_Y2_300 VAC • 1/13/2017
3
Radial Leaded Ceramic Disc Capacitors
Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
Lead Configurations
Straight
Vertical Kink
Outside Kink
Inside Kink1
D
T
LL
S
F
3.0
Maximum
D
T
LL
S
F
4.0 Maximum
3.0
Maximum
D
T
LL
S
F
5.0 Maximum
3.0
Maximum
D
T
LL
S
F
5.0 Maximum
3.0
Maximum
1
Due to a high risk of arcing, the "Inside Kink" lead configuration option cannot be combined with 5 mm lead spacing ("S" dimension above). The "Inside
Kink" option is only available on devices with lead spacing of 7.5 mm or 10 mm.
Dimensions – Millimeters
Lead
Configuration
Lead
Configuration
Ordering Code1
S
Lead
Spacing
Tolerance
D
T
e
ØF
Lead
Spacing2
Body
Diameter2
Body
Thickness
Lead
Meniscus
Lead
Diameter
Straight
A
7.5
±1.0
See Table 1 -
"Product Ordering Codes
and Ratings"
3.0
maximum
0.55±0.1
10.0
±1.0
Vertical Kink
(Preformed)
B
7.5
±1.0
10.0
±1.0
Outside Kink
(Preformed)
C
7.5
±1.0
10.0
±1.0
Inside Kink
(Preformed)
D
7.5
±1.0
10.0
±1.0
1
Lead Configuration is identified in the 13th character of the ordering code. See "Lead Configuration" and "Ordering Information" sections of this
document for further details.
2
Body diameter of capacitor will limit available lead spacing and packaging options. See "Product Ordering Codes and Ratings" sections of this
document for further details.


Similar Part No. - C937U472JZSDDA7317

ManufacturerPart #DatasheetDescription
logo
Cisco Systems, Inc.
C9300 CISCO-C9300 Datasheet
3Mb / 74P
   Cisco Catalyst 9300 Series Switches
2023
C9300-24H CISCO-C9300-24H Datasheet
3Mb / 74P
   Cisco Catalyst 9300 Series Switches
2023
C9300-24P CISCO-C9300-24P Datasheet
3Mb / 74P
   Cisco Catalyst 9300 Series Switches
2023
C9300-24S CISCO-C9300-24S Datasheet
3Mb / 74P
   Cisco Catalyst 9300 Series Switches
2023
C9300-24T CISCO-C9300-24T Datasheet
3Mb / 74P
   Cisco Catalyst 9300 Series Switches
2023
More results

Similar Description - C937U472JZSDDA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C961U222MWWDAA7317 KEMET-C961U222MWWDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C931U101JVSDAA7317 KEMET-C931U101JVSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
C911U620JUSDAA7317 KEMET-C911U620JUSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 250 VAC (Industrial Grade)
C981U103MYVDAA7317 KEMET-C981U103MYVDAA7317 Datasheet
1Mb / 2P
   Safety Standard Recognized, 900 Series, Radial Disc, Encapsulated, X1 400 VAC / Y1 250 VAC (Industrial Grade)
C771U472MSWDAA7301 KEMET-C771U472MSWDAA7301 Datasheet
1Mb / 18P
   Safety Standard Recognized, C700, Encapsulated, KJN Type, X1 440/760 VAC/Y1 250/400/500 VAC (Industrial Grade)
10/25/2022
logo
Vishay Siliconix
VY2222M35Y5US63V7 VISHAY-VY2222M35Y5US63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2472M49Y5US63V7 VISHAY-VY2472M49Y5US63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2471K29Y5SS63V7 VISHAY-VY2471K29Y5SS63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2332M41Y5US6TV5 VISHAY-VY2332M41Y5US6TV5 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2222M35Y5US63V0 VISHAY-VY2222M35Y5US63V0 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com