Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8320 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8320
Description  6 to 60-V Three-Phase Smart Gate Driver
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8320 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV8320 Datasheet HTML 7Page - Texas Instruments DRV8320 Datasheet HTML 8Page - Texas Instruments DRV8320 Datasheet HTML 9Page - Texas Instruments DRV8320 Datasheet HTML 10Page - Texas Instruments DRV8320 Datasheet HTML 11Page - Texas Instruments DRV8320 Datasheet HTML 12Page - Texas Instruments DRV8320 Datasheet HTML 13Page - Texas Instruments DRV8320 Datasheet HTML 14Page - Texas Instruments DRV8320 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
11
DRV8320, DRV8320R
DRV8323, DRV8323R
www.ti.com
SLVSDJ3 – FEBRUARY 2017
Product Folder Links: DRV8320 DRV8320R DRV8323 DRV8323R
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Specified by design and characterization data
7.5 Electrical Characteristics
at TA = –40°C to +125°C, VVM = 6 to 60 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES (DVDD, VCP, VM)
IVM
VM operating supply current
VVM = 24 V, ENABLE = 3.3 V, INHx/INLx = 0 V
10.5
14
mA
IVMQ
VM sleep mode supply current
ENABLE = 0 V, VVM = 24 V, TA = 25°C
12
20
µA
ENABLE = 0 V, VVM = 24 V, TA = 125°C
(1)
50
tRST
(1)
Reset pulse time
ENABLE = 0 V period to reset faults
8
40
µs
tWAKE
Turnon time
VVM > VUVLO, ENABLE = 3.3 V to outputs ready
1
ms
tSLEEP
Turnoff time
ENABLE = 0 V to device sleep mode
1
ms
VDVDD
DVDD regulator voltage
IDVDD = 0 to 30 mA
3
3.3
3.6
V
VVCP
VCP operating voltage
w.r.t VM
VVM = 13 V, IVCP = 0 to 25 mA
8.4
11
12.5
V
VVM = 10 V, IVCP = 0 to 20 mA
6.3
9
10
VVM = 8 V, IVCP = 0 to 15 mA
5.4
7
8
VVM = 6 V, IVCP = 0 to 10 mA
4
5
6
LOGIC-LEVEL INPUTS (CAL, ENABLE, INHx, INLx, nSCS, SCLK, SDI)
VIL
Input logic low voltage
0
0.8
V
VIH
Input logic high voltage
1.5
5.5
V
VHYS
Input logic hysteresis
100
mV
IIL
Input logic low current
VVIN = 0 V
–5
5
µA
IIH
Input logic high current
VVIN = 5 V
50
70
µA
RPD
Pulldown resistance
To AGND
100
tPD
Propagation delay
INHx/INLx transition to GHx/GLx transition
150
ns
FOUR-LEVEL H/W INPUTS (GAIN, MODE)
VI1
Input mode 1 voltage
Tied to AGND
0
V
VI2
Input mode 2 voltage
45 kΩ ± 5% to tied AGND
1.2
V
VI3
Input mode 3 voltage
Hi-Z
2
V
VI4
Input mode 4 voltage
Tied to DVDD
3.3
V
RPU
Pullup resistance
Internal pullup to DVDD
50
RPD
Pulldown resistance
Internal pulldown to AGND
84
SEVEN-LEVEL H/W INPUTS (IDRIVE, VDS)
VI1
Input mode 1 voltage
Tied to AGND
0
V
VI2
Input mode 2 voltage
18 kΩ ± 5% tied to AGND
0.5
V
VI3
Input mode 3 voltage
75 kΩ ± 5% tied to AGND
1.1
V
VI4
Input mode 4 voltage
Hi-Z
1.65
V
VI5
Input mode 5 voltage
75 kΩ ± 5% tied to DVDD
2.2
V
VI6
Input mode 6 voltage
18 kΩ ± 5% tied to DVDD
2.8
V
VI7
Input mode 7 voltage
Tied to DVDD
3.3
V
RPU
Pullup resistance
Internal pullup to DVDD
73
RPD
Pulldown resistance
Internal pulldown to AGND
73
OPEN DRAIN OUTPUTS (nFAULT, SDO)
VOL
Output logic low voltage
IO = 5 mA
0.1
V
IOZ
Output high impedance leakage
VO = 5 V
–2
2
µA


Similar Part No. - DRV8320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8320 TI1-DRV8320 Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8320HRTVR TI1-DRV8320HRTVR Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8320HRTVT TI1-DRV8320HRTVT Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8320R TI1-DRV8320R Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8320RHRHAR TI1-DRV8320RHRHAR Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
More results

Similar Description - DRV8320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8320 TI1-DRV8320_17 Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8350 TI1-DRV8350 Datasheet
2Mb / 87P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350_1903 TI1-DRV8350_1903 Datasheet
3Mb / 91P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350 TI1-DRV8350_19 Datasheet
3Mb / 90P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8353M TI-DRV8353M Datasheet
3Mb / 76P
[Old version datasheet]   DRV8353M 100-V Three-Phase Smart Gate Driver
DRV8350F TI-DRV8350F Datasheet
3Mb / 97P
[Old version datasheet]   DRV835xF 100-V Three-Phase Smart Gate Driver
DRV8343-Q1 TI1-DRV8343-Q1 Datasheet
1,007Kb / 83P
[Old version datasheet]   Automotive 5.5 to 60-V Three-Phase Smart Gate Driver With Three Integrated Current Shunt Amplifiers
DRV8329 TI-DRV8329_V01 Datasheet
3Mb / 57P
[Old version datasheet]   DRV8329 4.5 to 60 V Three-phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8328 TI-DRV8328_V01 Datasheet
3Mb / 51P
[Old version datasheet]   DRV8328 4.5 to 60 V Three-phase BLDC Gate Driver
FEBRUARY 2022
DRV8329 TI-DRV8329 Datasheet
3Mb / 57P
[Old version datasheet]   DRV8329 4.5 to 60 V Three-phase BLDC Gate Driver
JUNE 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com