Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8323RHRGZR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8323RHRGZR
Description  6 to 60-V Three-Phase Smart Gate Driver
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8323RHRGZR Datasheet(HTML) 3 Page - Texas Instruments

  DRV8323RHRGZR Datasheet HTML 1Page - Texas Instruments DRV8323RHRGZR Datasheet HTML 2Page - Texas Instruments DRV8323RHRGZR Datasheet HTML 3Page - Texas Instruments DRV8323RHRGZR Datasheet HTML 4Page - Texas Instruments DRV8323RHRGZR Datasheet HTML 5Page - Texas Instruments DRV8323RHRGZR Datasheet HTML 6Page - Texas Instruments DRV8323RHRGZR Datasheet HTML 7Page - Texas Instruments DRV8323RHRGZR Datasheet HTML 8Page - Texas Instruments DRV8323RHRGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
1
CPH
24
DVDD
2
VCP
23
AGND
3
VM
22
ENABLE
4
VDRAIN
21
nSCS
5
GHA
20
SCLK
6
SHA
19
SDI
7
GLA
18
SDO
8
SLA
17
nFAULT
Not to scale
Thermal
Pad
1
CPH
24
DVDD
2
VCP
23
AGND
3
VM
22
ENABLE
4
VDRAIN
21
NC
5
GHA
20
VDS
6
SHA
19
IDRIVE
7
GLA
18
MODE
8
SLA
17
nFAULT
Not to scale
Thermal
Pad
3
DRV8320, DRV8320R
DRV8323, DRV8323R
www.ti.com
SLVSDJ3 – FEBRUARY 2017
Product Folder Links: DRV8320 DRV8320R DRV8323 DRV8323R
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE
VARIANT
SHUNT AMPLIFIERS
BUCK REGULATOR
INTERFACE
DRV8320
DRV8320H
0
None
Hardware (H)
DRV8320S
SPI (S)
DRV8320RH
DRV8320RH
600 mA (R)
Hardware (H)
DRV8320RS
SPI (S)
DRV8323H
DRV8323H
3
None
Hardware (H)
DRV8323S
SPI (S)
DRV8323RH
DRV8323RH
600 mA (R)
Hardware (H)
DRV8323RS
SPI (S)
6 Pin Configuration and Functions
DRV8320H RTV Package
32-Pin WQFN With Exposed Thermal Pad
Top View
DRV8320S RTV Package
32-Pin WQFN With Exposed Thermal Pad
Top View
(1)
PWR = power, I = input, O = output, NC = no connection, OD = open-drain
Pin Functions—32-Pin DRV8320 Devices
PIN
TYPE
(1)
DESCRIPTION
NAME
NO.
DRV8320H
DRV8320S
AGND
23
23
PWR
Device analog ground. Connect to system ground.
CPH
1
1
PWR
Charge pump switching node. Connect a X5R or X7R, 47-nF, VM-rated ceramic capacitor between the CPH and CPL pins.
CPL
32
32
PWR
Charge pump switching node. Connect a X5R or X7R, 47-nF, VM-rated ceramic capacitor between the CPH and CPL pins.
DVDD
24
24
PWR
3.3-V internal regulator output. Connect a X5R or X7R, 1-µF, 6.3-V ceramic capacitor between the DVDD and AGND pins.
This regulator can source up to 30 mA externally.
ENABLE
22
22
I
Gate driver enable. When this pin is logic low the device enters a low power sleep mode. An 8 to 40-µs pulse can be used to
reset fault conditions.
GHA
5
5
O
High-side gate driver output. Connect to the gate of the high-side power MOSFET.
GHB
12
12
O
High-side gate driver output. Connect to the gate of the high-side power MOSFET.
GHC
13
13
O
High-side gate driver output. Connect to the gate of the high-side power MOSFET.
GLA
7
7
O
Low-side gate driver output. Connect to the gate of the low-side power MOSFET.
GLB
10
10
O
Low-side gate driver output. Connect to the gate of the low-side power MOSFET.


Similar Part No. - DRV8323RHRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8323RHRGZR TI1-DRV8323RHRGZR Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
More results

Similar Description - DRV8323RHRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8320 TI1-DRV8320_17 Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8350 TI1-DRV8350 Datasheet
2Mb / 87P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350_1903 TI1-DRV8350_1903 Datasheet
3Mb / 91P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350 TI1-DRV8350_19 Datasheet
3Mb / 90P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8353M TI-DRV8353M Datasheet
3Mb / 76P
[Old version datasheet]   DRV8353M 100-V Three-Phase Smart Gate Driver
DRV8350F TI-DRV8350F Datasheet
3Mb / 97P
[Old version datasheet]   DRV835xF 100-V Three-Phase Smart Gate Driver
DRV8343-Q1 TI1-DRV8343-Q1 Datasheet
1,007Kb / 83P
[Old version datasheet]   Automotive 5.5 to 60-V Three-Phase Smart Gate Driver With Three Integrated Current Shunt Amplifiers
DRV8329 TI-DRV8329_V01 Datasheet
3Mb / 57P
[Old version datasheet]   DRV8329 4.5 to 60 V Three-phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8328 TI-DRV8328_V01 Datasheet
3Mb / 51P
[Old version datasheet]   DRV8328 4.5 to 60 V Three-phase BLDC Gate Driver
FEBRUARY 2022
DRV8329 TI-DRV8329 Datasheet
3Mb / 57P
[Old version datasheet]   DRV8329 4.5 to 60 V Three-phase BLDC Gate Driver
JUNE 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com