Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9250UV24I Datasheet(PDF) 11 Page - Xicor Inc.

Part # X9250UV24I
Description  Quad Digitally Controlled Potentiometers (XDCP)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9250UV24I Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X9250UV24I Datasheet HTML 7Page - Xicor Inc. X9250UV24I Datasheet HTML 8Page - Xicor Inc. X9250UV24I Datasheet HTML 9Page - Xicor Inc. X9250UV24I Datasheet HTML 10Page - Xicor Inc. X9250UV24I Datasheet HTML 11Page - Xicor Inc. X9250UV24I Datasheet HTML 12Page - Xicor Inc. X9250UV24I Datasheet HTML 13Page - Xicor Inc. X9250UV24I Datasheet HTML 14Page - Xicor Inc. X9250UV24I Datasheet HTML 15Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
X9250
Characteristics subject to change without notice.
11 of 21
REV 1.1.5 1/31/03
www.xicor.com
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
ENDURANCE AND DATA RETENTION
CAPACITANCE
POWER-UP TIMING
POWER UP AND DOWN REQUIREMENT
The are no restrictions on the sequencing of the bias supplies VCC, V+, and V- provided that all three supplies reach
their final values within 1msec of each other. At all times, the voltages on the potentiometer pins must be less than
V+ and more than V-. The recall of the wiper position from nonvolatile memory is not in effect until all supplies reach
their final value. The VCC ramp rate spec is always in effect.
Notes: (5) This parameter is periodically sampled and not 100% tested
(6) tPUR and tPUW are the delays required from the time the third (last) power supply (VCC, V+ or V-) is stable until the specific instruction can
be issued. These parameters are periodically sampled and not 100% tested.
(7) Sample tested only.
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.
Max.
Unit
ICC1
VCC supply current
(active)
400
µA
fSCK = 2MHz, SO = Open,
Other Inputs = VSS
ICC2
VCC supply current
(nonvolatile write)
1mA
fSCK = 2MHz, SO = Open,
Other Inputs = VSS
ISB
VCC current (standby)
5
µA
SCK = SI = VSS, Addr. = VSS
ILI
Input leakage current
10
µA
VIN = VSS to VCC
ILO
Output leakage current
10
µA
VOUT = VSS to VCC
VIH
Input HIGH voltage
VCC x 0.7
VCC + 0.1
V
VIL
Input LOW voltage
–0.5
VCC x 0.3
V
VOL
Output LOW voltage
0.4
V
IOL = 3mA
Parameter
Min.
Unit
Minimum endurance
100,000
Data changes per bit per register
Data retention
100
Years
Symbol
Test
Max.
Unit
Test Conditions
COUT
(5)
Output capacitance (SO)
8
pF
VOUT = 0V
CIN
(5)
Input capacitance (A0, A1, SI, and SCK, CS)
6
pF
VIN = 0V
Symbol
Parameter
Min.
Max.
Unit
tPUR
(6)
Power-up to initiation of read operation
1
ms
tPUW
(6)
Power-up to initiation of write operation
5
ms
tR VCC
(7)
VCC power up ramp rate
0.2
50
V/msec
A.C. TEST CONDITIONS
Input pulse levels
VCC x 0.1 to VCC x 0.9
Input rise and fall times
10ns
Input and output timing level
VCC x 0.5


Similar Part No. - X9250UV24I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9250UV24I INTERSIL-X9250UV24I Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
X9250UV24I INTERSIL-X9250UV24I Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
X9250UV24I INTERSIL-X9250UV24I Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
logo
Renesas Technology Corp
X9250UV24I RENESAS-X9250UV24I Datasheet
822Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps Quad Digitally Controlled Potentiometers (XDCP??
logo
Intersil Corporation
X9250UV24I-2.7 INTERSIL-X9250UV24I-2.7 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
More results

Similar Description - X9250UV24I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9400 XICOR-X9400 Datasheet
150Kb / 22P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9250TS24I INTERSIL-X9250TS24I Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
X9408 INTERSIL-X9408_09 Datasheet
336Kb / 20P
   Quad Digitally Controlled (XDCP?? Potentiometers
ISL90841 INTERSIL-ISL90841_06 Datasheet
1Mb / 12P
   Quad Digitally Controlled Potentiometers (XDCP??
logo
Xicor Inc.
X9259 XICOR-X9259 Datasheet
400Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometers
logo
Intersil Corporation
ISL90840 INTERSIL-ISL90840_06 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90840 RENESAS-ISL90840 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™)
November 14, 2006
logo
Intersil Corporation
ISL22329 INTERSIL-ISL22329 Datasheet
393Kb / 13P
   Dual Digitally Controlled Potentiometers XDCP
X9268TS24 INTERSIL-X9268TS24 Datasheet
323Kb / 22P
   Dual Digitally-Controlled (XDCP) Potentiometers
August 29, 2006
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com