Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6211B3AML Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6211B3AML
Description  High Speed LDO Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6211B3AML Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6211B3AML Datasheet HTML 2Page - Torex Semiconductor XC6211B3AML Datasheet HTML 3Page - Torex Semiconductor XC6211B3AML Datasheet HTML 4Page - Torex Semiconductor XC6211B3AML Datasheet HTML 5Page - Torex Semiconductor XC6211B3AML Datasheet HTML 6Page - Torex Semiconductor XC6211B3AML Datasheet HTML 7Page - Torex Semiconductor XC6211B3AML Datasheet HTML 8Page - Torex Semiconductor XC6211B3AML Datasheet HTML 9Page - Torex Semiconductor XC6211B3AML Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Preliminary
Operational Explanation
Output voltage control with the XC6211 series:
Low ESR Capacitors
Current Limiter, Short-Circuit Protection
CE Pin
Notes on Use
1 Please use this IC within the stated absolute maximum ratings.
The IC is liable to malfunction should the ratings be exceeded.
2 Where wiring impedance is high, operations may become unstable due to noise and/or phase lag
depending on output current. Please keep the resistance low between VIN and VSS wiring in particular.
3 Please wire the input capacitor (CIN) and the output capacitor (CL) as close to the IC as possible.
6
The voltage divided by resistors R1 & R2 is compared with the internal reference voltage by the error amplifier. The P-Channel
MOSFET, which is connected to the VOUT pin, is then driven by the subsequent output signal. The output voltage at the VOUT
pin is controlled and stabilized by a system of negative feedback. The current limit circuit and short protect circuit operate in
relation to the level of output current. Further, the IC's internal circuitry can be shutdown via the CE pin's signal.
With the XC6211 series, a stable output voltage is achievable even if used with low ESR capacitors as a phase
compensation circuit is built-in. In order to ensure the effectiveness of the phase compensation, we suggest that an
output capacitor (CL) is connected as close as possible to the output pin (VOUT) and the VSS pin. Please use an
output capacitor with a capacitance value of at least 1
µF. Also, please connect an input capacitor (CIN) of 0.1µF
between the VIN pin and the VSS pin in order to ensure a stable power input.
The XC6211 series includes a combination of a fixed current limiter circuit & a foldback circuit which aid the
operations of the current limiter and circuit protection. When the load current reaches the current limit level, the
fixed current limiter circuit operates and output voltage drops. As a result of this drop in output voltage, the foldback
circuit operates, output voltage drops further and output current decreases. When the output pin is shorted, a
current of about 50mA flows.
The IC's internal circuitry can be shutdown via the signal from the CE pin with the XC6211 series. In shutdown
mode, output at the VOUT pin will be pulled down to the VSS level via R1 & R2. The operational logic of the IC's CE
pin is selectable (please refer to the selection guide on page 3). Note that as the standard XC6211B type's
regulator 1 and 2 are both ' High Active/No Pull Down', operations will become unstable with the CE pin open.
Although the CE pin is equal to an inverter input with CMOS hysteresis, with either the pull-up or pull-down options,
the CE pin input current will increase when the IC is in operation. We suggest that you use this IC with either a VIN
voltage or a VSS voltage input at the CE pin. If this IC is used with the correct specifications for the CE pin, the
operational logic is fixed and the IC will operate normally. However, supply current may increase as a result of
through current in the IC's internal circuitry.
XC6211 Series
High Speed LDO Regulator
Low ESR Cap. Compatible, On / Off Switch
Current
Limit
ON/OFF
Control
Voltage
Reference
each circuit
CE
VSS
VOUT
VIN
R2
R1


Similar Part No. - XC6211B3AML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6211B26AMR TOREX-XC6211B26AMR Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
More results

Similar Description - XC6211B3AML

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM6219-33N5 CYSTEKEC-LM6219-33N5 Datasheet
353Kb / 9P
   300mA High Speed LDO Regulator,
logo
Torex Semiconductor
XCM406 TOREX-XCM406_15 Datasheet
1Mb / 20P
   High Speed Dual LDO Regulator
logo
Cystech Electonics Corp...
LM6219-3.3N5 CYSTEKEC-LM6219-3.3N5 Datasheet
450Kb / 9P
   300mA High Speed LDO Regulator
logo
Torex Semiconductor
XC6225 TOREX-XC6225 Datasheet
252Kb / 15P
   30mA High Speed LDO Regulator
XCM406 TOREX-XCM406_12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406-12 TOREX-XCM406-12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406 TOREX-XCM406 Datasheet
1Mb / 20P
   High Current High Speed Dual LDO Regulator
logo
Diodes Incorporated
AP2121 DIODES-AP2121 Datasheet
1Mb / 29P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 2 - 6 Dec 2012
logo
BCD Semiconductor Manuf...
AP2122 BCDSEMI-AP2122 Datasheet
238Kb / 20P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2121 BCDSEMI-AP2121_07 Datasheet
271Kb / 21P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com