Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9319US8 Datasheet(PDF) 8 Page - Xicor Inc.

Part # X9319US8
Description  Digitally Controlled Potentiometer (XDCP)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9319US8 Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X9319US8 Datasheet HTML 2Page - Xicor Inc. X9319US8 Datasheet HTML 3Page - Xicor Inc. X9319US8 Datasheet HTML 4Page - Xicor Inc. X9319US8 Datasheet HTML 5Page - Xicor Inc. X9319US8 Datasheet HTML 6Page - Xicor Inc. X9319US8 Datasheet HTML 7Page - Xicor Inc. X9319US8 Datasheet HTML 8Page - Xicor Inc. X9319US8 Datasheet HTML 9Page - Xicor Inc. X9319US8 Datasheet HTML 10Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8 of 10
REV 1.7 7/10/03
www.xicor.com
X9319
APPLICATIONS INFORMATION
Electronic digitally controlled (XDCP) potentiometers provide three powerful application advantages; (1) the vari-
ability and reliability of a solid-state potentiometer, (2) the flexibility of computer-based digital controls, and (3) the
retentivity of nonvolatile memory used for the storage of multiple potentiometer settings or data.
Basic Configurations of Electronic Potentiometers
Basic Circuits
VREF
RW
VREF
I
Three terminal potentiometer;
variable voltage divider
Two terminal variable resistor;
variable current
RH
RL
Cascading Techniques
Buffered Reference Voltage
+
+5V
R1
+V
VREF
VOUT
LMC7101
RW
RW
+V
+V
+V
X
(a)
(b)
VOUT = VW/RW
Single Supply Inverting Amplifier
Voltage Regulator
R1
R2
Iadj
VO (REG) = 1.25V (1+R2/R1)+Iadj R2
VO (REG)
VIN
317
Offset Voltage Adjustment
+
VS
VO
R2
R1
100K
10K
10K
10K
+15V
LMC7101
Comparator with Hysteresis
VUL = {R1/(R1+R2)} VO(max)
VLL = {R1/(R1+R2)} VO(min)
+
R1
VO
LMC7101
+
VS
VO
R2
R1
LT311A
(for additional circuits see AN115)
+12V
R2
+8V
100K
100K
+10V
VS
VO = (R2/R1)VS
RW


Similar Part No. - X9319US8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9319US8 INTERSIL-X9319US8 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9319US8I INTERSIL-X9319US8I Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9319US8I INTERSIL-X9319US8I Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
X9319US8IZ INTERSIL-X9319US8IZ Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9319US8IZ INTERSIL-X9319US8IZ Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
More results

Similar Description - X9319US8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
X93154 INTERSIL-X93154_08 Datasheet
225Kb / 9P
   Digitally Controlled Potentiometer(XDCP??
X93155 INTERSIL-X93155 Datasheet
246Kb / 8P
   Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com