Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9319US8 Datasheet(PDF) 6 Page - Xicor Inc.

Part # X9319US8
Description  Digitally Controlled Potentiometer (XDCP)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9319US8 Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X9319US8 Datasheet HTML 2Page - Xicor Inc. X9319US8 Datasheet HTML 3Page - Xicor Inc. X9319US8 Datasheet HTML 4Page - Xicor Inc. X9319US8 Datasheet HTML 5Page - Xicor Inc. X9319US8 Datasheet HTML 6Page - Xicor Inc. X9319US8 Datasheet HTML 7Page - Xicor Inc. X9319US8 Datasheet HTML 8Page - Xicor Inc. X9319US8 Datasheet HTML 9Page - Xicor Inc. X9319US8 Datasheet HTML 10Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
X9319
6 of 10
REV 1.7 7/10/03
www.xicor.com
PIN DESCRIPTIONS
RH and RL
The high (RH) and low (RL) terminals of the X9319 are
equivalent to the fixed terminals of a mechanical
potentiometer. The terminology of RL and RH refer-
ences the relative position of the terminal in relation to
wiper movement direction selected by the U/D input
and not the voltage potential on the terminal.
R
W
Rw is the wiper terminal and is equivalent to the mov-
able terminal of a mechanical potentiometer. The posi-
tion of the wiper within the array is determined by the
control inputs. The wiper terminal series resistance is
typically 40
Ω.
Up/Down (U/D)
The U/D input controls the direction of the wiper move-
ment and whether the counter is incremented or decre-
mented.
Increment (INC)
The INC input is negative-edge triggered. Toggling INC
will move the wiper and either increment or decrement
the counter in the direction indicated by the logic level
on the U/D input.
Chip Select (CS)
The device is selected when the CS input is LOW. The
current counter value is stored in nonvolatile memory
when CS is returned HIGH while the INC input is also
HIGH. After the store operation is complete the X9319
will be placed in the low power standby mode until the
device is selected once again.
PIN CONFIGURATION
PIN NAMES
PRINCIPLES OF OPERATION
There are three sections of the X9319: the control
section, the nonvolatile memory, and the resistor array.
The control section operates just like an up/down
counter. The output of this counter is decoded to turn
on a single electronic switch connecting a point on the
resistor array to the wiper output. The contents of the
counter can be stored in nonvolatile memory and
retained for future use. The resistor array is comprised
of
99
individual
resistors
connected
in
series.
Electronic switches at either end of the array and
between each resistor provide an electrical connection
to the wiper pin, RW.
The wiper acts like its mechanical equivalent and does
not move beyond the first or last position. That is, the
counter does not wrap around when clocked to either
extreme.
The electronic switches on the device operate in a
“make before break” mode when the wiper changes
tap positions. If the wiper is moved several positions,
multiple taps are connected to the wiper for tIW (INC to
VW change). The RTOTAL value for the device can tem-
porarily be reduced by a significant amount if the wiper
is moved several positions.
When the device is powered-down, the last wiper posi-
tion stored will be maintained in the nonvolatile mem-
ory. When power is restored, the contents of the
memory are recalled and the wiper is set to the value
last stored.
RH
VCC
INC
U/D
1
2
3
4
8
7
6
5
X9319
DIP/SOIC
VSS
CS
RL
RW
Symbol
Description
RH
High terminal
RW
Wiper terminal
RL
Low terminal
VSS
Ground
VCC
Supply voltage
U/D
Up/Down control input
INC
Increment control input
CS
Chip select control input


Similar Part No. - X9319US8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9319US8 INTERSIL-X9319US8 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9319US8I INTERSIL-X9319US8I Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9319US8I INTERSIL-X9319US8I Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
X9319US8IZ INTERSIL-X9319US8IZ Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9319US8IZ INTERSIL-X9319US8IZ Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
More results

Similar Description - X9319US8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
X93154 INTERSIL-X93154_08 Datasheet
225Kb / 9P
   Digitally Controlled Potentiometer(XDCP??
X93155 INTERSIL-X93155 Datasheet
246Kb / 8P
   Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com