Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T490A227M004AH Datasheet(PDF) 4 Page - Kemet Corporation

Part # T490A227M004AH
Description  Tantalum Surface Mount Capacitors ??Standard Tantalum Commercial Grade MnO2
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T490A227M004AH Datasheet(HTML) 4 Page - Kemet Corporation

  T490A227M004AH Datasheet HTML 1Page - Kemet Corporation T490A227M004AH Datasheet HTML 2Page - Kemet Corporation T490A227M004AH Datasheet HTML 3Page - Kemet Corporation T490A227M004AH Datasheet HTML 4Page - Kemet Corporation T490A227M004AH Datasheet HTML 5Page - Kemet Corporation T490A227M004AH Datasheet HTML 6Page - Kemet Corporation T490A227M004AH Datasheet HTML 7Page - Kemet Corporation T490A227M004AH Datasheet HTML 8Page - Kemet Corporation T490A227M004AH Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2004_T490 • 9/22/2016
44
Tantalum Surface Mount Capacitors – Standard Tantalum
T490 Series Commercial Grade MnO2
Electrical Characteristics
ESRvs.Frequency
Capacitancevs.Frequency
0.1
1
10
100
100
1,000
10,000
100,000
1,000,000
10,000,000
Frequency (Hz)
490A107/006 Imp
490B227/006 Imp
490B337/004 Imp
490A107/006 ESR
490B227/006 ESR
490B337/004 ESR
0.1
1.0
10.0
100.0
1,000.0
100
1,000
10,000
100,000
1,000,000
Frequency (Hz)
490A107/006 Cap
490B227/006 Cap
490B337/004 Cap


Similar Part No. - T490A227M004AH

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T490A107M006ATE500 KEMET-T490A107M006ATE500 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Consumer, T490, 100 uF, 20%, 6.3 V, 3216, SMD, MnO2, Molded, Consumer, 500 mOhms, Height Max= 1.8mm
T490A107M006ATE800 KEMET-T490A107M006ATE800 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Consumer, T490, 100 uF, 20%, 6.3 V, 3216, SMD, MnO2, Molded, Consumer, 800 mOhms, Height Max = 1.8mm
T490A476M010ATE1K0 KEMET-T490A476M010ATE1K0 Datasheet
76Kb / 1P
   T490, Tantalum, MnO2 Tantalum, Consumer, 47 uF, 20%, 10 VDC, SMD, MnO2, Molded, Consumer, 1 Ohms, 3216, Height Max = 1.8mm
T490A686M006ATE1K0 KEMET-T490A686M006ATE1K0 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Consumer, T490, 68 uF, 20%, 6.3 V, 3216, SMD, MnO2, Molded, Consumer, 1 Ohms, Height Max = 1.8mm
More results

Similar Description - T490A227M004AH

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B106K016AT7280 KEMET-T491B106K016AT7280 Datasheet
2Mb / 25P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO2
T491B685K006AT KEMET-T491B685K006AT Datasheet
2Mb / 25P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO2
T491A106K010AG KEMET-T491A106K010AG Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491A226M006AT KEMET-T491A226M006AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491A335K016AT KEMET-T491A335K016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491X477K006AT KEMET-T491X477K006AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491A336K010AT KEMET-T491A336K010AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491X107M025AT KEMET-T491X107M025AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491X686M025AT KEMET-T491X686M025AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491E476M035AH KEMET-T491E476M035AH Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com