Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C921U472JZWDDA7317 Datasheet(PDF) 5 Page - Kemet Corporation

Part # C921U472JZWDDA7317
Description  Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C921U472JZWDDA7317 Datasheet(HTML) 5 Page - Kemet Corporation

  C921U472JZWDDA7317 Datasheet HTML 1Page - Kemet Corporation C921U472JZWDDA7317 Datasheet HTML 2Page - Kemet Corporation C921U472JZWDDA7317 Datasheet HTML 3Page - Kemet Corporation C921U472JZWDDA7317 Datasheet HTML 4Page - Kemet Corporation C921U472JZWDDA7317 Datasheet HTML 5Page - Kemet Corporation C921U472JZWDDA7317 Datasheet HTML 6Page - Kemet Corporation C921U472JZWDDA7317 Datasheet HTML 7Page - Kemet Corporation C921U472JZWDDA7317 Datasheet HTML 8Page - Kemet Corporation C921U472JZWDDA7317 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1065_X1_440 VAC_Y2_300 VAC • 1/13/2017
5
Radial Leaded Ceramic Disc Capacitors
Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
Table 1 – Product Ordering Codes and Ratings
(1) To properly complete ordering code, insert the one-digit numeric code to reflect required lead spacing: (Note that select capacitance values and
packaging options may limit lead spacing availability. See table above to verify availability.)
7 = 7.5 mm
1 = 10.0 mm
(2) To properly complete ordering code, insert the one-digit character code to reflect the required lead configuration: (See "Lead Configuration" section
of this document, page 2, for further details.)
A = Straight
B = Vertical Kink
C = Outside Kink
D = Inside Kink
(3) To properly complete ordering code, enter the four-digit numeric or alphanumeric "Packaging C-Spec Ordering Code." See "Dimensions" section of
this document, page 2, for available options.
Dielectric/
Temp.
Char.
KEMET
Part Number
Capacitance Capacitance
Tolerance
Dimensions (mm)
Lead Spacing
Body
Diameter
(Maximum)
Body
Thickness
(Maximum)
Lead
Diameter
Bulk
Packaging
Ammo
Packaging
SL
C90(1)U100JZSD(2)A(3)
10 pF
±5%
7.0
5.0
0.55 ±0.1
7.5 mm
or
10 mm
C90(1)U120JZSD(2)A(3)
12 pF
C90(1)U150JZSD(2)A(3)
15 pF
C90(1)U180JZSD(2)A(3)
18 pF
C90(1)U200JZSD(2)A(3)
20 pF
C90(1)U220JZSD(2)A(3)
22 pF
C90(1)U240JZSD(2)A(3)
24 pF
C90(1)U270JZSD(2)A(3)
27 pF
C90(1)U300JZSD(2)A(3)
30 pF
C90(1)U330JZSD(2)A(3)
33 pF
C90(1)U360JZSD(2)A(3)
36 pF
C90(1)U390JZSD(2)A(3)
39 pF
C90(1)U470JZSD(2)A(3)
47 pF
C90(1)U500JZSD(2)A(3)
50 pF
C90(1)U510JZSD(2)A(3)
51 pF
C91(1)U560JZSD(2)A(3)
56 pF
8.0
C91(1)U620JZSD(2)A(3)
62 pF
C91(1)U680JZSD(2)A(3)
68 pF
C91(1)U750JZSD(2)A(3)
75 pF
C92(1)U820JZSD(2)A(3)
82 pF
9.0
C93(1)U101JZSD(2)A(3)
100 pF
10.0
Y5P
C90(1)U101KZYD(2)A(3)
100 pF
±10%
7.0
5.0
0.55 ±0.1
7.5 mm
or
10 mm
C90(1)U151KZYD(2)A(3)
150 pF
C90(1)U221KZYD(2)A(3)
220 pF
C90(1)U331KZYD(2)A(3)
330 pF
C90(1)U471KZYD(2)A(3)
470 pF
C91(1)U561KZYD(2)A(3)
560 pF
8.0
C91(1)U681KZYD(2)A(3)
680 pF
C92(1)U821KZYD(2)A(3)
820 pF
9.0
C92(1)U102KZYD(2)A(3)
1,000 pF
Y5U
C90(1)U102MZWD(2)A(3)
1,000 pF
±20%
7.0
5.0
0.55 ±0.1
7.5 mm or 10 mm
7.5 mm or 10 mm
C92(1)U152MZWD(2)A(3)
1,500 pF
9.0
C92(1)U222MZWD(2)A(3)
2,200 pF
C94(1)U332MZWD(2)A(3)
3,300 pF
11.0
C96(1)U392MZWD(2)A(3)
3,900 pF
13.0
10 mm only
C96(1)U472MZWD(2)A(3)
4,700 pF
Y5V
C90(1)U102MZVD(2)A(3)
1,000 pF
±20%
7.0
5.0
0.55 ±0.1
7.5 mm or 10 mm
7.5 mm or 10 mm
C90(1)U152MZVD(2)A(3)
1,500 pF
C90(1)U222MZVD(2)A(3)
2,200 pF
C92(1)U332MZVD(2)A(3)
3,300 pF
9.0
C94(1)U392MZVD(2)A(3)
3,900 pF
11.0
C94(1)U472MZVD(2)A(3)
4,700 pF
C96(1)U682MZVD(2)A(3)
6,800 pF
13.0
10 mm only
C98(1)U103MZVD(2)A(3)
10,000 pF
15.0
KEMET Part Number
Capacitance
Capacitance
Tolerance
Body Diameter
(Maximum)
Body Thickness
(Maximum)
Lead Diameter
Lead Spacing


Similar Part No. - C921U472JZWDDA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C921U101JVSDAA7317 KEMET-C921U101JVSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
C921U101JVSDBA7317 KEMET-C921U101JVSDBA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
C921U101JVSDCA7317 KEMET-C921U101JVSDCA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
C921U101JVVDAA7317 KEMET-C921U101JVVDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
C921U101JVVDBA7317 KEMET-C921U101JVVDBA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
More results

Similar Description - C921U472JZWDDA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C961U222MWWDAA7317 KEMET-C961U222MWWDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C931U101JVSDAA7317 KEMET-C931U101JVSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
C911U620JUSDAA7317 KEMET-C911U620JUSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 250 VAC (Industrial Grade)
C981U103MYVDAA7317 KEMET-C981U103MYVDAA7317 Datasheet
1Mb / 2P
   Safety Standard Recognized, 900 Series, Radial Disc, Encapsulated, X1 400 VAC / Y1 250 VAC (Industrial Grade)
C771U472MSWDAA7301 KEMET-C771U472MSWDAA7301 Datasheet
1Mb / 18P
   Safety Standard Recognized, C700, Encapsulated, KJN Type, X1 440/760 VAC/Y1 250/400/500 VAC (Industrial Grade)
10/25/2022
logo
Vishay Siliconix
VY2222M35Y5US63V7 VISHAY-VY2222M35Y5US63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2472M49Y5US63V7 VISHAY-VY2472M49Y5US63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2471K29Y5SS63V7 VISHAY-VY2471K29Y5SS63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2332M41Y5US6TV5 VISHAY-VY2332M41Y5US6TV5 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2222M35Y5US63V0 VISHAY-VY2222M35Y5US63V0 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com