Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1205C221SDNDB Datasheet(PDF) 1 Page - API Technologies Corp

Part # SF1205C221SDNDB
Description  Surface Mount EMI Filters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF1205C221SDNDB Datasheet(HTML) 1 Page - API Technologies Corp

  SF1205C221SDNDB Datasheet HTML 1Page - API Technologies Corp SF1205C221SDNDB Datasheet HTML 2Page - API Technologies Corp SF1205C221SDNDB Datasheet HTML 3Page - API Technologies Corp SF1205C221SDNDB Datasheet HTML 4Page - API Technologies Corp SF1205C221SDNDB Datasheet HTML 5Page - API Technologies Corp SF1205C221SDNDB Datasheet HTML 6Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Surface Mount EMI Filters
Three Terminal Chips
Features
s
Excellent performance in high current applications
s
Non-polar, surface mountable
s
Superior filtering characteristics
s
Superb ability to withstand transient voltages
and surge
s
Offers exceptional solderability and resistance
to solder heat
s
Available in 0603, 0805, 1205 and 1806 body size
s
Two amp current rating available
s
Available lead free/RoHS Compliant
Applications
s
Cellular telephones and base stations
s
Telecommunication equipment
s
Industrial electronic interface or programmable
controllers
s
Electronic automotive equipment
s
Computer and peripheral equipment
Typical Electrical Characteristics
Capacitance
Range. . . . . . . . . . . . . . . . . COG (NPO) 22 pF to 470 pF
. . . . . . . . . . . . . . . . . . . . . X7R
470 pF to 47,000 pF
. . . . . . . . . . . . . . . . . . . . . YV5 100,000 pF and 220,000 pF
Capacitance
Tolerance . . . . . . . . . . . . . . COG (NPO) +50/-20%
. . . . . . . . . . . . . . . . . . . . . X7R
+50/-20%
. . . . . . . . . . . . . . . . . . . . . Y5V
+80/-20%
Temperature
Coefficient. . . . . . . . . . . . . . COG (NPO) 0 ±/30 ppm/°C,
. . . . . . . . . . . . . . . . . . . . .
-55 to +125°C
. . . . . . . . . . . . . . . . . . . . . X7R
+/-15%,
. . . . . . . . . . . . . . . . . . . . .
-55 to +125°C
. . . . . . . . . . . . . . . . . . . . . Y5V
-25 to +85˚C
Insulation
Resistance. . . . . . . . . . . . . . up to 22,000 pF 10000 Megohms
. . . . . . . . . . . . . . . . . . . . . 47,000 pF
5000 Megohms
DC
Resistance. . . . . . . . . . . . . . 0.4 Amp or less 0.3 ohm max.
. . . . . . . . . . . . . . . . . . . . . 1 Amp
0.08 ohm max.
. . . . . . . . . . . . . . . . . . . . . 2 Amp
0.04 ohm max.
Rated
Voltage . . . . . . . . . . . . . . . . up to 100 VDC
Rated
Current . . . . . . . . . . . . . . . up to 2 Amps
Input
Circuit
Schematic
SM2


Similar Part No. - SF1205C221SDNDB

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF1205C221SBNB APITECH-SF1205C221SBNB Datasheet
2Mb / 21P
   Surface Mount EMI Filters
More results

Similar Description - SF1205C221SDNDB

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
PSM1-101M-02B APITECH-PSM1-101M-02B Datasheet
2Mb / 21P
   Surface Mount EMI Filters
PSM1-402Z-10T0 APITECH-PSM1-402Z-10T0 Datasheet
2Mb / 21P
   Surface Mount EMI Filters
PSM1F-152M-10T0 APITECH-PSM1F-152M-10T0 Datasheet
2Mb / 21P
   Surface Mount EMI Filters
logo
Murata Manufacturing Co...
BLM11A471SGPT MURATA-BLM11A471SGPT Datasheet
178Kb / 4P
   SURFACE MOUNT EMI FILTERS CHIP FERRITE BEADS
logo
ECM Electronics Limited...
ECF45 ECM-ECF45 Datasheet
89Kb / 1P
   Surface Mount Crystal Filters
logo
Coilcraft lnc.
S3LP156L COILCRAFT-S3LP156L Datasheet
423Kb / 2P
   Surface Mount LC Filters
S3LP156LC COILCRAFT-S3LP156LC Datasheet
517Kb / 2P
   Surface Mount LC Filters
logo
Adam Technologies, Inc.
PLF3P4C ADAM-TECH-PLF3P4C Datasheet
163Kb / 1P
   EMI/RFI POWER LINE FILTERS PCB & CHASSIS MOUNT FILTERS
logo
API Technologies Corp
MSM APITECH-MSM Datasheet
123Kb / 1P
   Surface Mount Low Pass Filters
SSM-RSM APITECH-SSM-RSM Datasheet
189Kb / 2P
   Surface Mount Low Pass Filters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com