Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9410WV24 Datasheet(PDF) 4 Page - Xicor Inc.

Part # X9410WV24
Description  Dual Digitally Controlled Potentiometer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9410WV24 Datasheet(HTML) 4 Page - Xicor Inc.

  X9410WV24 Datasheet HTML 1Page - Xicor Inc. X9410WV24 Datasheet HTML 2Page - Xicor Inc. X9410WV24 Datasheet HTML 3Page - Xicor Inc. X9410WV24 Datasheet HTML 4Page - Xicor Inc. X9410WV24 Datasheet HTML 5Page - Xicor Inc. X9410WV24 Datasheet HTML 6Page - Xicor Inc. X9410WV24 Datasheet HTML 7Page - Xicor Inc. X9410WV24 Datasheet HTML 8Page - Xicor Inc. X9410WV24 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
X9410
Characteristics subject to change without notice.
4 of 21
REV 1.1 10/6/00
www.xicor.com
Write in Process
The contents of the Data Registers are saved to
nonvolatile memory when the CS pin goes from LOW
to HIGH after a complete write sequence is received by
the device. The progress of this internal write operation
can be monitored by a Write In Process bit (WIP). The
WIP bit is read with a Read Status command.
INSTRUCTIONS
Identification (ID) Byte
The first byte sent to the X9410 from the host, following
a CS going HIGH to LOW, is called the Identification
byte. The most significant four bits of the slave address
are a device type identifier, for the X9410 this is fixed
as 0101[B] (refer to Figure 2).
The two least significant bits in the ID byte select one of
four devices on the bus. The physical device address is
defined by the state of the A0-A1 input pins. The X9410
compares the serial data stream with the address input
state; a successful compare of both address bits is
required for the X9410 to successfully continue the
command sequence. The A0–A1 inputs can be actively
driven by CMOS input signals or tied to VCC or VSS.
The remaining two bits in the ID byte must be set to 0.
Figure 2. Identification Byte Format
Instruction Byte
The next byte sent to the X9410 contains the
instruction and register pointer information. The four
most significant bits are the instruction. The next four
bits point to one of the two pots and when applicable
they point to one of four associated registers. The
format is shown below in Figure 3.
1
00
0
0
A1
A0
Device Type
Identifier
Device Address
1
Figure 1. Detailed Potentiometer Block Diagram
Serial Data Path
From Interface
Circuitry
Register 0
Register 1
Register 2
Register 3
Serial
Bus
Input
Parallel
Bus
Input
Wiper
Counter
Register
INC/DEC
Logic
UP/DN
CLK
Modified SCL
UP/DN
VH/RH
VL/RL
VW/RW
If WCR = 00[H] then VW/RW = VL/RL
If WCR = 3F[H] then VW/RW = VH/RH
8
6
C
o
u
n
t
e
r
D
e
c
o
d
e
(WCR)
(One of Two Arrays)


Similar Part No. - X9410WV24

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9410WV24 INTERSIL-X9410WV24 Datasheet
376Kb / 21P
   Low Noise/Low Power/SPI Bus
X9410WV24-2.7 INTERSIL-X9410WV24-2.7 Datasheet
376Kb / 21P
   Low Noise/Low Power/SPI Bus
X9410WV24-2.7 INTERSIL-X9410WV24-2.7 Datasheet
397Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Renesas Technology Corp
X9410WV24-2.7 RENESAS-X9410WV24-2.7 Datasheet
479Kb / 21P
   Low Noise/Low Power/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9410WV24I INTERSIL-X9410WV24I Datasheet
376Kb / 21P
   Low Noise/Low Power/SPI Bus
More results

Similar Description - X9410WV24

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9410 INTERSIL-X9410_06 Datasheet
397Kb / 21P
   Dual Digitally Controlled Potentiometer
X9221AYS INTERSIL-X9221AYS Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
X9221A INTERSIL-X9221A_06 Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com