Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9251TS24 Datasheet(PDF) 10 Page - Xicor Inc.

Part # X9251TS24
Description  Quad Digitally-Controlled (XDCP) Potentiometer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9251TS24 Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X9251TS24 Datasheet HTML 6Page - Xicor Inc. X9251TS24 Datasheet HTML 7Page - Xicor Inc. X9251TS24 Datasheet HTML 8Page - Xicor Inc. X9251TS24 Datasheet HTML 9Page - Xicor Inc. X9251TS24 Datasheet HTML 10Page - Xicor Inc. X9251TS24 Datasheet HTML 11Page - Xicor Inc. X9251TS24 Datasheet HTML 12Page - Xicor Inc. X9251TS24 Datasheet HTML 13Page - Xicor Inc. X9251TS24 Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
X9251
Characteristics subject to change without notice.
10 of 25
REV 1.3.3 2/10/04
www.xicor.com
Instructions
Four of the nine instructions are three bytes in length.
These instructions are:
– Read Wiper Counter Register – read the current
wiper position of the selected potentiometer,
– Write Wiper Counter Register – change current
wiper position of the selected potentiometer,
– Read Data Register – read the contents of the
selected Data Register,
– Write Data Register – write a new value to the
selected Data Register,
– Read Status – this command returns the contents of
the WIP bit which indicates if the internal write cycle
is in progress.
The basic sequence of the three byte instructions is
illustrated in Figure 3. These three-byte instructions
exchange data between the WCR and one of the Data
Registers. A transfer from a Data Register to a WCR is
essentially a write to a static RAM, with the static RAM
controlling the wiper position. The response of the
wiper to this action is delayed by tWRL. A transfer from
the WCR (current wiper position), to a Data Register is
a write to non-volatile memory and takes a minimum of
tWR to complete. The transfer can occur between one
of the four potentiometer’s WCR, and one of its
associated registers, DRs; or it may occur globally,
where the transfer occurs between all potentiometers
and one associated register. The Read Status Register
instruction is the only unique format (see Figure 5).
Four instructions require a two-byte sequence to
complete. These instructions transfer data between the
host and the X9251; either between the host and one
of the data registers or directly between the host and
the Wiper Counter Register. These instructions are:
– XFR Data Register to Wiper Counter Register –
This transfers the contents of one specified Data
Register to the associated Wiper Counter Register.
– XFR Wiper Counter Register to Data Register –
This transfers the contents of the specified Wiper
Counter Register to the specified associated Data
Register.
– Global XFR Data Register to Wiper Counter
Register – This transfers the contents of all specified
Data Registers to the associated Wiper Counter
Registers.
– Global XFR Wiper Counter Register to Data
Register – This transfers the contents of all Wiper
Counter Registers to the specified associated Data
Registers.
INCREMENT/DECREMENT COMMAND
The final command is Increment/Decrement (see
Figures 6 and 7). The Increment/Decrement command
is different from the other commands. Once the
command is issued and the X9251 has responded with
an Acknowledge, the master can clock the selected
wiper up and/or down in one segment steps; thereby,
providing a fine tuning capability to the host. For each
SCK clock pulse (tHIGH) while SI is HIGH, the selected
wiper moves one wiper position towards the RH
terminal. Similarly, for each SCK clock pulse while SI is
LOW, the selected wiper moves one wiper position
towards the RL terminal. A detailed illustration of the
sequence and timing for this operation are shown. See
Instruction format for more details.


Similar Part No. - X9251TS24

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9251TS24 INTERSIL-X9251TS24 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251TS24 INTERSIL-X9251TS24 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
X9251TS24-2.7 INTERSIL-X9251TS24-2.7 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251TS24-2.7 INTERSIL-X9251TS24-2.7 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
X9251TS24I INTERSIL-X9251TS24I Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
More results

Similar Description - X9251TS24

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com