Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0603X106J4RAC3317 Datasheet(PDF) 4 Page - Kemet Corporation

Part # C0603X106J4RAC3317
Description  Flexible Termination System (FT-CAP), X7R Dielectric, 6.3-100 VDC, VW 80808 Specification
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603X106J4RAC3317 Datasheet(HTML) 4 Page - Kemet Corporation

  C0603X106J4RAC3317 Datasheet HTML 1Page - Kemet Corporation C0603X106J4RAC3317 Datasheet HTML 2Page - Kemet Corporation C0603X106J4RAC3317 Datasheet HTML 3Page - Kemet Corporation C0603X106J4RAC3317 Datasheet HTML 4Page - Kemet Corporation C0603X106J4RAC3317 Datasheet HTML 5Page - Kemet Corporation C0603X106J4RAC3317 Datasheet HTML 6Page - Kemet Corporation C0603X106J4RAC3317 Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
Special_VW/AUDI • 1/26/2016
Surface Mount Multilayer Ceramic Capacitors (SMD MLCCs)
Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 – 100 VDC, VW 80808 specification
Table 2 – Chip Thickness/Tape & Reel Packaging Quantities
Thickness
Code
Case
Size
Thickness ±
Range (mm)
Paper Quantity1
Plastic Quantity
7" Reel
13" Reel
7" Reel
13" Reel
AA
1005
15000
AB
0201
15000
BB
0402
15000
BC
0402
15000
PA
0508
0.80 ± 0.10
4000
10000
CB
0603
0.80 ± 0.07
4000
10000
CF
0603
0.80 ± 0.07*
4000
15000
CC
0603
0.80 ± 0.10
4000
10000
CG
0603
0.80 ± 0.10*
4000
15000
CD
0603
0.80 ± 0.15
4000
10000
CJ
0603
0.80 ± 0.15*
4000
15000
CH
0603
0.85 ± 0.07
4000
10000
MA
0612
0.80 ± 0.10
4000
10000
DB
0805
0.60 ± 0.10
4000
10000
DC
0805
0.78 ± 0.10
4000
10000
DR
0805
0.78 ± 0.20
4000
10000
DK
0805
0.80 ± 0.10
4000
10000
DD
0805
0.90 ± 0.10
4000
10000
DL
0805
0.95 ± 0.10
4000
10000
DE
0805
1.00 ± 0.10
2500
10000
DS
0805
1.00 ± 0.20
2500
10000
DF
0805
1.10 ± 0.10
2500
10000
DG
0805
1.25 ± 0.15
2500
10000
DH
0805
1.25 ± 0.20
2500
10000
EB
1206
0.78 ± 0.10
4000
10000
4000
10000
EQ
1206
0.78 ± 0.20
4000
10000
4000
10000
EK
1206
0.80 ± 0.10
2000
8000
EC
1206
0.90 ± 0.10
4000
10000
ER
1206
0.90 ± 0.20
4000
10000
EN
1206
0.95 ± 0.10
4000
10000
ED
1206
1.00 ± 0.10
2500
10000
ES
1206
1.00 ± 0.20
2500
10000
EE
1206
1.10 ± 0.10
2500
10000
ET
1206
1.10 ± 0.20
2500
10000
EF
1206
1.20 ± 0.15
2500
10000
EP
1206
1.20 ± 0.20
2500
10000
EM
1206
1.25 ± 0.15
2500
10000
EL
1206
1.25 ± 0.20
2500
10000
EG
1206
1.60 ± 0.15
2000
8000
EH
1206
1.60 ± 0.20
2000
8000
EU
1206
1.60 ± 0.25
2000
8000
EJ
1206
1.70 ± 0.20
2000
8000
FB
1210
0.78 ± 0.10
4000
10000
FN
1210
0.78 ± 0.20
4000
10000
FC
1210
0.90 ± 0.10
4000
10000
FQ
1210
0.90 ± 0.20
4000
10000
FD
1210
0.95 ± 0.10
4000
10000
Thickness
Code
Case
Size
Thickness ±
Range (mm)
7" Reel
13" Reel
7" Reel
13" Reel
Paper Quantity1
Plastic Quantity


Similar Part No. - C0603X106J4RAC3317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603X106J4RACAUTO KEMET-C0603X106J4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603X106J4RACTU KEMET-C0603X106J4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
More results

Similar Description - C0603X106J4RAC3317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220X105K2RACTU KEMET-C2220X105K2RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1206X104J3JACTU KEMET-C1206X104J3JACTU Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), U2J Dielectric, 10 - 50 VDC (Commercial Grade)
C0805Y104K5RACTU KEMET-C0805Y104K5RACTU Datasheet
1Mb / 22P
   Floating Electrode Design with Flexible Termination System (FF-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C0805Y104K5RACTU KEMET-C0805Y104K5RACTU_17 Datasheet
1Mb / 21P
   Floating Electrode Design with Flexible Termination System (FF-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
C1210X154KCRACTU KEMET-C1210X154KCRACTU Datasheet
1Mb / 22P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU Datasheet
1Mb / 21P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com